Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UBA2028T Datasheet(PDF) 1 Page - NXP Semiconductors

Part # UBA2028T
Description  600 V dimmable power IC for compact fluorescent lamps
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UBA2028T Datasheet(HTML) 1 Page - NXP Semiconductors

  UBA2028T Datasheet HTML 1Page - NXP Semiconductors UBA2028T Datasheet HTML 2Page - NXP Semiconductors UBA2028T Datasheet HTML 3Page - NXP Semiconductors UBA2028T Datasheet HTML 4Page - NXP Semiconductors UBA2028T Datasheet HTML 5Page - NXP Semiconductors UBA2028T Datasheet HTML 6Page - NXP Semiconductors UBA2028T Datasheet HTML 7Page - NXP Semiconductors UBA2028T Datasheet HTML 8Page - NXP Semiconductors UBA2028T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1.
General description
The UBA2028 is a high voltage power IC that drives and controls electronically ballasted
Compact Fluorescent Lamps (CFLs). The IC includes a Metal-Oxide-Semiconductor
Transistor (MOST) half-bridge power circuit, a dimming function, a high voltage level shift
circuit, an oscillator function, a lamp voltage monitor, a current control function, a timer
function and various protections.
2.
Features and benefits
Two internal 600 V, 3
Ω max MOST half-bridge power circuits
For steady state currents up to 280 mA
For ignition currents up to 1.5 A
Adjustable preheat time
Adjustable preheat current
Current controlled operating
Single ignition attempt
Adaptive non-overlap time control
Integrated high voltage level shift function
Power-down function
Protection against lamp failures or lamp removal
Capacitive mode protection
3.
Applications
5 W to 25 W dimmable CFLs, provided that the maximum junction temperature is not
exceeded.
UBA2028
600 V dimmable power IC for compact fluorescent lamps
Rev. 02 — 19 July 2010
Product data sheet


Similar Part No. - UBA2028T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2028T NXP-UBA2028T Datasheet
136Kb / 21P
   600 V dimmable power IC for compact fluorescent lamps
Rev. 01-9 October 2009
More results

Similar Description - UBA2028T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2028 NXP-UBA2028 Datasheet
136Kb / 21P
   600 V dimmable power IC for compact fluorescent lamps
Rev. 01-9 October 2009
UBA20270 NXP-UBA20270 Datasheet
924Kb / 32P
   600 V Driver IC for dimmable compact fluorescent lamps
Rev. 2-8 September 2011
UBA20271 NXP-UBA20271 Datasheet
464Kb / 33P
   350 V and 600 V Power ICs for dimmable compact fluorescent lamps
Rev. 2 .1 - 12 October 2011
UBA20271 PHILIPS-UBA20271 Datasheet
465Kb / 33P
   350 V and 600 V Power ICs for dimmable compact fluorescent lamps
Rev. 2.1-12 October 2011
UBA2014 PHILIPS-UBA2014 Datasheet
111Kb / 20P
   600 V driver IC for HF fluorescent lamps
2002 May 16
UBA2014 NXP-UBA2014 Datasheet
112Kb / 19P
   600 V driver IC for HF fluorescent lamps
Rev. 04-16 October 2008
logo
Fairchild Semiconductor
FAN7710 FAIRCHILD-FAN7710 Datasheet
921Kb / 18P
   Ballast Control IC for Compact Fluorescent Lamps
logo
ON Semiconductor
FAN7710V ONSEMI-FAN7710V Datasheet
1Mb / 20P
   Ballast Control IC for Compact Fluorescent Lamps
February 2012 Ver 1.0.4
logo
Fairchild Semiconductor
FAN7710V FAIRCHILD-FAN7710V Datasheet
1Mb / 18P
   Ballast Control IC for Compact Fluorescent Lamps
logo
NXP Semiconductors
UBA20260 NXP-UBA20260 Datasheet
273Kb / 30P
   600 V driver IC for step dimmable CFLs
Rev. 2-10 October 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com