Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC2 Datasheet(PDF) 11 Page - NEC

Part # UC2
Description  SUPER-COMPACT SIZE, FLAT-PACKAGE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UC2 Datasheet(HTML) 11 Page - NEC

Back Button UC2 Datasheet HTML 7Page - NEC UC2 Datasheet HTML 8Page - NEC UC2 Datasheet HTML 9Page - NEC UC2 Datasheet HTML 10Page - NEC UC2 Datasheet HTML 11Page - NEC UC2 Datasheet HTML 12Page - NEC UC2 Datasheet HTML 13Page - NEC UC2 Datasheet HTML 14Page - NEC UC2 Datasheet HTML 15Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2007.08.03 P0894EMDD03VOL03E
UC2/UD2 SERIES
11
PACKING DIMENSIONS (Unit: mm)
TUBE PACKING (UC2/UD2)
50 pieces / Tube (anti-static)
TAPE PACKING (UD2)
APPEARANCE
1200 pieces / Reel
Reel diameter: 380mm
TAPE DIMENSIONS
A
B
UD2-xxNU-L
UD2-xxNE-L
Max.6.2
9.2
UD2-xxNUN-L
UD2-xxNEN-L
Max.6.6
7.5
RELAY DIRECTION AND TAPE CARRYING DIRECTION
Reel
Top cover tape
Emboss
Carrying tape
Reel
Top cover tape
Emboss
Carrying tape
Direction mark
Sprocket hole
Direction of unreeling
Direction mark
Sprocket hole
Direction of unreeling
24.0
4
Φ
1.5
Φ
2.2
12
11.5
2.0
1.75
B
0.4
A
11.4
24.0
4
Φ
1.5
Φ
2.2
12
11.5
2.0
1.75
B
0.4
A
11.4
11.0
560
12.1
Rubber stopper (Yellow)
Direction of relay direction mark
Rubber stopper (Green)
11.0
560
12.1
Rubber stopper (Yellow)
Direction of relay direction mark
Rubber stopper (Green)


Similar Part No. - UC2

ManufacturerPart #DatasheetDescription
logo
NEC
UC2 NEC-UC2 Datasheet
926Kb / 7P
   Miniature Relays
logo
Kemet Corporation
UC2 KEMET-UC2 Datasheet
1Mb / 16P
   Miniature Signal Relays
2/2/2023
logo
Texas Instruments
UC2-1 TI-UC2-1 Datasheet
184Kb / 6P
[Old version datasheet]   Fast LDO Linear Regulator
logo
Kemet Corporation
UC2-12SNE-L KEMET-UC2-12SNE-L Datasheet
1Mb / 17P
   Electronic switching systems
UC2-12SNE-L KEMET-UC2-12SNE-L Datasheet
1Mb / 16P
   Miniature Signal Relays
2/2/2023
More results

Similar Description - UC2

ManufacturerPart #DatasheetDescription
logo
NEC
UB23SNUL NEC-UB23SNUL Datasheet
129Kb / 12P
   Super-compact size, Slim-package, Surface mounting type
logo
Sanyo Semicon Device
DL-3150-101 SANYO-DL-3150-101 Datasheet
81Kb / 3P
   Compact Flat Package Type Laser Diode
logo
GeneSiC Semiconductor, ...
GBJ25J GENESIC-GBJ25J Datasheet
736Kb / 3P
   Single in-line DIP package, compact size
logo
List of Unclassifed Man...
CLE310F ETC1-CLE310F Datasheet
102Kb / 1P
   Super-efficient AlGaAs IRED Flat Lead PLCC Package
logo
Clairex Technologies, I...
CLE310F CLAIREX-CLE310F Datasheet
106Kb / 1P
   Super-efficient AlGaAs IRED Flat Lead PLCC Package
logo
C&K Components
KMS221GLFS CK-COMPONENTS-KMS221GLFS Datasheet
515Kb / 2P
   Compact size
logo
XP Power Limited
ECM XPPOWER-ECM Datasheet
367Kb / 6P
   Compact Size
logo
Surge Components
C46 SURGE-C46 Datasheet
2Mb / 9P
   Compact size
logo
HuaXinAn Electronics CO...
NG8ND HUAXINAN-NG8ND Datasheet
316Kb / 1P
   Compact size
logo
Surge Components
C45 SURGE-C45 Datasheet
3Mb / 9P
   Compact size
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com