Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OSG50603C1D Datasheet(PDF) 5 Page - OptoSupply International

Part # OSG50603C1D
Description  1.6 x 0.8 x 0.45mm SMD
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSG50603C1D Datasheet(HTML) 5 Page - OptoSupply International

  OSG50603C1D Datasheet HTML 1Page - OptoSupply International OSG50603C1D Datasheet HTML 2Page - OptoSupply International OSG50603C1D Datasheet HTML 3Page - OptoSupply International OSG50603C1D Datasheet HTML 4Page - OptoSupply International OSG50603C1D Datasheet HTML 5Page - OptoSupply International OSG50603C1D Datasheet HTML 6Page - OptoSupply International OSG50603C1D Datasheet HTML 7Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
http://www.optosupply.com
VER A.0
11..66 xx 00..88 xx 00..4455m
mm
m S
SM
MD
D
OSXX0603C1D
V
Veerr..A
A..11
Material
White/ Blue/ Yellow green/ Yellow/ Orange/ Red:
LED & Application Technologies


Similar Part No. - OSG50603C1D

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSG50805C1C OPTOSUPPLY-OSG50805C1C Datasheet
84Kb / 1P
   2.0x1.25x1.0mm SMD
More results

Similar Description - OSG50603C1D

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSHR1608C1A OPTOSUPPLY-OSHR1608C1A Datasheet
335Kb / 6P
   1.6 x 0.8 x 0.4mm SMD
OSR50603C1C OPTOSUPPLY-OSR50603C1C Datasheet
444Kb / 7P
   1.6 x 0.8 x 0.55mm SMD
OSWT0603C1A OPTOSUPPLY-OSWT0603C1A Datasheet
385Kb / 7P
   1.6 x 0.8 x 0.4mm SMD
OSXX0603C1A OPTOSUPPLY-OSXX0603C1A Datasheet
391Kb / 7P
   1.6 x 0.8 x 0.4mm SMD
OSHR0603C1A OPTOSUPPLY-OSHR0603C1A_13 Datasheet
458Kb / 8P
   1.6 x 0.8 x 0.4mm SMD
OSWT0603C1A OPTOSUPPLY-OSWT0603C1A_11 Datasheet
145Kb / 2P
   1.6 x 0.8 x 0.4mm white SMD
logo
Kingbright Corporation
AP1608P1C-P22 KINGBRIGHT-AP1608P1C-P22 Datasheet
564Kb / 4P
   1.6 x 0.8 mm Phototransistor
AP1608 KINGBRIGHT-AP1608 Datasheet
97Kb / 4P
   1.6 X 0.8 MM SMD CHIP LED LAMP
APT1608QWF-D-AMT KINGBRIGHT-APT1608QWF-D-AMT Datasheet
321Kb / 5P
   1.6 x 0.8 mm SMD Chip LED Lamp
APTD1608LQBC-D KINGBRIGHT-APTD1608LQBC-D Datasheet
318Kb / 4P
   1.6 x 0.8 mm SMD Chip LED Lamp
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com