Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100-501 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 100-501
Description  Window Diameter 1.56, 2.0, 2.5
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

100-501 Datasheet(HTML) 1 Page - Tyco Electronics

  100-501 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Model 100
Window Diameter 1.56", 2.0", 2.5"
100 – 201
200:5
C10
0.6 0.6
1.2
2.4
0.057
2.0
2.0
100 – 301
300:5*
C10
0.3
0.3
0.6
1.2
0.091
2.0
2.0
100 – 401
400:5*
C20
0.3
0.3
0.6
0.6
1.2
0.133
2.0
2.0
100 – 501
500:5*
C20
0.3
0.3
0.3
0.6
1.2
0.166
2.0
1.5
100 – 601
600:5*
C20
0.3
0.3
0.3
0.3
0.6
0.199
2.0
1.5
100 – 801
800:5*
C20
0.3
0.3
0.3
0.3
0.3
0.266
1.5
1.33
100 – 102
1000:5*
C50
0.3
0.3
0.3
0.3
0.3
0.332
1.5
1.0
100 – 122
1200:5*
C20
0.3
0.3
0.3
0.3
0.3
0.374
1.5
1.0
100 – 152
1500:5*
C20
0.3
0.3
0.3
0.3
0.3
0.468
1.33
1.0
100 – 162
1600:5*
C50
0.3
0.3
0.3
0.3
0.3
0.499
1.33
1.0
100 – 202
2000:5*
C50
0.3
0.3
0.3
0.3
0.3
0.624
1.0
0.8
100 – 252
2500:5*
C50
0.3
0.3
0.3
0.3
0.3
0.735
1.0
0.8
100 – 302 3000:5*
C50
0.3
0.3
0.3
0.3
0.3
0.882
1.0
0.8
ANSI Metering class at 60Hz Secondary
winding
resistance
(0HMS @ 75˚C
Continuous
thermal
rating factor
@30˚C @55˚C
Catalogue
Current
V.A. for
Number
Ratio
±1% class
B0.1 B0.2 B0.5 B0.9 B1.8
25
Application:
Relaying and metering
Frequency:
50 – 400Hz
Insulation Level:
600 Volts, 10kV BIL full wave
• Terminals are brass studs No. 8 – 32
with one flatwasher, lockwasher and
regular nut
• Order mounting bracket kit separately
• Multi-ratios available upon request
• Approximate weight: 9.5 lbs
Approvals
CSA 223647
UL 257877


Similar Part No. - 100-501

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
100-50TW ANAREN-100-50TW Datasheet
308Kb / 2P
   100 Watts
More results

Similar Description - 100-501

ManufacturerPart #DatasheetDescription
logo
TAITIEN ELECTRONICS CO....
XO-0108-32.768K-OX-OY TAITIEN-XO-0108-32.768K-OX-OY Datasheet
758Kb / 1P
   3.2 x 2.5 / 2.5 x 2.0 mm SMD Oscillator
logo
List of Unclassifed Man...
M5D0112S-A ETC2-M5D0112S-A Datasheet
61Kb / 2P
   1 DIAMETER 2.0 AMPS 28 VDC
logo
MMD Components
MXH MMD-MXH Datasheet
52Kb / 1P
   2.0 x 2.5 Ceramic SMD Oscillator
MXC MMD-MXC_12 Datasheet
122Kb / 2P
   2.0 x 2.5 Ceramic SMD Oscillatorr
logo
TAITIEN ELECTRONICS CO....
AT-0017-XY TAITIEN-AT-0017-XY Datasheet
467Kb / 1P
   2.5 x 2.0 mm SMD Crystal
logo
MMD Components
MXH1 MMD-MXH1_12 Datasheet
119Kb / 2P
   2.0 x 2.5 Ceramic SMD Oscillator
MXH MMD-MXH_12 Datasheet
131Kb / 2P
   2.0 x 2.5 Ceramic SMD Oscillator
logo
EUROQUARTZ limited
XO22 EUROQUARTZ-XO22 Datasheet
222Kb / 2P
   2.5 x 2.0 x 0.9mm SMD HCMOS
logo
TAITIEN ELECTRONICS CO....
XO-0079-OY-TYPE TAITIEN-XO-0079-OY-TYPE Datasheet
342Kb / 1P
   2.5 x 2.0 mm SMD Crystal Oscillator
XO-0078-PY-TYPE TAITIEN-XO-0078-PY-TYPE Datasheet
387Kb / 1P
   2.5 x 2.0 mm SMD Crystal Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com