Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OSUBECX Datasheet(PDF) 1 Page - OptoSupply International

Part # OSUBECX
Description  Memory RGB controller
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSUBECX Datasheet(HTML) 1 Page - OptoSupply International

  OSUBECX Datasheet HTML 1Page - OptoSupply International OSUBECX Datasheet HTML 2Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.optosupply.hk
Ver.1
1
Memory RGB controller
Specifications:
1
Supply voltage
DC12V
Output current
<2A(each channel)
Output
Three CMOS drain- open output
Working temperature
-20~60 ℃
Connecting Mode
Common anode
Size
L62*W35*H23mm
Product weight
40g
Direction for use:
Adopt button control method ,function of each button as below:
key: is the style/color function key, could choose different color changes, 12 changes in
total.
This product has the memory function after power off
Adopt switch function control as follows :
Items
Patterns
1
Static red
2
Static blue
3
Static purple
4
Static green
5
Static yellow
6
Static cyan
7
Static white
8
Three-color jumpy changing
9
Seven-color jumpy changing
10
Three-color gradual changing
11
Seven-color gradual changing
12
Automatic circulation
Product Picture:
OSUBECF
OSUBECS
Packing Dimensions:
OSUBECW
Model No.
OSUBECX
REV.
C1


Similar Part No. - OSUBECX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OSUB5111A ETC1-OSUB5111A Datasheet
89Kb / 1P
   5mm Blue Long LED
OSUB5X31A ETC-OSUB5X31A Datasheet
288Kb / 2P
   5MM BLINKING BLUE LED
OSUB5X31A-1.5HZ ETC-OSUB5X31A-1.5HZ Datasheet
288Kb / 2P
   5MM BLINKING BLUE LED
More results

Similar Description - OSUBECX

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
AATIAN81 SIGE-AATIAN81 Datasheet
226Kb / 4P
   Dual RGB Controller
logo
Ningbo Foryard Optoelec...
FY-V300-DC12V FORYARD-FY-V300-DC12V Datasheet
207Kb / 5P
   Wired RGB Controller
logo
SiGe Semiconductor, Inc...
AATIAN79 SIGE-AATIAN79 Datasheet
239Kb / 4P
   Single RGB Controller
logo
Advanced Analogic Techn...
AAT4295 ANALOGICTECH-AAT4295 Datasheet
236Kb / 16P
   Single/Dual RGB Controller
logo
NXP Semiconductors
SAA4951 PHILIPS-SAA4951 Datasheet
95Kb / 25P
   Memory controller
April 1994
SAA4952WP PHILIPS-SAA4952WP Datasheet
159Kb / 32P
   Memory controller
1997 Jun 10
logo
List of Unclassifed Man...
5012MINIRGBCONTROLLER ETC2-5012MINIRGBCONTROLLER Datasheet
201Kb / 1P
   Mini RGB controller is a strip controller.
logo
Advanced Analogic Techn...
AAT3128 ANALOGICTECH-AAT3128 Datasheet
630Kb / 13P
   RGB LED Fashion Lighting Controller
logo
OptoSupply Internationa...
OS-OC013AIG2 OPTOSUPPLY-OS-OC013AIG2 Datasheet
882Kb / 2P
   PRODUCT SPECIFICATION FOR RGB Controller
logo
Advanced Analogic Techn...
AAT3128 ANALOGICTECH-AAT3128_08 Datasheet
657Kb / 12P
   RGB LED Fashion Lighting Controller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com