Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS3812 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDS3812
Description  80V N-Channel Dual PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS3812 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDS3812 Datasheet HTML 1Page - Fairchild Semiconductor FDS3812 Datasheet HTML 2Page - Fairchild Semiconductor FDS3812 Datasheet HTML 3Page - Fairchild Semiconductor FDS3812 Datasheet HTML 4Page - Fairchild Semiconductor FDS3812 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FDS3812 Rev B1(W)
Typical Characteristics
0
5
10
15
20
012
345
VDS, DRAIN-SOURCE VOLTAGE (V)
5.0V
4.0V
4.5V
VGS = 10V
6.0V
0.8
1
1.2
1.4
1.6
1.8
0
5
10
15
20
ID, DRAIN CURRENT (A)
V
GS = 4.0V
4.5V
5.0V
10V
6.0V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.4
0.7
1
1.3
1.6
1.9
2.2
2.5
-50
-25
0
25
50
75
100
125
150
175
TJ, JUNCTION TEMPERATURE (
oC)
ID = 3.4A
VGS =10V
0.02
0.06
0.1
0.14
0.18
246
8
10
VGS, GATE TO SOURCE VOLTAGE (V)
ID = 1.7 A
TA = 125
oC
T
A = 25
oC
Figure 3. On-Resistance Variation with
Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
5
10
15
20
2345
VGS, GATE TO SOURCE VOLTAGE (V)
T
A = 125
oC
-55
oC
V
DS = 5V
25
oC
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
VSD, BODY DIODE FORWARD VOLTAGE (V)
T
A = 125
oC
25
oC
-55
oC
V
GS = 0V
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.


Similar Part No. - FDS3812

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS3890 FAIRCHILD-FDS3890 Datasheet
85Kb / 5P
   80V N-Channel Dual PowerTrench MOSFET
More results

Similar Description - FDS3812

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS3890 FAIRCHILD-FDS3890 Datasheet
85Kb / 5P
   80V N-Channel Dual PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDS3512 KEXIN-KDS3512 Datasheet
62Kb / 2P
   80V N-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
SI4480DY FAIRCHILD-SI4480DY Datasheet
90Kb / 5P
   80V N-Channel PowerTrench MOSFET
FDS3590 FAIRCHILD-FDS3590 Datasheet
204Kb / 8P
   80V N-Channel PowerTrench MOSFET
FDS3570 FAIRCHILD-FDS3570_00 Datasheet
83Kb / 5P
   80V N-Channel PowerTrench MOSFET
FDS3570 FAIRCHILD-FDS3570 Datasheet
250Kb / 8P
   80V N-Channel PowerTrench??MOSFET
FDC3512 FAIRCHILD-FDC3512 Datasheet
133Kb / 5P
   80V N-Channel PowerTrench MOSFET
FDD3570 FAIRCHILD-FDD3570 Datasheet
219Kb / 8P
   80V N-Channel PowerTrench MOSFET
FDD3570_0011 FAIRCHILD-FDD3570_0011 Datasheet
76Kb / 5P
   80V N-Channel PowerTrench MOSFET
FDS3512 FAIRCHILD-FDS3512 Datasheet
86Kb / 5P
   80V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com