Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC1825L Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UC1825L
Description  High Speed PWM Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC1825L Datasheet(HTML) 3 Page - Texas Instruments

  UC1825L Datasheet HTML 1Page - Texas Instruments UC1825L Datasheet HTML 2Page - Texas Instruments UC1825L Datasheet HTML 3Page - Texas Instruments UC1825L Datasheet HTML 4Page - Texas Instruments UC1825L Datasheet HTML 5Page - Texas Instruments UC1825L Datasheet HTML 6Page - Texas Instruments UC1825L Datasheet HTML 7Page - Texas Instruments UC1825L Datasheet HTML 8Page - Texas Instruments UC1825L Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
UC1825
UC2825
UC3825
ELECTRICAL CHARACTERISTICS: Unless otherwise stated, these specifications apply for , RT = 3.65k, CT = 1nF, VCC
= 15V, -55
°C<TA<125°C for the UC1825, –40°C<TA<85°C for the UC2825, and 0°C<TA<70°C for the UC3825, TA=TO.
UC1825
UC3825
PARAMETERS
TEST CONDITIONS
UC2825
MIN
TOP
MAX
MIN
TOP
MAX
UNITS
Reference Section
Output Voltage
TO = 25
°C, IO = 1mA
5.05
5.10
5.15
5.00
5.10
5.20
V
Line Regulation
10V < VCC < 30V
2
20
2
20
mV
Load Regulation
1mA < IO < 10mA
5
20
5
20
mV
Temperature Stability*
TMIN < TA <TMAX
0.2
0.4
0.2
0.4
mV/
°C
Total Output Variation*
Line, Load, Temperature
5.00
5.20
4.95
5.25
V
Output Noise Voltage*
10Hz < f < 10kHz
50
50
µV
Long Term Stability*
TJ = 125
°C, 1000hrs.
5
25
5
25
mV
Short Circuit Current
VREF = 0V
-15
-50
-100
-15
-50
-100
mA
Oscillator Section
Initial Accuracy*
TJ = 2
°C
360
400
440
360
400
440
kHz
Voltage Stability*
10V < VCC < 30V
0.2
2
0.2
2
%
Temperature Stability*
TMIN < TA <TMAX
55
%
Total Variation*
Line, Temperature
340
460
340
460
kHz
Oscillator Section (cont.)
Clock Out High
3.9
4.5
3.9
4.5
V
Clock Out Low
2.3
2.9
2.3
2.9
V
Ramp Peak*
2.6
2.8
3.0
2.6
2.8
3.0
V
Ramp Valley*
0.7
1.0
1.25
0.7
1.0
1.25
V
Ramp Valley to Peak*
1.6
1.8
2.0
1.6
1.8
2.0
V
Error Amplifier Section
Input Offset Voltage
10
15
mV
Input Bias Current
0.6
3
0.6
3
µA
Input Offset Current
0.1
1
0.1
1
µA
Open Loop Gain
1V < VO < 4V
60
95
60
95
dB
CMRR
1.5V < VCM < 5.5V
75
95
75
95
dB
PSRR
10V < VCC < 30V
85
110
85
110
dB
Output Sink Current
VPIN 3 = 1V
1
2.5
1
2.5
mA
Output Source Current
VPIN 3 = 4V
-0.5
-1.3
-0.5
-1.3
mA
Output High Voltage
IPIN 3 = -0.5mA
4.0
4.7
5.0
4.0
4.7
5.0
V
Output Low Voltage
IPIN 3 = 1mA
0
0 .5
1.0
0
0.5
1.0
V
Unity Gain Bandwidth*
3
5.5
3
5.5
MHz
Slew Rate*
6
12
6
12
V/
µs


Similar Part No. - UC1825L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1825L TI-UC1825L Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
UC1825L TI-UC1825L Datasheet
928Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC1825L TI1-UC1825L Datasheet
910Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC1825L883B TI-UC1825L883B Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
UC1825L883B TI-UC1825L883B Datasheet
928Kb / 19P
[Old version datasheet]   High Speed PWM Controller
More results

Similar Description - UC1825L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC3825B TI-UC3825B Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI-UC1825 Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
UC2825AQDW TI-UC2825AQDW Datasheet
928Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825A-Q1 TI-UC2825A-Q1_15 Datasheet
932Kb / 17P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com