Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC2825N Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UC2825N
Description  High Speed PWM Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC2825N Datasheet(HTML) 2 Page - Texas Instruments

  UC2825N Datasheet HTML 1Page - Texas Instruments UC2825N Datasheet HTML 2Page - Texas Instruments UC2825N Datasheet HTML 3Page - Texas Instruments UC2825N Datasheet HTML 4Page - Texas Instruments UC2825N Datasheet HTML 5Page - Texas Instruments UC2825N Datasheet HTML 6Page - Texas Instruments UC2825N Datasheet HTML 7Page - Texas Instruments UC2825N Datasheet HTML 8Page - Texas Instruments UC2825N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
UC1825
UC2825
UC3825
CONNECTION DIAGRAMS
DIL-16 (Top View)
J or N Package
SOIC-16 (Top View)
DW Package
PACKAGE PIN FUNCTION
FUNCTION
PIN
N/C
1
INV
2
NI
3
E/A Out
4
Clock
5
N/C
6
RT
7
CT
8
Ramp
9
Soft Start
10
N/C
11
ILIM/SD
12
Gnd
13
Out A
14
Pwr Gnd
15
N/C
16
VC
17
Out B
18
VCC
19
VREF 5.1V
20
PLCC-20 & LCC-20
(Top View)
Q & L Packages
ABSOLUTE MAXIMUM RATINGS (Note 1)
Supply Voltage (Pins 13, 15) . . . . . . . . . . . . . . . . . . . . . . . . 30V
Output Current, Source or Sink (Pins 11, 14)
DC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.5A
Pulse (0.5
m s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.0A
Analog Inputs
(Pins 1, 2, 7). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 7V
(Pin 8, 9) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6V
Clock Output Current (Pin 4) . . . . . . . . . . . . . . . . . . . . . . . -5mA
Error Amplifier Output Current (Pin 3) . . . . . . . . . . . . . . . . 5mA
Soft Start Sink Current (Pin 8) . . . . . . . . . . . . . . . . . . . . . 20mA
Oscillator Charging Current (Pin 5) . . . . . . . . . . . . . . . . . . -5mA
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1W
Storage Temperature Range . . . . . . . . . . . . . . -65°C to +150°C
Lead Temperature (Soldering, 10 seconds) . . . . . . . . . . 300°C
Package
QJA
QJC
DIL-16J
80-120
28
(2)
DIL-16N
90
(1)
45
PLCC-20
43-75(1)
34
LCC-20
70-80
20
(2)
SOIC-16
50-120
(1)
35
THERMAL RATINGS TABLE
Q
Q


Similar Part No. - UC2825N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2825N TI-UC2825N Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
UC2825N TI-UC2825N Datasheet
928Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825N TI1-UC2825N Datasheet
910Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825NG4 TI-UC2825NG4 Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
UC2825NG4 TI-UC2825NG4 Datasheet
928Kb / 19P
[Old version datasheet]   High Speed PWM Controller
More results

Similar Description - UC2825N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC3825B TI-UC3825B Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI-UC1825 Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
UC2825AQDW TI-UC2825AQDW Datasheet
928Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825A-Q1 TI-UC2825A-Q1_15 Datasheet
932Kb / 17P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com