Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC393N Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74HC393N
Description  Dual 4-bit binary ripple counter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC393N Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74HC393N Datasheet HTML 5Page - NXP Semiconductors 74HC393N Datasheet HTML 6Page - NXP Semiconductors 74HC393N Datasheet HTML 7Page - NXP Semiconductors 74HC393N Datasheet HTML 8Page - NXP Semiconductors 74HC393N Datasheet HTML 9Page - NXP Semiconductors 74HC393N Datasheet HTML 10Page - NXP Semiconductors 74HC393N Datasheet HTML 11Page - NXP Semiconductors 74HC393N Datasheet HTML 12Page - NXP Semiconductors 74HC393N Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
74HC_HCT393
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 4 — 16 May 2013
9 of 21
NXP Semiconductors
74HC393; 74HCT393
Dual 4-bit binary ripple counter
fclk(max)
maximum
clock
frequency
see Figure 9
VCC = 2.0 V
6
30
-
5
-
4
-
MHz
VCC = 4.5 V
30
90
-
24
-
20
-
MHz
VCC = 5 V; CL = 15 pF
-
99
-
-
-
-
-
MHz
VCC = 6.0 V
35
107
-
28
24
-
MHz
CPD
power
dissipation
capacitance
CL =50pF;f=1 MHz;
VI =GND to VCC
[3]
-23
-
-
-
-
-
pF
74HCT393
tpd
propagation
delay
nCP to nQ0; see Figure 9
[1]
VCC = 4.5 V
-
15
25
-
31
-
38
ns
VCC =5V; CL =15pF
-
20
-
-
-
-
-
ns
nQx to nQ(x
1);
see Figure 9
[1]
VCC = 4.5 V
-
6
10
-
13
-
15
ns
VCC =5V; CL =15pF
-
6
-
-
-
-
-
ns
tPHL
HIGH to
LOW
propagation
delay
nMR to nQx; see Figure 10
VCC = 4.5 V
-
18
32
-
40
-
48
ns
VCC =5V; CL =15pF
-
15
-
-
-
-
-
ns
tt
transition
time
Qn; see Figure 9
[2]
VCC = 4.5 V
-
7
15
-
19
-
22
ns
tW
pulse width
nCP HIGH or LOW;
see Figure 9
VCC = 4.5 V
19
11
-
24
-
29
-
ns
nMR HIGH; see Figure 10
VCC = 4.5 V
16
6
-
20
-
24
-
ns
trec
recovery
time
nMR to nCP;
see Figure 10
VCC = 4.5 V
5
0
-
5
-
5
-
ns
fclk(max)
maximum
clock
frequency
see Figure 9
VCC = 4.5 V
27
48
-
22
-
18
-
MHz
VCC =5V; CL =15pF
-
53
-
-
-
-
-
MHz
Table 7.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); CL = 50 pF unless otherwise specified; for test circuit see Figure 11.
Symbol Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Min
Typ
Max
Min
Max
Min
Max


Similar Part No. - 74HC393N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC393N PHILIPS-74HC393N Datasheet
46Kb / 7P
   Dual 4-bit binary ripple counter
December 1990
More results

Similar Description - 74HC393N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC393 ONSEMI-MC74VHC393 Datasheet
172Kb / 8P
   Dual 4-Bit Binary Ripple Counter
REV 0
logo
NXP Semiconductors
74LV393 PHILIPS-74LV393 Datasheet
115Kb / 12P
   Dual 4-bit binary ripple counter
1997 Jun 10
logo
Nexperia B.V. All right...
74HC393-Q100 NEXPERIA-74HC393-Q100 Datasheet
734Kb / 20P
   Dual 4-bit binary ripple counter
74HCT393-Q100 NEXPERIA-74HCT393-Q100 Datasheet
267Kb / 1P
   Dual 4-bit binary ripple counter
Rev. 3 - 22 October 2021
logo
NXP Semiconductors
74HC393 PHILIPS-74HC393 Datasheet
46Kb / 7P
   Dual 4-bit binary ripple counter
December 1990
74F393 PHILIPS-74F393 Datasheet
75Kb / 8P
   Dual 4-bit binary ripple counter
1988 Nov 01
logo
Nexperia B.V. All right...
74LV393-Q100 NEXPERIA-74LV393-Q100 Datasheet
746Kb / 16P
   Dual 4-bit binary ripple counter
logo
List of Unclassifed Man...
74HC393 ETC1-74HC393 Datasheet
216Kb / 5P
   DUAL 4-BIT BINARY RIPPLE COUNTER
logo
Nexperia B.V. All right...
74LV393 NEXPERIA-74LV393 Datasheet
235Kb / 13P
   Dual 4-bit binary ripple counter
Rev. 6 - 19 March 2021
74HC393 NEXPERIA-74HC393 Datasheet
268Kb / 15P
   Dual 4-bit binary ripple counter
Rev. 8 - 22 October 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com