Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30CTQ035S Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # 30CTQ035S
Description  High Temperature Schottky Rectifier ??Common Cathode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

30CTQ035S Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  30CTQ035S Datasheet HTML 1Page - DIOTEC Electronics Corporation 30CTQ035S Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
30CTQ035S ... 30CTQ045S
30CTQ035S ... 30CTQ045S
High Temperature Schottky Rectifier – Common Cathode
Hochtemperatur Schottky Gleichrichterdiode – Gemeinsame Kathode
Version 2013-06-04
Dimensions - Maße [mm]
Nominal current
Nennstrom
2 x 15 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
35...45 V
Plastic case
Kunststoffgehäuse
TO-263AB
D2PAK
Weight approx.
Gewicht ca.
1.6 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging in tubes
On request taped on 13” reel
(add “R” to the part number)
Standard Lieferform in Stangen
Green Molding
Auf Anfrage gegurtet auf 13” Rolle
Halogen-Free1
(ergänze „R“ zur Artikelnummer)
Maximum ratings and Characteristics
Grenz- und Kennwerte
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V] 2)
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V] 2)
Forward voltage
Durchlass-Spannung
VF [V] 2), Tj = 25°C
IF = 5 A
IF = 15 A
30CTQ035S
35
35
< 0.52
< 0.62
30CTQ040S
40
40
< 0.52
< 0.62
30CTQ045S
45
45
< 0.52
< 0.62
Max. average forward current
Dauergrenzstrom
TC = 155°C
TC = 155°C
IFAV
IFAV
15 A 2) 3)
30 A 3) 4)
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
53 A 5)
Peak forward surge current, 50 Hz half sine-wave
Stoßstrom für eine 50 Hz Sinus-Halbwelle
TA = 25°C
IFSM
265 A 2)
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
351 A2s 2)
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+175°C
-50...+175°C
1
From 4Q/2013 – Ab 4Q/2013
2
Per diode – Pro Diode
3
50% Duty cycle, rectangular waveform − 50% Tastverhältnis, Rechteckpuls
4
Per device (parallel operation) − Pro Bauteil (Parallelbetrieb)
5
Max. temperature of the case TC = 100°C – Max. Temperatur des Gehäuses TC = 100°C
© Diotec Semiconductor AG
http://www.diotec.com/
1
1
2
3
4
0.4
4.5 0.2
±
1.2
5.08
0.8
1.3
1
Type
Typ
3
2
4
10.25
±0.5


Similar Part No. - 30CTQ035S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30CTQ035S IRF-30CTQ035S Datasheet
285Kb / 8P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
30CTQ035S VISHAY-30CTQ035S Datasheet
127Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 06-Oct-08
logo
Diotec Semiconductor
30CTQ035S DIOTEC-30CTQ035S Datasheet
163Kb / 2P
   SMD High Temperature Schottky Rectifier Diodes
logo
Inchange Semiconductor ...
30CTQ035S ISC-30CTQ035S Datasheet
321Kb / 2P
   Schottky Rectifier
logo
Vishay Siliconix
30CTQ035SPBF VISHAY-30CTQ035SPBF Datasheet
134Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 13-Aug-08
More results

Similar Description - 30CTQ035S

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
30CTQ035 DIOTEC-30CTQ035 Datasheet
138Kb / 2P
   High Temperature Schottky Rectifier . Common Cathode
logo
Vishay Siliconix
M6035P VISHAY-M6035P Datasheet
114Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 21-Nov-12
MBR30H35PT VISHAY-MBR30H35PT Datasheet
104Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 19-May-08
MBR1535CT VISHAY-MBR1535CT_07 Datasheet
505Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 08-Nov-07
MBR3035CT VISHAY-MBR3035CT Datasheet
499Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 08-Nov-07
SBL2030PT VISHAY-SBL2030PT Datasheet
383Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 25-Mar-08
SBL3030PT VISHAY-SBL3030PT Datasheet
378Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 25-Mar-08
logo
KODENSHI_AUK CORP.
SDB1060DI KODENSHI-SDB1060DI Datasheet
210Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
SDB16200PI KODENSHI-SDB16200PI Datasheet
283Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
logo
Vishay Siliconix
SBL2030PT VISHAY-SBL2030PT_10 Datasheet
84Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 06-Aug-10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com