Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XB6AE3B1B Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # XB6AE3B1B
Description  Harmony??XB6/ZB6 16 mm push buttons
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

XB6AE3B1B Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button XB6AE3B1B Datasheet HTML 5Page - List of Unclassifed Manufacturers XB6AE3B1B Datasheet HTML 6Page - List of Unclassifed Manufacturers XB6AE3B1B Datasheet HTML 7Page - List of Unclassifed Manufacturers XB6AE3B1B Datasheet HTML 8Page - List of Unclassifed Manufacturers XB6AE3B1B Datasheet HTML 9Page - List of Unclassifed Manufacturers XB6AE3B1B Datasheet HTML 10Page - List of Unclassifed Manufacturers XB6AE3B1B Datasheet HTML 11Page - List of Unclassifed Manufacturers XB6AE3B1B Datasheet HTML 12Page - List of Unclassifed Manufacturers XB6AE3B1B Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
9
HarmonyXB6/ZB6
16 mm push buttons
Non illuminated
units for user
assembly
Contact functions
Body
sub-assemblies
Head sub-assemblies,
rectangular, square or circular
Head colors
For push buttons
Direct supply for
incandescent bulb
Quick connector
Full guard, spring return
ZB6ZpB
page 18
ZB6DAp
page 20
ZB6CAp
page 20
ZB6AAp
page 20
For mushroom head push
buttons and
Emergency stop heads
Maintained, trigger action 30 mm (EN/ISO 13850: 2006)
Turn to release
Key release
ZB6AS834
page 20
ZB6AS934
page 20
For selector switches
and key switches
Standard handle operator
ZB6DDpp
page 20
ZB6CDpp
page 20
ZB6ADpp
page 20
Key switches
ZB6DGpp
page 21
ZB6CGpp
page 21
ZB6AGpp
page 21
Product range (continued)
Introduction:
page 4
Specifications:
page 10
Assembled products:
page 12
References:
page 15
Dimensions:
page 25
This document provided by Barr-Thorp Electric Co., Inc. 800-473-9123 www.barr-thorp.com


Similar Part No. - XB6AE3B1B

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XB6AE3B1B SCHNEIDER-XB6AE3B1B Datasheet
106Kb / 5P
   Complete illuminated push button, Harmony XB6, green projecting illum pushbutton 횠 16 spring return 1 NO 12...24 V
More results

Similar Description - XB6AE3B1B

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ZB4BA2TQ SCHNEIDER-ZB4BA2TQ_V01 Datasheet
348Kb / 8P
   Harmony XB4/ZB4 Metal Push Buttons
Jan 13, 2022
ZB4BW463 SCHNEIDER-ZB4BW463_V01 Datasheet
351Kb / 8P
   Harmony XB4/ZB4 Metal Push Buttons
Jan 12, 2022
ZB5AP3S SCHNEIDER-ZB5AP3S_V01 Datasheet
358Kb / 9P
   Harmony XB5/ZB5 Plastic Push Buttons
Jan 12, 2022
ZB4BD2TQ SCHNEIDER-ZB4BD2TQ_V01 Datasheet
343Kb / 9P
   Harmony XB4/ZB4 Metal Push Buttons
Jan 12, 2022
ZB5AD912 SCHNEIDER-ZB5AD912 Datasheet
177Kb / 4P
   Harmony XB5/ZB5 Plastic Push Buttons
Jan 11, 2022
ZB4BP2S SCHNEIDER-ZB4BP2S_V01 Datasheet
341Kb / 8P
   Harmony XB4/ZB4 Metal Push Buttons
Jan 11, 2022
ZB4BS5540 SCHNEIDER-ZB4BS5540_V01 Datasheet
106Kb / 2P
   Harmony XB4/ZB4 Metal Push Buttons
Jan 13, 2022
XB6AW1G1B SCHNEIDER-XB6AW1G1B Datasheet
96Kb / 3P
   Complete illuminated push button, Harmony XB6, Complete illuminated push button, Harmony XB6, return 1 NO 48...120 V
logo
Allen-Bradley
800EP-MTS44 ALLEN-BRADLEY-800EP-MTS44 Datasheet
161Kb / 7P
   Push Buttons
logo
Schneider Electric
XACA201 SCHNEIDER-XACA201 Datasheet
93Kb / 5P
   Harmony, pendant station, pistol grip, yellow, 2 push buttons
Aug 15, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com