Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UMB3N Datasheet(PDF) 2 Page - Rohm

Part # UMB3N
Description  PNP -100mA -50V Complex Digital Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

UMB3N Datasheet(HTML) 2 Page - Rohm

  UMB3N Datasheet HTML 1Page - Rohm UMB3N Datasheet HTML 2Page - Rohm UMB3N Datasheet HTML 3Page - Rohm UMB3N Datasheet HTML 4Page - Rohm UMB3N Datasheet HTML 5Page - Rohm UMB3N Datasheet HTML 6Page - Rohm UMB3N Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
EMB3 / UMB3N / IMB3A
lAbsolute maximum ratings
(Ta = 25°C)
<For Tr1 and Tr2 in common>
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector Power dissipation
Junction temperature
Range of storage temperature
lElectrical characteristics
(Ta = 25°C)
<For Tr1 and Tr2 in common>
*1 Characteristics of built-in transistor
*2 Each terminal mounted on a reference footprint
*3 120mW per element must not be exceeded.
*4 200mW per element must not be exceeded.
IC / IB= -5mA / -0.25mA
DC current gain
hFE
VCE= -5V , IC= -1mA ,
Input resistance
R1
-
Collector-emitter saturation voltage
VCE(sat)
IE= -50mA
Collector cut-off current
ICBO
VCB = -50V
Emitter cut-off current
IEBO
VEB = -4V
Emitter-base breakdown voltage
BVEBO
MHz
-
250
-
Transition frequency
fT *1
VCE = -10V, IE = 5mA,
f = 100MHz
-
3.29
4.7
6.11
kW
100
250
600
m
A
-
-
-
0.3
V
-
-
-
0.5
V
-
-
-
0.5
m
A
-
5
-
-
V
Collector-emitter breakdown voltage
BVCEO IC= -1mA
V
-
50
-
-
50
-
-
-
Collector-base breakdown voltage
BVCBO IC= -50mA
Unit
Min.
Typ.
Max.
Parameter
Symbol
Conditions
Tj
150
°C
Tstg
-
55 to +150
°C
IC(MAX.)*1
-
100
mA
EMB3 / UMB3N
PD *2
150 (Total)*3
mW
IMB3A
300 (Total)*4
mW
VCEO
-
50
V
VEBO
-
5
V
Parameter
Symbol
Values
Unit
VCBO
-
50
V
2/6
2012.06 - Rev.C


Similar Part No. - UMB3N

ManufacturerPart #DatasheetDescription
logo
Rohm
UMB3N ROHM-UMB3N Datasheet
57Kb / 2P
   General purpose (dual digital transistors)
UMB3N ROHM-UMB3N Datasheet
70Kb / 3P
   General purpose (dual digital transistors)
logo
Shenzhen Jin Yu Semicon...
UMB3N HTSEMI-UMB3N Datasheet
508Kb / 1P
   General purpose transistors (dual transistors)
logo
Jiangsu Changjiang Elec...
UMB3N JIANGSU-UMB3N Datasheet
1Mb / 4P
   Dual Digital Transistors
logo
Rohm
UMB3N ROHM-UMB3N Datasheet
1Mb / 10P
   General purpose Dual digital transistor
More results

Similar Description - UMB3N

ManufacturerPart #DatasheetDescription
logo
Rohm
UMB2NTN ROHM-UMB2NTN Datasheet
471Kb / 8P
   PNP -100mA -50V Complex Digital Transistors
UMB10NTN ROHM-UMB10NTN Datasheet
486Kb / 8P
   PNP -100mA -50V Complex Digital Transistors
UMB11NTN ROHM-UMB11NTN Datasheet
486Kb / 8P
   PNP -100mA -50V Complex Digital Transistors
IMB10AFRA ROHM-IMB10AFRA Datasheet
1Mb / 10P
   PNP -100mA -50V Complex Digital Transistors
2012.06 - Rev.D
UMH9NTN ROHM-UMH9NTN Datasheet
482Kb / 8P
   NPN 100mA 50V Complex Digital Transistors
IMH2AT110 ROHM-IMH2AT110 Datasheet
681Kb / 8P
   NPN 100mA 50V Complex Digital Transistors
UMG5NTR ROHM-UMG5NTR Datasheet
420Kb / 7P
   NPN 100mA 50V Complex Digital Transistors
EMH25 ROHM-EMH25_12 Datasheet
432Kb / 7P
   NPN 100mA 50V Complex Digital Transistors
EMG8T2R ROHM-EMG8T2R Datasheet
435Kb / 7P
   NPN 100mA 50V Complex Digital Transistors
UMG4NTR ROHM-UMG4NTR Datasheet
424Kb / 7P
   NPN 100mA 50V Complex Digital Transistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com