Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UMB3N Datasheet(PDF) 3 Page - Rohm

Part # UMB3N
Description  PNP -100mA -50V Complex Digital Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

UMB3N Datasheet(HTML) 3 Page - Rohm

  UMB3N Datasheet HTML 1Page - Rohm UMB3N Datasheet HTML 2Page - Rohm UMB3N Datasheet HTML 3Page - Rohm UMB3N Datasheet HTML 4Page - Rohm UMB3N Datasheet HTML 5Page - Rohm UMB3N Datasheet HTML 6Page - Rohm UMB3N Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
EMB3 / UMB3N / IMB3A
lElectrical characteristic curves
(Ta = 25°C)
Fig.1 Grounded emitter propagation
characteristics
BASE TO EMITTER VOLTAGE : VBE (V)
Fig.2 Grounded emitter output
characteristics
COLLECTOR TO EMITTER
VOLTAGE : VCE (V)
Fig.3 DC Current gain
vs. Collector Current
COLLECTOR CURRENT : IC (mA)
Fig.4 Collector-emitter saturation voltage
vs. Collector Current
COLLECTOR CURRENT : IC (mA)
0
-20
-40
-60
-80
-100
0
-2
-4
-6
-8
-10
-
250μA
0A
-
300μA
-
350μA
-
400μA
-
450μA
-
500μA
-
200μA
-
100μA
IB=
-
150μA
-
50μA
Ta=25ºC
-0.001
-0.01
-0.1
-1
-10
0
-0.5
-1
-1.5
-2
VCE= -5V
Ta=100ºC
25ºC
-
40ºC
3/6
2012.06 - Rev.C


Similar Part No. - UMB3N

ManufacturerPart #DatasheetDescription
logo
Rohm
UMB3N ROHM-UMB3N Datasheet
57Kb / 2P
   General purpose (dual digital transistors)
UMB3N ROHM-UMB3N Datasheet
70Kb / 3P
   General purpose (dual digital transistors)
logo
Shenzhen Jin Yu Semicon...
UMB3N HTSEMI-UMB3N Datasheet
508Kb / 1P
   General purpose transistors (dual transistors)
logo
Jiangsu Changjiang Elec...
UMB3N JIANGSU-UMB3N Datasheet
1Mb / 4P
   Dual Digital Transistors
logo
Rohm
UMB3N ROHM-UMB3N Datasheet
1Mb / 10P
   General purpose Dual digital transistor
More results

Similar Description - UMB3N

ManufacturerPart #DatasheetDescription
logo
Rohm
UMB2NTN ROHM-UMB2NTN Datasheet
471Kb / 8P
   PNP -100mA -50V Complex Digital Transistors
UMB10NTN ROHM-UMB10NTN Datasheet
486Kb / 8P
   PNP -100mA -50V Complex Digital Transistors
UMB11NTN ROHM-UMB11NTN Datasheet
486Kb / 8P
   PNP -100mA -50V Complex Digital Transistors
IMB10AFRA ROHM-IMB10AFRA Datasheet
1Mb / 10P
   PNP -100mA -50V Complex Digital Transistors
2012.06 - Rev.D
UMH9NTN ROHM-UMH9NTN Datasheet
482Kb / 8P
   NPN 100mA 50V Complex Digital Transistors
IMH2AT110 ROHM-IMH2AT110 Datasheet
681Kb / 8P
   NPN 100mA 50V Complex Digital Transistors
UMG5NTR ROHM-UMG5NTR Datasheet
420Kb / 7P
   NPN 100mA 50V Complex Digital Transistors
EMH25 ROHM-EMH25_12 Datasheet
432Kb / 7P
   NPN 100mA 50V Complex Digital Transistors
EMG8T2R ROHM-EMG8T2R Datasheet
435Kb / 7P
   NPN 100mA 50V Complex Digital Transistors
UMG4NTR ROHM-UMG4NTR Datasheet
424Kb / 7P
   NPN 100mA 50V Complex Digital Transistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com