Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMD9 Datasheet(PDF) 3 Page - Rohm

Part # EMD9
Description  Digital Transistor (Dual Digital Transistors for Inverter Drive)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMD9 Datasheet(HTML) 3 Page - Rohm

  EMD9 Datasheet HTML 1Page - Rohm EMD9 Datasheet HTML 2Page - Rohm EMD9 Datasheet HTML 3Page - Rohm EMD9 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/3
www.rohm.com
c
2010 ROHM Co., Ltd. All rights reserved.
2010.01 - Rev.D
Data Sheet
EMD9 / UMD9N / IMD9A
Electrical characteristics curves DTr2 (DTA114Y)
OUTPUT CURRENT : IO
(A)
100
μ 200μ 500μ 1m 2m
5m 10m 20m
50m 100m
100
50
20
10
5
2
1
500m
200m
100m
VO
=0.3V
Ta
=−40°C
25
°C
100
°C
Fig.1 Input voltage vs. output current
(ON characteristics)
INPUT VOLTAGE : VI(off)
(V)
03.0
10m
1
μ
2m
5m
1m
200
μ
500
μ
100
μ
20
μ
50
μ
10
μ
2
μ
5
μ
0.5
1.0
1.5
2.0
2.5
VCC
=5V
Fig.2 Output current vs. input voltage
(OFF characteristics)
Ta
=100°C
25
°C
−40°C
OUTPUT CURRENT : IO
(A)
100
μ 200μ 500μ 1m 2m
5m 10m 20m
50m 100m
1k
500
200
100
50
20
10
5
2
1
VO
=5V
Ta
=100°C
25
°C
−40°C
Fig.3 DC current gain vs. output
current
OUTPUT CURRENT : IO
(A)
100
μ 200μ 500μ 1m 2m
5m 10m 20m
50m 100m
1
500m
200m
100m
50m
20m
10m
5m
2m
1m
lO/lI
=20
Ta
=100°C
25
°C
−40°C
Fig.4 Output voltage vs. output
current


Similar Part No. - EMD9

ManufacturerPart #DatasheetDescription
logo
Rohm
EMD9 ROHM-EMD9 Datasheet
83Kb / 4P
   Digital Transistor (Dual Digital Transistors for Inverter Drive)
EMD9 ROHM-EMD9 Datasheet
146Kb / 4P
   Digital Transistor (Dual Digital Transistors for Inverter Drive)
logo
Shenzhen Jin Yu Semicon...
EMD9 HTSEMI-EMD9 Datasheet
627Kb / 2P
   dual digital transistors (NPN PNP)
logo
Rohm
EMD9 ROHM-EMD9 Datasheet
591Kb / 9P
   NPN PNP Complex Digital Transistors (Bias Resistor Built-in Transistors)
logo
Jiangsu Changjiang Elec...
EMD9 JIANGSU-EMD9 Datasheet
3Mb / 4P
   Dual Digital Transistors (NPNPNP)
More results

Similar Description - EMD9

ManufacturerPart #DatasheetDescription
logo
Rohm
IMD8A ROHM-IMD8A Datasheet
63Kb / 3P
   Digital Transistor (Dual Digital Transistors for Inverter Drive)
EMD9 ROHM-EMD9 Datasheet
83Kb / 4P
   Digital Transistor (Dual Digital Transistors for Inverter Drive)
EMD9T2R ROHM-EMD9T2R Datasheet
108Kb / 4P
   Digital Transistor (Dual Digital Transistors for Inverter Drive)
UMD9N ROHM-UMD9N_10 Datasheet
146Kb / 4P
   Digital Transistor (Dual Digital Transistors for Inverter Drive)
UMA9N ROHM-UMA9N Datasheet
62Kb / 2P
   Digital transistor (Common Emitter Dual Transistors)
logo
Unisonic Technologies
UG9H UTC-UG9H_15 Datasheet
131Kb / 3P
    DUAL DIGITAL TRANSISTORS
logo
Jiangsu Changjiang Elec...
UMC4N JIANGSU-UMC4N Datasheet
1Mb / 5P
   Dual Digital Transistors
UMA5N JIANGSU-UMA5N Datasheet
1Mb / 4P
   Dual Digital Transistors
UMD2N JIANGSU-UMD2N Datasheet
2Mb / 5P
   Dual Digital Transistors
UMG2N JIANGSU-UMG2N Datasheet
1Mb / 4P
   Dual Digital Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com