Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLF3012ST-2R2M1R4 Datasheet(PDF) 10 Page - TDK Electronics

Part # VLF3012ST-2R2M1R4
Description  L-Q Frequency Characteristics, DC Bias & Temperature Characteristics(1MHz), Temperature Rise
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

VLF3012ST-2R2M1R4 Datasheet(HTML) 10 Page - TDK Electronics

Back Button VLF3012ST-2R2M1R4 Datasheet HTML 6Page - TDK Electronics VLF3012ST-2R2M1R4 Datasheet HTML 7Page - TDK Electronics VLF3012ST-2R2M1R4 Datasheet HTML 8Page - TDK Electronics VLF3012ST-2R2M1R4 Datasheet HTML 9Page - TDK Electronics VLF3012ST-2R2M1R4 Datasheet HTML 10Page - TDK Electronics VLF3012ST-2R2M1R4 Datasheet HTML 11Page - TDK Electronics VLF3012ST-2R2M1R4 Datasheet HTML 12Page - TDK Electronics VLF3012ST-2R2M1R4 Datasheet HTML 13Page - TDK Electronics VLF3012ST-2R2M1R4 Datasheet HTML 14Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
090723 LD252
-10 -
VLF3012S Type
DC Bias & Temperature Characteristics(1MHz)
VLF3012ST-150MR49
VLF3012ST-220MR43
0
2
4
6
8
10
12
14
16
18
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
IDC[A]
-20
0
20
45
65
85
105
125
0
5
10
15
20
25
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
IDC[A]
-20
0
20
45
65
85
105
125


Similar Part No. - VLF3012ST-2R2M1R4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VLF3012ST-2R2M1R4 TI1-VLF3012ST-2R2M1R4 Datasheet
1Mb / 15P
[Old version datasheet]   TPS62160EVM-627 and TPS62170EVM-627 Evaluation Modules
More results

Similar Description - VLF3012ST-2R2M1R4

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SLF7032T-4R7M1R7-2-PF TDK-SLF7032T-4R7M1R7-2-PF Datasheet
123Kb / 18P
   L-Q Frequency Characteristics DC Bias & Temperature Characteristics Temperature Characteristics Temperature Rise
SLF12575T-6R8N5R9-PF TDK-SLF12575T-6R8N5R9-PF Datasheet
87Kb / 12P
   L-Q Frequency Characteristics DC Bias & Temperature Characteristics Temperature Characteristics Temperature Rise
SLF12575-PF TDK-SLF12575-PF Datasheet
87Kb / 12P
   L-Q Frequency Characteristics DC Bias & Temperature Characteristics Temperature Characteristics Temperature Rise
SLF12575T-470M2R7-PF TDK-SLF12575T-470M2R7-PF Datasheet
87Kb / 12P
   L-Q Frequency Characteristics
logo
Murata Manufacturing Co...
GRM0112C1E7R6CE01 MURATA-GRM0112C1E7R6CE01 Datasheet
48Kb / 1P
   Temperature range of temperature characteristics
GRM0225C1C2R6BA03 MURATA-GRM0225C1C2R6BA03 Datasheet
50Kb / 1P
   Temperature range of temperature characteristics
GRM0225C1A680JA02 MURATA-GRM0225C1A680JA02 Datasheet
92Kb / 2P
   Temperature range of temperature characteristics
GRM0225C1A101GA02 MURATA-GRM0225C1A101GA02 Datasheet
92Kb / 2P
   Temperature range of temperature characteristics
GRM0332C1E3R8BA01 MURATA-GRM0332C1E3R8BA01 Datasheet
49Kb / 1P
   Temperature range of temperature characteristics
GRM0332C1E4R0CA01 MURATA-GRM0332C1E4R0CA01 Datasheet
49Kb / 1P
   Temperature range of temperature characteristics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com