Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRA125-821-R Datasheet(PDF) 7 Page - Cooper Bussmann, Inc.

Part # DRA125-821-R
Description  High Power Density, High Efficiency, Shielded Inductors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

DRA125-821-R Datasheet(HTML) 7 Page - Cooper Bussmann, Inc.

  DRA125-821-R Datasheet HTML 1Page - Cooper Bussmann, Inc. DRA125-821-R Datasheet HTML 2Page - Cooper Bussmann, Inc. DRA125-821-R Datasheet HTML 3Page - Cooper Bussmann, Inc. DRA125-821-R Datasheet HTML 4Page - Cooper Bussmann, Inc. DRA125-821-R Datasheet HTML 5Page - Cooper Bussmann, Inc. DRA125-821-R Datasheet HTML 6Page - Cooper Bussmann, Inc. DRA125-821-R Datasheet HTML 7Page - Cooper Bussmann, Inc. DRA125-821-R Datasheet HTML 8Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
OCL vs Isat/DRA 74 series
OCL vs Isat/DRA 73 series
40%
50 %
60%
-40°
25°
85°
125°
0%
10 %
20 %
30 %
70 %
80%
90 %
100 %
110 %
120 %
40%
50 %
60%
-40°
25°
85°
125°
120 %
110 %
100 %
90 %
80 %
70 %
30 %
20 %
10%
0%
0%
10 %
20%
30 %
40%
50 %
60%
70 %
80%
90 %
100 %
110 %
120 %
0%
10 %
20%
30 %
40%
50 %
60%
70 %
80%
90 %
100 %
110 %
120 %
130 %
140 %
% of Isat
% of Isat
OCL vs Isat/DRA 125 series
OCL vs Isat/DRA 124 series
40 %
50 %
60 %
-40°
25°
85°
125°
0%
10 %
20 %
30%
70 %
80 %
90%
100 %
110 %
120 %
40%
50%
60 %
-40°
25°
85°
120 %
110 %
100 %
90%
80 %
70%
30 %
20 %
125°
10 %
0%
%
0%
10 %
20%
30 %
40%
50 %
60%
70 %
80%
90 % 100 % 110 % 120 % 130 % 140 % 150 % 160 %
0%
10 %
20%
30 %
40%
50 %
60%
70 %
80%
90 %
100 %
110 %
120 %
130 %
140
% of Isat
% of Isat
OCL vs Isat/DRA 127 series
40 %
50 %
60 %
-40°
25°
85°
125°
120 %
110 %
100 %
90 %
80 %
70 %
30 %
20 %
10 %
0%
60 %
70%
80 %
90%
100 %
110 %
120 %
130 %
140 %
150 %
160 %
170 %
180 %
190 %
200 %
% of Isat
Inductance Characteristics
DRA Series
High Power Density,
High Efficiency, Shielded Inductors
Magnetics Solutions
For Automotive Applications


Similar Part No. - DRA125-821-R

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
DRA1 SENSATA-DRA1 Datasheet
245Kb / 4P
   DIN RAIL MOUNT
logo
Crydom Inc.,
DRA1-CMX100D10 CRYDOM-DRA1-CMX100D10 Datasheet
813Kb / 5P
   DIN rail mount
logo
Sensata Technologies, I...
DRA1-CMX100D10 SENSATA-DRA1-CMX100D10 Datasheet
245Kb / 4P
   DIN RAIL MOUNT
logo
Crydom Inc.,
DRA1-CMX100D6 CRYDOM-DRA1-CMX100D6 Datasheet
813Kb / 5P
   DIN rail mount
logo
Sensata Technologies, I...
DRA1-CMX100D6 SENSATA-DRA1-CMX100D6 Datasheet
245Kb / 4P
   DIN RAIL MOUNT
More results

Similar Description - DRA125-821-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
DR127-100-R COOPER-DR127-100-R Datasheet
304Kb / 7P
   High Power Density, High Efficiency, Shielded Inductors
logo
List of Unclassifed Man...
DR127-2R2 ETC2-DR127-2R2 Datasheet
1Mb / 11P
   High power density, high efficiency, shielded inductors
logo
Cooper Bussmann, Inc.
DR73-R33-R COOPER-DR73-R33-R Datasheet
298Kb / 6P
   High Power Density, High Efficiency, Shielded Inductors
logo
List of Unclassifed Man...
DR74-101 ETC2-DR74-101 Datasheet
299Kb / 6P
   High Power Density, High Efficiency, Shielded Inductors
logo
Eaton All Rights Reserv...
DR73-R33-R EATON-DR73-R33-R Datasheet
845Kb / 9P
   High power density, high efficiency, shielded drum core power inductors
DR124 EATON-DR124 Datasheet
655Kb / 5P
   High power density, high efficiency, low profile shielded drum core power inductors
logo
Cooper Bussmann, Inc.
SD52-680-R COOPER-SD52-680-R Datasheet
192Kb / 3P
   High Power Density, Low Profile, Shielded Inductors
logo
List of Unclassifed Man...
SD18-100 ETC1-SD18-100 Datasheet
395Kb / 8P
   High Power Density, Low Profile, Shielded Inductors
logo
Eaton All Rights Reserv...
SD52 EATON-SD52 Datasheet
382Kb / 4P
   High power density, low profile shielded power inductors
logo
Cooper Bussmann, Inc.
SD25-150-R COOPER-SD25-150-R Datasheet
309Kb / 7P
   SD Series High Power Density, Low Profile, Shielded Inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com