Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5000K-ND Datasheet(PDF) 4 Page - Rohm

Part # 5000K-ND
Description  H-Bridge Motor Drivers For DC Brush Motors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

5000K-ND Datasheet(HTML) 4 Page - Rohm

  5000K-ND Datasheet HTML 1Page - Rohm 5000K-ND Datasheet HTML 2Page - Rohm 5000K-ND Datasheet HTML 3Page - Rohm 5000K-ND Datasheet HTML 4Page - Rohm 5000K-ND Datasheet HTML 5Page - Rohm 5000K-ND Datasheet HTML 6Page - Rohm 5000K-ND Datasheet HTML 7Page - Rohm 5000K-ND Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Application Note
Page 4 of 8
V.
Forward PWM control mode
a)
VREF is connected to VCC and RIN is a low input (<0.8V), selected through SW1. R5 is disconnected by opening
the jumper connection, SW2 is set to H position and a PWM signal with a frequency range between 20-100kHz with
an amplitude range same as that of VCC is given to FIN.
b)
The speed of the motor can be controlled by varying the duty cycle of the input PWM signal. OUT1 pin is high and
OUT2 pin toggles between low and high impedance states. The motor which is connected between OUT1 and
OUT2 rotates in the forward (clockwise) direction. A path for the recovery current from the motor is established by
the 10µF bypass capacitor connected between VCC and GND as shown in Figure 1.
VI.
Reverse PWM control mode
a)
VREF is connected to VCC and FIN is a low input (<0.8V), selected through SW2. R4 is disconnected by opening
the jumper connection, SW1 is set to H position and a PWM signal with a frequency range between 20-100kHz with
an amplitude range same as that of VCC is given to RIN.
b)
The speed of the motor can be controlled by varying the duty cycle of the input PWM signal. OUT2 pin is high and
OUT1 pin toggles between low and high impedance states. The motor which is connected between OUT1 and
OUT2 rotates in the reverse (anti-clockwise) direction. A path for the recovery current from the motor is established
by the 10µF bypass capacitor connected between VCC and GND as shown in Figure 1.
VII.
Forward VREF control mode
a)
FIN is a high input (>2V) and RIN is a low input (<0.8V) and are selected through SW2 and SW1 respectively. The
speed of the motor can be controlled by the VREF voltage given through a potentiometer connection varying
between VCC and ground as shown in the schematic.
b)
OUT1 pin is high and OUT2 pin toggles between the low and high and the motor which is connected between
OUT1 and OUT2 rotates in the forward (clockwise) direction. The duty conversion circuit provides the switching
duty corresponding to the voltage levels of the VREF and VCC pins.
c)
The on duty is represented by the following equation in this mode,
������������������������=����������������(����)
������������(����)
d)
The switching on duty is limited by the range of VREF pin voltage. The PWM output carrier frequency in this mode
is 25kHz (nominal). A path for the recovery current from the motor is established by the 10µF bypass capacitor
connected between VCC and ground as shown in Figure 1.
VIII.
Reverse VREF control mode
a)
RIN is a high input (>2V) and FIN is a low input (<0.8V) and are selected through SW1 and SW2 respectively. The
speed of the motor can be controlled by the VREF voltage given through a potentiometer connection varying
between VCC and ground as shown in the schematic.
b)
OUT2 pin is high and OUT1 pin toggles between the low and high and the motor which is connected between
OUT1 and OUT2 rotates in the reverse (anti-clockwise) direction. The duty conversion circuit provides the switching
duty corresponding to the voltage levels of the VREF and VCC pins.
c)
The on duty is represented by the following equation in this mode,
������������������������=����������������(����)
������������(����)
d)
The switching on duty is limited by the range of VREF pin voltage. The PWM output carrier frequency in this mode
is 25kHz (nominal). A path for the recovery current from the motor is established by the 10µF bypass capacitor
connected between VCC and ground as shown in Figure 1.


Similar Part No. - 5000K-ND

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
5000 MSK-5000 Datasheet
352Kb / 5P
   DUAL POSITIVE/NEGATIVE, 3 AMP, LOW DROPOUT FIXED VOLTAGE REGULATORS
logo
Laird Tech Smart Techno...
5000 LSTD-5000 Datasheet
233Kb / 2P
   Film base resistance cut through
logo
Texas Instruments
5000 TI-5000 Datasheet
149Kb / 8P
[Old version datasheet]   Simple Power Solution Using LDOs
logo
ASM GmbH
5000 ASM-SENSOR-5000 Datasheet
4Mb / 8P
   DATENLOGGER
logo
Intel Corporation
5000 INTEL-5000 Datasheet
3Mb / 104P
   Dual-Core Intel Xeon Processor
More results

Similar Description - 5000K-ND

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6210F ROHM-BD6210F Datasheet
266Kb / 5P
   H-bridge driver for DC brush motor
BD6220F ROHM-BD6220F Datasheet
267Kb / 5P
   H-bridge driver for DC brush motor
BD6232HFP ROHM-BD6232HFP Datasheet
238Kb / 3P
   H-bridge driver for DC brush motor
BD6222HFP ROHM-BD6222HFP Datasheet
267Kb / 5P
   H-bridge driver for DC brush motor
BD6211F ROHM-BD6211F Datasheet
265Kb / 5P
   H-bridge driver for DC brush motor
BD6211HFP ROHM-BD6211HFP Datasheet
266Kb / 5P
   H-bridge driver for DC brush motor
BD6212HFP ROHM-BD6212HFP Datasheet
266Kb / 5P
   H-bridge driver for DC brush motor
BD6222FP ROHM-BD6222FP Datasheet
238Kb / 3P
   H-bridge driver for DC brush motor
BD6226FP ROHM-BD6226FP Datasheet
251Kb / 3P
   H-bridge driver for DC brush motor
BD6221F ROHM-BD6221F Datasheet
266Kb / 5P
   H-bridge driver for DC brush motor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com