Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD6222HFP Datasheet(PDF) 11 Page - Rohm

Part # BD6222HFP
Description  DC Brush Motor Drivers (18V max.)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6222HFP Datasheet(HTML) 11 Page - Rohm

Back Button BD6222HFP Datasheet HTML 7Page - Rohm BD6222HFP Datasheet HTML 8Page - Rohm BD6222HFP Datasheet HTML 9Page - Rohm BD6222HFP Datasheet HTML 10Page - Rohm BD6222HFP Datasheet HTML 11Page - Rohm BD6222HFP Datasheet HTML 12Page - Rohm BD6222HFP Datasheet HTML 13Page - Rohm BD6222HFP Datasheet HTML 14Page - Rohm BD6222HFP Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Datasheet
Datasheet
11/19
BD622xxx Series
TSZ02201-0P2P0B300080-1-2
25.Dec.2012 Rev.002
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
●Functional Descriptions
1)
Operation modes
Table 5
Logic table
FIN
RIN
VREF
OUT1
OUT2
Operation
a
L
L
X
Hi-Z*
Hi-Z*
Stand-by (idling)
b
H
L
VCC
H
L
Forward (OUT1 > OUT2)
c
L
H
VCC
L
H
Reverse (OUT1 < OUT2)
d
H
H
X
L
L
Brake (stop)
e
PWM
L
VCC
H
PWM
__________
Forward (PWM control mode A)
f
L
PWM
VCC
PWM
__________
H
Reverse (PWM control mode A)
g
H
PWM
VCC
PWM
__________
L
Forward (PWM control mode B)
h
PWM
H
VCC
L
PWM
__________
Reverse (PWM control mode B)
i
H
L
Option
H
PWM
__________
Forward (VREF control)
j
L
H
Option
PWM
__________
H
Reverse (VREF control)
* Hi-Z : all output transistors are off. Please note that this is the state of the connected diodes,
which differs from that of the mechanical relay.
X : Don’t care
a) Stand-by mode
Stand-by operates independently with the VREF pin voltage. In stand-by mode, all internal circuits are turned off,
including the output power transistors. Motor output goes to high impedance. When the system is switched to
stand-by mode while the motor is running, the system enters an idling state because of the body diodes. However,
when the system switches to stand-by from any other mode (except the brake mode), the control logic remains in the
high state for at least 50µs before shutting down all circuits.
b) Forward mode
This operating mode is defined as the forward rotation of the motor when the OUT1 pin is high and OUT2 pin is low.
When the motor is connected between the OUT1 and OUT2 pins, the current flows from OUT1 to OUT2. To operate
in this mode, connect the VREF pin to the VCC pin.
c) Reverse mode
This operating mode is defined as the reverse rotation of the motor when the OUT1 pin is low and OUT2 pin is high.
When the motor is connected between the OUT1 and OUT2 pins, the current flows from OUT2 to OUT1. To operate
in this mode, connect the VREF pin to the VCC pin.
d) Brake mode
This operating mode is used to quickly stop the motor (short circuit brake). It differs from the stand-by mode because
the internal control circuit is operating in the brake mode. Please switch to stand-by mode (rather than the brake
mode) to save power and reduce consumption.
a) Stand-by mode
b) Forward mode
c) Reverse mode
d) Brake mode
Fig.33
Four basic operations (output stage)
M
ON
OFF
OFF
ON
M
OFF
ON
ON
OFF
M
OFF
ON
OFF
ON
OFF
OFF
OFF
OFF
M


Similar Part No. - BD6222HFP

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6222HFP ROHM-BD6222HFP Datasheet
267Kb / 5P
   H-bridge driver for DC brush motor
BD6222HFP ROHM-BD6222HFP Datasheet
416Kb / 16P
   18V max. H-bridge Drivers
BD6222HFP-TR ROHM-BD6222HFP-TR Datasheet
1Mb / 25P
   DC Brush Motor Drivers
More results

Similar Description - BD6222HFP

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6232HFP-LB ROHM-BD6232HFP-LB Datasheet
702Kb / 19P
   DC Brush Motor Drivers (36V max.)
BD6232HFP-LB ROHM-BD6232HFP-LB Datasheet
702Kb / 19P
   DC Brush Motor Drivers (36V max.)
BD621X-E ROHM-BD621X-E Datasheet
611Kb / 21P
   DC Brush Motor Drivers (7V max.)
BD623X-E ROHM-BD623X-E Datasheet
662Kb / 25P
   DC Brush Motor Drivers (36V max.)
BD62321HFP-TR ROHM-BD62321HFP-TR Datasheet
506Kb / 16P
   DC Brush Motor Drivers (36V max.)
BD62110AEFJ ROHM-BD62110AEFJ Datasheet
938Kb / 19P
   DC Brush Motor Drivers
BD6210HFP-TR ROHM-BD6210HFP-TR Datasheet
1Mb / 24P
   DC Brush Motor Drivers
BD6230F-E2 ROHM-BD6230F-E2 Datasheet
1Mb / 28P
   DC Brush Motor Drivers
BD6220F-E2 ROHM-BD6220F-E2 Datasheet
1Mb / 25P
   DC Brush Motor Drivers
BD62120AEFJ ROHM-BD62120AEFJ Datasheet
1Mb / 18P
   36V 1ch DC Brush Motor Drivers
2017.06.21 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com