Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD6222FP Datasheet(PDF) 3 Page - Rohm

Part # BD6222FP
Description  DC Brush Motor Drivers (18V max.)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6222FP Datasheet(HTML) 3 Page - Rohm

  BD6222FP Datasheet HTML 1Page - Rohm BD6222FP Datasheet HTML 2Page - Rohm BD6222FP Datasheet HTML 3Page - Rohm BD6222FP Datasheet HTML 4Page - Rohm BD6222FP Datasheet HTML 5Page - Rohm BD6222FP Datasheet HTML 6Page - Rohm BD6222FP Datasheet HTML 7Page - Rohm BD6222FP Datasheet HTML 8Page - Rohm BD6222FP Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Datasheet
Datasheet
3/19
BD622xxx Series
TSZ02201-0P2P0B300080-1-2
25.Dec.2012 Rev.002
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
●Block diagrams / Pin Configurations / Pin Descriptions- Continued
BD6222FP
Fig.5
BD6222FP
Fig.6
HSOP25 (TOP VIEW)
BD6225FP / BD6226FP
Fig.7
BD6225FP / BD6226FP
Fig.8
HSOP25 (TOP VIEW)
Table 3
BD6222FP
Pin
Name
Function
1,2
OUT1
Driver output
6
GND
Small signal ground
7,8
RNF
Power stage ground
12,13
OUT2
Driver output
17
VREF
Duty setting pin
19
RIN
Control input (reverse)
20
FIN
Control input (forward)
21
VCC
Power supply
22,23
VCC
Power supply
FIN
GND
Ground
Note: All pins not described above are NC pins.
Note: Use all VCC pin by the same voltage.
Table 4
BD6225FP / BD6226FP
Pin
Name
Function
1
OUT1A
Driver output
3
RNFA
Power stage ground
6
OUT2A
Driver output
8
GND
Small signal ground
9
VREFA
Duty setting pin
10
RINA
Control input (reverse)
11
FINA
Control input (forward)
12
VCC
Power supply
13
VCC
Power supply
14
OUT1B
Driver output
16
RNFB
Power stage ground
19
OUT2B
Driver output
20
GND
Small signal ground
21
VREFB
Duty setting pin
22
RINB
Control input (reverse)
23
FINB
Control input (forward)
24
VCC
Power supply
25
VCC
Power supply
FIN
GND
Ground
Note: All pins not described above are NC pins.
Note: Use all VCC pin by the same voltage.
OUT1
OUT1
GND
NC
NC
NC
GND
RNF
RNF
NC
NC
NC
OUT2
OUT2
NC
NC
GND
VCC
VCC
VCC
FIN
RIN
NC
VREF
NC
NC
NC
OUT1A
NC
GND
RNFA
NC
NC
OUT2A
NC
GND
VREFA
RINA
FINA
VCC
VCC
VCC
VCC
GND
FINB
RINB
VREFB
GND
OUT2B
NC
NC
RNFB
NC
OUT1B
24
25
11
10
CTRL
PROTECT
FINA
RINA
VCC
VCC
3
RNFA
9
VREFA
DUTY
1
OUT1A
6
OUT2A
20
GND
12
13
23
22
CTRL
PROTECT
FINB
RINB
VCC
VCC
16
RNFB
21
VREFB
DUTY
14
OUT1B
19
OUT2B
8
GND
FIN
GND
21
22
12
1
20
19
CTRL
PROTECT
FIN
RIN
VCC
VCC
OUT1
OUT2
8
RNF
17
VREF
DUTY
6
GND
2
13
7
23
FIN
GND


Similar Part No. - BD6222FP

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6222FP ROHM-BD6222FP Datasheet
238Kb / 3P
   H-bridge driver for DC brush motor
BD6222FP ROHM-BD6222FP Datasheet
416Kb / 16P
   18V max. H-bridge Drivers
BD6222FP ROHM-BD6222FP Datasheet
659Kb / 8P
   H-Bridge Motor Drivers For DC Brush Motors
BD6222FP-E2 ROHM-BD6222FP-E2 Datasheet
1Mb / 25P
   DC Brush Motor Drivers
More results

Similar Description - BD6222FP

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6232HFP-LB ROHM-BD6232HFP-LB Datasheet
702Kb / 19P
   DC Brush Motor Drivers (36V max.)
BD6232HFP-LB ROHM-BD6232HFP-LB Datasheet
702Kb / 19P
   DC Brush Motor Drivers (36V max.)
BD621X-E ROHM-BD621X-E Datasheet
611Kb / 21P
   DC Brush Motor Drivers (7V max.)
BD623X-E ROHM-BD623X-E Datasheet
662Kb / 25P
   DC Brush Motor Drivers (36V max.)
BD62321HFP-TR ROHM-BD62321HFP-TR Datasheet
506Kb / 16P
   DC Brush Motor Drivers (36V max.)
BD62110AEFJ ROHM-BD62110AEFJ Datasheet
938Kb / 19P
   DC Brush Motor Drivers
BD6210HFP-TR ROHM-BD6210HFP-TR Datasheet
1Mb / 24P
   DC Brush Motor Drivers
BD6230F-E2 ROHM-BD6230F-E2 Datasheet
1Mb / 28P
   DC Brush Motor Drivers
BD6220F-E2 ROHM-BD6220F-E2 Datasheet
1Mb / 25P
   DC Brush Motor Drivers
BD62120AEFJ ROHM-BD62120AEFJ Datasheet
1Mb / 18P
   36V 1ch DC Brush Motor Drivers
2017.06.21 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com