Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24AA02UID Datasheet(PDF) 2 Page - Microchip Technology

Part # 24AA02UID
Description  2K I2C??Serial EEPROMs with Unique 32-bit Serial Number
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA02UID Datasheet(HTML) 2 Page - Microchip Technology

  24AA02UID Datasheet HTML 1Page - Microchip Technology 24AA02UID Datasheet HTML 2Page - Microchip Technology 24AA02UID Datasheet HTML 3Page - Microchip Technology 24AA02UID Datasheet HTML 4Page - Microchip Technology 24AA02UID Datasheet HTML 5Page - Microchip Technology 24AA02UID Datasheet HTML 6Page - Microchip Technology 24AA02UID Datasheet HTML 7Page - Microchip Technology 24AA02UID Datasheet HTML 8Page - Microchip Technology 24AA02UID Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
24AA02UID/24AA025UID
DS20005202A-page 2
 2013 Microchip Technology Inc.
Block Diagram
I/O
Control
Logic
Memory
Control
Logic
XDEC
HV Generator
EEPROM
Array
Write-Protect
Circuitry
YDEC
VCC
VSS
SDA SCL
Note 1: Pins A0, A1 and A2 are not available on
the 24AA02UID.
A0(1) A1(1)A2(1)
Sense Amp.
R/W Control


Similar Part No. - 24AA02UID

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA02 MICROCHIP-24AA02 Datasheet
74Kb / 12P
   1K/2K 1.8V I 2 C O Serial EEPROMs
1996
24AA02 MICROCHIP-24AA02 Datasheet
337Kb / 24P
   2K I2C Serial EEPROM
2003
24AA02 MICROCHIP-24AA02 Datasheet
401Kb / 26P
   2K I2C??Serial EEPROM
2007
24AA02 MICROCHIP-24AA02 Datasheet
605Kb / 32P
   2K I2C??Serial EEPROM
2009
24AA02 MICROCHIP-24AA02 Datasheet
324Kb / 26P
   2K I2C Serial EEPROM
12/08/06
More results

Similar Description - 24AA02UID

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
11AA02UID MICROCHIP-11AA02UID Datasheet
666Kb / 32P
   2K UNI/O짰 Serial EEPROM with Unique 32-Bit Serial Number
11/29/12
24AA025E48T-I MICROCHIP-24AA025E48T-I Datasheet
513Kb / 28P
   2K I2C Serial EEPROMs with EUI-48 Node Identity
01/05/10
24AA025E48-I MICROCHIP-24AA025E48-I Datasheet
513Kb / 28P
   2K I2C Serial EEPROMs with EUI-48??Node Identity
01/05/10
24AA025E48 MICROCHIP-24AA025E48 Datasheet
513Kb / 28P
   2K I2C??Serial EEPROMs with EUI-48??Node Identity
2010
logo
KODENSHI_AUK CORP.
KK24LC02B KODENSHI-KK24LC02B Datasheet
265Kb / 10P
   2K 2.5V CMOS Serial EEPROMs
logo
Rohm
BR24L01A-W ROHM-BR24L01A-W_07 Datasheet
1Mb / 17P
   I2C BUS Serial EEPROMs
logo
Catalyst Semiconductor
CAT34WC02 CATALYST-CAT34WC02 Datasheet
49Kb / 10P
   2K-Bit I2C Serial EEPROM, Serial Presence Detect
logo
ATMEL Corporation
AT24MAC602 ATMEL-AT24MAC602_14 Datasheet
1Mb / 29P
   Plus an Embedded Unique 128-bit Serial Number
AT24MAC402 ATMEL-AT24MAC402_14 Datasheet
1Mb / 29P
   Plus an Embedded Unique 128-bit Serial Number
logo
Microchip Technology
24C01SC MICROCHIP-24C01SC_04 Datasheet
227Kb / 16P
   1K/2K 5.0V I2C Serial EEPROMs for Smart Cards
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com