Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V700-H01 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # V700-H01
Description  A High-functionality High-performance RFID System That Revolutionizes Product and Distribution Management in the Production Environment
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V700-H01 Datasheet(HTML) 2 Page - Omron Electronics LLC

  V700-H01 Datasheet HTML 1Page - Omron Electronics LLC V700-H01 Datasheet HTML 2Page - Omron Electronics LLC V700-H01 Datasheet HTML 3Page - Omron Electronics LLC V700-H01 Datasheet HTML 4Page - Omron Electronics LLC V700-H01 Datasheet HTML 5Page - Omron Electronics LLC V700-H01 Datasheet HTML 6Page - Omron Electronics LLC V700-H01 Datasheet HTML 7Page - Omron Electronics LLC V700-H01 Datasheet HTML 8Page - Omron Electronics LLC V700-H01 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Electromagnetic Inductive RFID System
V700
Controller
V700-CD1D-V3
90
× 65 × 75 mm
RS-232C interface
24 VDC, 1 channel for Antenna
connection
V700-CD2D-V3
RS-485 interface
Maximum number of Controllers that
can be connected: 31
24 VDC, 1 channel for Antenna
connection
Antenna Cable
V700-A40
2 m
Material: Vinyl chloride
The connector is not waterproof.
V700-A41
3 m
V700-A42
5 m
V700-A43
10 m
V700-A44
20 m
V700-A45
30 m
Compact Reader
Writer
V700-HMD11
40
× 53 × 23 mm
RS-232C interface
5 VDC supplied via AC Adapter
2-m cable
V700-HMD11-1
RS-232C interface
5 VDC supplied
from connector
1-m cable
2-m cable
4-m cable
ID Link Unit
V700-L12
110
× 65 × 64 mm
RS-232C and RS-485 interface
Unit for multiple connections
Programming
Console
C200H-PRO27-E
Equipped with the following functions:
Execution status monitor, set value
display, transmission execution,
transmission test, noise measurement,
reading error contents
Programming
Console
Connecting
Cable
V700-P10
2 m
Cable for connecting the V700-CD
@D-
V
@ and C200H-PRO27-E
Name
Model
Specifications/Design


Similar Part No. - V700-H01

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
V700-H01 OMRON-V700-H01 Datasheet
547Kb / 14P
   A High-functionality High-performance RFID System That Revolutionizes Product and Distribution Management in the Production Environment
More results

Similar Description - V700-H01

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
V700 OMRON-V700 Datasheet
547Kb / 14P
   A High-functionality High-performance RFID System That Revolutionizes Product and Distribution Management in the Production Environment
logo
Agilent(Hewlett-Packard...
L4411A HP-L4411A Datasheet
249Kb / 7P
   Leading the Industry in High-Performance System Test
logo
TXC Corporation.
AX-SERIES TXC-AX-SERIES Datasheet
974Kb / 1P
   Superior and reliable performance in harsh environment.
logo
Neutrik AG
NE8MC NEUTRIK-NE8MC Datasheet
92Kb / 2P
   The RJ45 system for harsh and demanding environment
logo
List of Unclassifed Man...
BNO080 ETC2-BNO080 Datasheet
1Mb / 57P
   The BNO080 is a System in Package (SiP) that integrates a triaxial accelerometer
logo
STMicroelectronics
ST25RU3993-HPEV STMICROELECTRONICS-ST25RU3993-HPEV Datasheet
489Kb / 9P
   High-power RFID reader system
November 2020 Rev 2
logo
Murata Manufacturing Co...
NCP03XH103F05RL MURATA1-NCP03XH103F05RL_V01 Datasheet
582Kb / 3P
   Excellent solderability and high stability in environment
10/11/2022
NCP02WF474F05RH MURATA1-NCP02WF474F05RH Datasheet
583Kb / 3P
   Excellent solderability and high stability in environment
10/11/2022
NCP03WF683E05RL MURATA1-NCP03WF683E05RL_V01 Datasheet
569Kb / 3P
   Excellent solderability and high stability in environment
10/11/2022
NCP15WM154J03RC MURATA1-NCP15WM154J03RC_V01 Datasheet
566Kb / 3P
   Excellent solderability and high stability in environment
10/11/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com