Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V700-HMD11-1 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # V700-HMD11-1
Description  A High-functionality High-performance RFID System That Revolutionizes Product and Distribution Management in the Production Environment
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V700-HMD11-1 Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button V700-HMD11-1 Datasheet HTML 2Page - Omron Electronics LLC V700-HMD11-1 Datasheet HTML 3Page - Omron Electronics LLC V700-HMD11-1 Datasheet HTML 4Page - Omron Electronics LLC V700-HMD11-1 Datasheet HTML 5Page - Omron Electronics LLC V700-HMD11-1 Datasheet HTML 6Page - Omron Electronics LLC V700-HMD11-1 Datasheet HTML 7Page - Omron Electronics LLC V700-HMD11-1 Datasheet HTML 8Page - Omron Electronics LLC V700-HMD11-1 Datasheet HTML 9Page - Omron Electronics LLC V700-HMD11-1 Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
Electromagnetic Inductive RFID System
V700
Functions
■ Transmission Functions
Note: The V700-CD
@D-V@ and V700-HMD11(-1) have different
command structures.
■ Transmission Time (Reference)
The transmission time is the time required for transmission between the Antenna and ID Tag and does not include time required for host commu-
nications.
V700-CD
@D-V@
V700-HMD11/HMD11-1
Note: T = Transmission time (ms)
N = Number of pages (1 page = 8 bytes)
Multiple Access with the V700-CD
@D-V@
The transmission time when using multiple-access commands not
only depends on the number of bytes, but also on the number of ID
Tags in the transmission range and the combination of the ID Tags’
codes. The average values for random ID codes are given below.
(units: ms)
■ Mutual Interference Prevention Functions (Using the V700-CD@D-V@)
If there is less than 15 m between Antennas, all the Antennas must be synchronized to prevent mutual interference. This can be done using either
of the two methods described below.
Read-only Synchronization
If all the Antennas only use read commands, this method can be
used to reduce the access time.
Read/Write Synchronization
This is the synchronization method that is usually used. It enables
the synchronization of both read and write commands for several
connected Antennas.
V700-CD1D-V3
V700-CD2D-V3
V700-HMD11
V700-HMD11-1
Single access
Provided
Provided
FIFO
Provided
Provided
Multiple access
Provided
Not provided
Selective access
Provided
Not provided
Asynchronous
Write
T = 52.8 N + 113.5
Read
T = 46.7 N + 60.7
Read-only
synchronization
Read
T = 46.7 N + 107.4
Read-write
synchronization
Write
T = 52.8 N + 172.4
Read
T = 52.8 N + 119.6
Read
T = 48 N + 66
Write
T = 55 N + 120
Precautions on Using the Product near Noise Sources
This product makes transmissions to ID Tags using a fre-
quency of 125 kHz. Transceivers, motors, monitoring devic-
es,
and
power
supplies
have
parts
that
generate
electromagnetic waves (noise). These waves may interfere
with transmissions to ID Tags. Before using this product near
these kinds of devices, check that there is no adverse affect
on transmissions.
Number of Tags
Reading 8 bytes
Writing 8 bytes
5
579
873
10
1,191
1,547
15
1,857
2,275
20
2,523
3,002
30
3,853
4,455
50
6,344
7,192
1 m min.
1 m min.
1 m min.
1 m min.
1 m min.
1 m min.
1 m min.
1 m min.
Read
Read
Read
Read
Read
Read
Read
Write
Read/Write
Read


Similar Part No. - V700-HMD11-1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
V700-HMD11-1 OMRON-V700-HMD11-1 Datasheet
547Kb / 14P
   A High-functionality High-performance RFID System That Revolutionizes Product and Distribution Management in the Production Environment
More results

Similar Description - V700-HMD11-1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
V700 OMRON-V700 Datasheet
547Kb / 14P
   A High-functionality High-performance RFID System That Revolutionizes Product and Distribution Management in the Production Environment
logo
Agilent(Hewlett-Packard...
L4411A HP-L4411A Datasheet
249Kb / 7P
   Leading the Industry in High-Performance System Test
logo
TXC Corporation.
AX-SERIES TXC-AX-SERIES Datasheet
974Kb / 1P
   Superior and reliable performance in harsh environment.
logo
Neutrik AG
NE8MC NEUTRIK-NE8MC Datasheet
92Kb / 2P
   The RJ45 system for harsh and demanding environment
logo
List of Unclassifed Man...
BNO080 ETC2-BNO080 Datasheet
1Mb / 57P
   The BNO080 is a System in Package (SiP) that integrates a triaxial accelerometer
logo
STMicroelectronics
ST25RU3993-HPEV STMICROELECTRONICS-ST25RU3993-HPEV Datasheet
489Kb / 9P
   High-power RFID reader system
November 2020 Rev 2
logo
Murata Manufacturing Co...
NCP03XH103F05RL MURATA1-NCP03XH103F05RL_V01 Datasheet
582Kb / 3P
   Excellent solderability and high stability in environment
10/11/2022
NCP02WF474F05RH MURATA1-NCP02WF474F05RH Datasheet
583Kb / 3P
   Excellent solderability and high stability in environment
10/11/2022
NCP03WF683E05RL MURATA1-NCP03WF683E05RL_V01 Datasheet
569Kb / 3P
   Excellent solderability and high stability in environment
10/11/2022
NCP15WM154J03RC MURATA1-NCP15WM154J03RC_V01 Datasheet
566Kb / 3P
   Excellent solderability and high stability in environment
10/11/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com