Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZEN-20C2DT-D-V2 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # ZEN-20C2DT-D-V2
Description  Programmable Relay ZEN V2 Units
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

ZEN-20C2DT-D-V2 Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button ZEN-20C2DT-D-V2 Datasheet HTML 3Page - Omron Electronics LLC ZEN-20C2DT-D-V2 Datasheet HTML 4Page - Omron Electronics LLC ZEN-20C2DT-D-V2 Datasheet HTML 5Page - Omron Electronics LLC ZEN-20C2DT-D-V2 Datasheet HTML 6Page - Omron Electronics LLC ZEN-20C2DT-D-V2 Datasheet HTML 7Page - Omron Electronics LLC ZEN-20C2DT-D-V2 Datasheet HTML 8Page - Omron Electronics LLC ZEN-20C2DT-D-V2 Datasheet HTML 9Page - Omron Electronics LLC ZEN-20C2DT-D-V2 Datasheet HTML 10Page - Omron Electronics LLC ZEN-20C2DT-D-V2 Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
Programmable Relay
ZEN V2 Units
7
Specifications
■ Ratings
Note: 1. Can be mounted to 35-mm DIN Track.
2.
Item
Specification
ZEN-
@C@AR-A-V2/ZEN-8E1AR
ZEN-
@C@D@-D-V2/ZEN-8E1D@
Rated supply voltage
100 to 240 VAC, 50/60 Hz
12 to 24 VDC (DC ripple rate: 5% max.)
Operating voltage range
85 to 264 VAC
10.8 to 28.8 VDC
Power consumption
CPU Units without Expansion I/O Units
• ZEN-10C1AR-A-V2/ZEN-10C2AR-A-V2/
ZEN-10C3AR-A-V2
100 V AC: 5 VA max.
240 V AC: 7 VA max.
• ZEN-10C4AR-A-V2
100 V AC: 6 VA max.
240 V AC: 8 VA max.
• ZEN-20C
@AR-A-V2
100 V AC: 7 VA max.
240 V AC: 10 VA max.
CPU Units with three Expansion I/O Units
• ZEN-10C1AR-A-V2/ZEN-10C2AR-A-V2
100 V AC: 6 VA max.
240 V AC: 8 VA max.
• ZEN-10C4AR-A-V2
100 V AC: 7 VA max.
240 V AC: 9 VA max.
• ZEN-20C
@AR-A-V2
100 V AC: 8 VA max.
240 V AC: 11 VA max.
Expansion I/O Units
• ZEN-8E1AR
100 V AC: 3 VA max.
240 V AC: 4 VA max.
CPU Units without Expansion I/O Units
• ZEN-10C
@DR-D-V2
12/24 V DC: 3 W max.
(ZEN-10C3DR-D-V2: 2.8 W max.)
• ZEN-10C
@DT-D-V2
12/24 V DC: 2 W max.
• ZEN-20C
@DR-D-V2
12/24 V DC: 4 W max.
• ZEN-20C
@DT-D-V2
12/24 V DC: 2 W max.
CPU Units with three Expansion I/O Units
• ZEN-10C
@DR-D-V2
12/24 V DC: 4 W max.
• ZEN-10C
@DT-D-V2
12/24 V DC: 3 W max.
• ZEN-20C
@DR-D-V2
12/24 V DC: 5 W max.
• ZEN-20C
@DT-D-V2
12/24 V DC: 3 W max.
Expansion I/O Units
• ZEN-8E1DR
12/24 V DC: 2 W max.
Inrush current
ZEN-10C
@AR-A-V2: 4.5 A max.
ZEN-20C
@AR-A-V2: 4.5 A max.
ZEN-8E1AR:
4 A max.
ZEN-10C
@D@-D-V2: 30 A max.
ZEN-20C
@D@-D-V2: 30 A max.
ZEN-8E1DR:
15 A max.
Ambient temperature
0 to 55
°C (−25 to 55°C for ZEN-@C2@@-@-V2 models)
Ambient storage temperature
−20 to 75°C (−40 to 75°C for ZEN-@C2@@-@-V2 models)
Ambient humidity
10% to 90% (with no condensation)
Ambient conditions
No corrosive gases
Mounting method
Surface mounting, DIN track mounting (standard (vertical) installation and horizontal installation) (See notes 1
and 2.)
Terminal block
Solid-line terminal block (use solid wire or fine-stranded wire)
Terminal screw tightening
torque
0.565 to 0.6 N·m (5 to 5.3 in-lb)
Degree of protection
IP20 (Mounted inside a control panel)
Standard (Vertical) installation
Horizontal installation


Similar Part No. - ZEN-20C2DT-D-V2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
ZEN-20C2DT-D-V2 OMRON-ZEN-20C2DT-D-V2 Datasheet
1Mb / 36P
   Programmable Relay
More results

Similar Description - ZEN-20C2DT-D-V2

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
PDU-1316 DATADELAY-PDU-1316 Datasheet
84Kb / 1P
   Digitally Programmable Delay Units
logo
Omron Electronics LLC
ZEN-10C1AR-A-V2 OMRON-ZEN-10C1AR-A-V2 Datasheet
1Mb / 36P
   Programmable Relay
logo
JFW Industries, Inc.
50P-1304 JFW-50P-1304 Datasheet
26Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-1633 JFW-50P-1633 Datasheet
26Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
75P-089 JFW-75P-089 Datasheet
26Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-542 JFW-50P-542 Datasheet
26Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-847 JFW-50P-847 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
75P-022+12 JFW-75P-022+12 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-2033 JFW-50P-2033 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-1224 JFW-50P-1224 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com