Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP2561 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP2561
Description  High-Speed CAN Transceiver
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2561 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP2561 Datasheet HTML 2Page - Microchip Technology MCP2561 Datasheet HTML 3Page - Microchip Technology MCP2561 Datasheet HTML 4Page - Microchip Technology MCP2561 Datasheet HTML 5Page - Microchip Technology MCP2561 Datasheet HTML 6Page - Microchip Technology MCP2561 Datasheet HTML 7Page - Microchip Technology MCP2561 Datasheet HTML 8Page - Microchip Technology MCP2561 Datasheet HTML 9Page - Microchip Technology MCP2561 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
MCP2561/2
DS25167B-page 6
 2013 Microchip Technology Inc.
1.8
Typical Applications
FIGURE 1-1:
MCP2561 WITH SPLIT PIN
FIGURE 1-2:
MCP2562 WITH VIO PIN
5V LDO
VBAT
VDD
VDD
TXD
RXD
STBY
CANTX
CANRX
RBX
VSS
VSS
PIC
SPLIT
CANH
CANL
4700 pF
.
01μF
CANH
CANL
60
:
60
:
300
:
(
Optional 1)
Note 1: Optional resistor to allow communication during bus failure (CANL shorted to ground).
1.8V LDO
VDD
VDD
TXD
RXD
STBY
CANTX
CANRX
RBX
VSS
Vss
PIC
CANH
CANL
5V LDO
VBAT
VIO
0.1 μF
CANH
CANL
.
01μF
120
:


Similar Part No. - MCP2561

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP25612FD MICROCHIP-MCP25612FD Datasheet
542Kb / 26P
   Dual CAN Flexible Data-Rate Transceiver
01/27/15
MCP2561FD MICROCHIP-MCP2561FD Datasheet
1Mb / 32P
   High-Speed CAN Flexible Data Rate Transceiver
03/25/14
MCP2561FD-E/MF MICROCHIP-MCP2561FD-E/MF Datasheet
1Mb / 32P
   High-Speed CAN Flexible Data Rate Transceiver
03/25/14
MCP2561FD-E/P MICROCHIP-MCP2561FD-E/P Datasheet
1Mb / 32P
   High-Speed CAN Flexible Data Rate Transceiver
03/25/14
MCP2561FD-E/SN MICROCHIP-MCP2561FD-E/SN Datasheet
1Mb / 32P
   High-Speed CAN Flexible Data Rate Transceiver
03/25/14
More results

Similar Description - MCP2561

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
   High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
NXP Semiconductors
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
   High-speed CAN transceiver
Rev. 6-24 August 2017
TJR1441 NXP-TJR1441 Datasheet
354Kb / 31P
   High-speed CAN transceiver
logo
ON Semiconductor
AMIS-30660 ONSEMI-AMIS-30660 Datasheet
143Kb / 10P
   High Speed CAN Transceiver
January, 2009 ??Rev. 8
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551 Datasheet
364Kb / 20P
   High-Speed CAN Transceiver
2002
logo
Infineon Technologies A...
IFX1050GVIO INFINEON-IFX1050GVIO Datasheet
1Mb / 19P
   High Speed CAN-Transceiver
Rev. 1.0, 2011-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com