Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6562 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP6562
Description  1.8V Low-Power Push-Pull Output Comparator
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6562 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP6562 Datasheet HTML 7Page - Microchip Technology MCP6562 Datasheet HTML 8Page - Microchip Technology MCP6562 Datasheet HTML 9Page - Microchip Technology MCP6562 Datasheet HTML 10Page - Microchip Technology MCP6562 Datasheet HTML 11Page - Microchip Technology MCP6562 Datasheet HTML 12Page - Microchip Technology MCP6562 Datasheet HTML 13Page - Microchip Technology MCP6562 Datasheet HTML 14Page - Microchip Technology MCP6562 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
 2009-2013 Microchip Technology Inc.
DS22139C-page 11
MCP6561/1R/1U/2/4
Note: Unless otherwise indicated, VDD = +1.8V to +5.5V, VSS = GND, TA = +25°C, VIN+ = VDD/2, VIN– = GND,
RL = 10 k to VDD/2, and CL = 25 pF.
FIGURE 2-37:
Output Jitter vs. Input
Frequency.
FIGURE 2-38:
Input Offset Current and
Input Bias Current vs. Temperature.
FIGURE 2-39:
Input Offset Current and
Input Bias Current vs. Common-mode Input
Voltage vs. Temperature.
0.1
1
10
100
1000
10000
100
1000
10000
100000 1000000 1E+07
Input Frequency (Hz)
VDD = 5.5V
100
1k
10k
100k
1M
10M
VIN+ = 2Vpp (sine)
0.1
1
10
100
1000
25
50
75
100
125
Temperature (°C)
I
B
|I
OS|
0.001
0.01
0.1
1
10
100
1000
10000
01
2
3
45
6
VCM (V)
IB @ TA=
IB @ TA=
|IOS| @ TA= 125°C
|IOS|@ TA= 85°C
VDD = 5.5V


Similar Part No. - MCP6562

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6562 MICROCHIP-MCP6562 Datasheet
730Kb / 42P
   1.8V Low Power Push-Pull Output Comparator
2009
MCP6562-E/LT MICROCHIP-MCP6562-E/LT Datasheet
730Kb / 42P
   1.8V Low Power Push-Pull Output Comparator
2009
MCP6562-E/MS MICROCHIP-MCP6562-E/MS Datasheet
730Kb / 42P
   1.8V Low Power Push-Pull Output Comparator
2009
MCP6562-E/OT MICROCHIP-MCP6562-E/OT Datasheet
730Kb / 42P
   1.8V Low Power Push-Pull Output Comparator
2009
MCP6562-E/SL MICROCHIP-MCP6562-E/SL Datasheet
730Kb / 42P
   1.8V Low Power Push-Pull Output Comparator
2009
More results

Similar Description - MCP6562

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6561 MICROCHIP-MCP6561 Datasheet
730Kb / 42P
   1.8V Low Power Push-Pull Output Comparator
2009
logo
Texas Instruments
TLV3491 TI1-TLV3491_14 Datasheet
1Mb / 25P
[Old version datasheet]   1.8V, Nanopower, PUSH-PULL OUTPUT COMPARATOR
TLV3491 TI1-TLV3491_15 Datasheet
1Mb / 23P
[Old version datasheet]   1.8V, Nanopower, PUSH-PULL OUTPUT COMPARATOR
logo
Burr-Brown (TI)
TLV3491 BURR-BROWN-TLV3491 Datasheet
494Kb / 15P
   1.8V, Nanopower PUSH-PULL OUTPUT COMPARATOR
logo
Unisonic Technologies
ULC3491 UTC-ULC3491 Datasheet
121Kb / 5P
   1.8V, NANOPOWER, CMOS INPUT, PUSH-PULL OUTPUT COMPARATOR
logo
SG Micro Corp
SGM8704 SGMICRO-SGM8704 Datasheet
368Kb / 17P
   Push-Pull Output Comparator
SGM8705 SGMICRO-SGM8705 Datasheet
334Kb / 15P
   Push-Pull Output Comparator
logo
Texas Instruments
LPV7215 TI1-LPV7215 Datasheet
1Mb / 28P
[Old version datasheet]   Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator
logo
Intersil Corporation
LPV7215 INTERSIL-LPV7215 Datasheet
957Kb / 18P
   Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator
ISL28915FH6Z-T7 INTERSIL-ISL28915FH6Z-T7 Datasheet
325Kb / 10P
   Nano Power, Push/Pull Output Comparator
July 12, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com