Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP73853 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP73853
Description  USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73853 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP73853_13 Datasheet HTML 7Page - Microchip Technology MCP73853_13 Datasheet HTML 8Page - Microchip Technology MCP73853_13 Datasheet HTML 9Page - Microchip Technology MCP73853_13 Datasheet HTML 10Page - Microchip Technology MCP73853_13 Datasheet HTML 11Page - Microchip Technology MCP73853_13 Datasheet HTML 12Page - Microchip Technology MCP73853_13 Datasheet HTML 13Page - Microchip Technology MCP73853_13 Datasheet HTML 14Page - Microchip Technology MCP73853_13 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
 2004-2013 Microchip Technology Inc.
DS21915C-page 11
MCP73853/55
3.0
PIN DESCRIPTION
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Voltage Regulation Selection
(VSET)
Connect to VSS for 4.1V regulation voltage. Connect to
VDD for 4.2V regulation voltage.
3.2
Battery Management Input Supply
(VDD1, VDD2)
A supply voltage of [VREG(Typ) + 0.3V] to 5.5V is
recommended. Bypass to VSS with a minimum of
4.7 µF.
3.3
Battery Management 0V Reference
(VSS1, VSS2, VSS3)
Connect to negative terminal of battery.
3.4
Current Regulation Set (PROG)
Preconditioning, fast and termination currents are
scaled by placing a resistor from PROG to VSS.
3.5
Cell Temperature Sensor Bias
(THREF)
THREF is a voltage reference to bias external
thermistor for continuous cell temperature monitoring
and pre-qualification.
3.6
Cell Temperature Sensor Input
(THERM)
Input for an external thermistor for continuous cell-
temperature monitoring and prequalification. Connect
to THREF/3 to disable temperature sensing.
3.7
Timer Set (TIMER)
All safety timers are scaled by CTIMER/0.1 µF.
3.8
Battery Charge Control Output
(VBAT1, VBAT2)
Connect to positive terminal of battery. Drain terminal
of internal P-channel MOSFET pass transistor. Bypass
to VSS with a minimum of 4.7 µF to ensure loop stability
when the battery is disconnected.
3.9
Battery Voltage Sense (VBAT3)
Voltage sense input. Connect to positive terminal of
battery. A precision internal resistor divider regulates
the final voltage on this pin to VREG.
3.10
Logic Enable (EN)
Input to force charge termination, initiate charge, clear
faults or disable automatic recharge.
3.11
Fault Status Output (STAT2)
Current-limited, open-drain drive for direct connection
to an LED for charge status indication. Alternatively, a
pull-up resistor can be applied for interfacing to a host
microcontroller.
3.12
Charge Status Output (STAT1)
Current-limited, open-drain drive for direct connection
to a LED for charge status indication. Alternatively, a
pull-up resistor can be applied for interfacing to a host
microcontroller.
MCP73853
MCP73855
Sym
Description
12
VSET
Voltage Regulation Selection
23
VDD1
Battery Management Input Supply
3—
VDD2
Battery Management Input Supply
44
VSS1
Battery Management 0V Reference
5
5
PROG
Current Regulation Set
6
THREF
Cell Temperature Sensor Bias
7
THERM
Cell Temperature Sensor Input
86
TIMER
Timer Set
9—
VSS3
Battery Management 0V Reference
10
8
VBAT1
Battery Charge Control Output
11
9
VBAT2
Battery Charge Control Output
12
VBAT3
Battery Voltage Sense
13
7
VSS2
Battery Management 0V Reference
14
10
EN
Logic Enable
15
STAT2
Fault Status Output
16
1
STAT1
Charge Status Output
17
11
EP
Exposed Pad, VSS Potential


Similar Part No. - MCP73853_13

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73853-I MICROCHIP-MCP73853-I Datasheet
275Kb / 24P
   USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
10/20/04
MCP73853-ML MICROCHIP-MCP73853-ML Datasheet
275Kb / 24P
   USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
10/20/04
MCP73853IMF MICROCHIP-MCP73853IMF Datasheet
362Kb / 24P
   USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
2004
MCP73853IML MICROCHIP-MCP73853IML Datasheet
362Kb / 24P
   USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
2004
MCP73853T MICROCHIP-MCP73853T Datasheet
362Kb / 24P
   USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
2004
More results

Similar Description - MCP73853_13

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73853 MICROCHIP-MCP73853 Datasheet
362Kb / 24P
   USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
2004
MCP73853-I MICROCHIP-MCP73853-I Datasheet
275Kb / 24P
   USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
10/20/04
MCP73831 MICROCHIP-MCP73831_13 Datasheet
1Mb / 32P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
11/29/12 2005-2013
MCP73831 MICROCHIP-MCP73831_08 Datasheet
847Kb / 28P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2008
MCP73831 MICROCHIP-MCP73831 Datasheet
696Kb / 24P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2006
MCP73831 MICROCHIP-MCP73831_V01 Datasheet
1Mb / 29P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
Revision H June 2020
MCP73831 MICROCHIP-MCP73831_14 Datasheet
682Kb / 28P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
03/25/14
MCP73811 MICROCHIP-MCP73811 Datasheet
1Mb / 22P
   Simple, Miniature Single-Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2007
MCP73830 MICROCHIP-MCP73830_V01 Datasheet
1Mb / 24P
   Single-Cell Li-Ion/Li-Polymer Battery Charge Management Controllers in 2x2 TDFN
Revision E August 2019
MCP73830 MICROCHIP-MCP73830 Datasheet
516Kb / 22P
   Single-Cell Li-Ion/Li-Polymer Battery Charge Management Controllers in 2x2 TDFN
03/25/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com