Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K2CM-Q4HA Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # K2CM-Q4HA
Description  Solid-state Relay Enables Choice of Three Operating Functions (Overcurrent, Openphase, and Reverse-phase)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K2CM-Q4HA Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button K2CM-Q4HA Datasheet HTML 3Page - Omron Electronics LLC K2CM-Q4HA Datasheet HTML 4Page - Omron Electronics LLC K2CM-Q4HA Datasheet HTML 5Page - Omron Electronics LLC K2CM-Q4HA Datasheet HTML 6Page - Omron Electronics LLC K2CM-Q4HA Datasheet HTML 7Page - Omron Electronics LLC K2CM-Q4HA Datasheet HTML 8Page - Omron Electronics LLC K2CM-Q4HA Datasheet HTML 9Page - Omron Electronics LLC K2CM-Q4HA Datasheet HTML 10Page - Omron Electronics LLC K2CM-Q4HA Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
K2CM
7
2) Open-phase Circuit
Open-phase Level Detecting Circuit
This circuit detects when the current reaches the open-phase operat-
ing level (85% max. of the set current value). Therefore, open-phase
is not detected until the maximum phase of the current exceeds 85%
of the set current value.
Open-phase Detecting Circuit
Output of the maximum value detecting circuit is divided and used as
reference values for comparison with the output of the rectifier/
smoothing circuits for the respective phases. If a phase has a value
lower than the reference value, the K2CM judges it to be open-phase
and outputs an open-phase signal.
The following imbalance factors can be selected by setting the open-
phase switch.
“High” . . Operating imbalance factor: 35
±10%
“Low”. . . Operating imbalance factor: 60% min.
The imbalance factor can be easily obtained from the following
graph. In the graph, the horizontal axis indicates the maximum phase
of the current whereas the two vertical axes indicate the remaining
two phases. The maximum phase of the current is taken to be 1.0 as
a reference point. The imbalance factor is obtained as a percentage
from the curve around the center of the graph. Obtain the imbalance
factor for a motor current with I
R = 100 A, IS = 70 A, and IT = 60 A as
follows:
1. On the R axis, locate point A, where I
R = 1.0.
2. Move from point A to point B, where I
S = 0.7 on the S axis.
3. On the T axis, locate point C, where I
T = 0.6.
4. Follow the curves that pass through points B and C and locate the
intersection point D.
5. Locating the point corresponding to point D on the imbalance fac-
tor curve gives an imbalance factor of 36%. Take the maximum
phase of current on the horizontal axis without considering axes
R, S, and T.
Generally, in open-phase detection, detecting a complete open-
phase is sufficient. In such a case, set the open-phase switch to the
“Low” position. If using the motor in an imbalanced condition causes
problems, or when detecting internal open-phases of a delta-con-
nected motor, set the switch to the “High” position. Depending on the
motor’s load condition and the imbalance of the power supply, how-
ever, special consideration may be required for the detection of inter-
nal open-phases in delta-connected motors. Consult your OMRON
representative before using this method. When a transformer is con-
nected as a load, the harmonics increase at low loads. Therefore, in
such a case, set the open-phase switch to the “Low” position.
3) Reverse-phase Circuit
1. Current Reverse-phase Detection Models
Reverse-phase Level Detecting Circuit
This circuit detects whether the current is in the operating level (50%
max. of the set current value) as a precondition to detect the reverse-
phase.
Reverse-phase Detecting Circuit
The current reverse-phase detecting method is employed for detect-
ing reverse-phase as shown below. After the motor starts operating,
the current phase becomes transiently unstable during T1 (approx.
0.4 s) and so reverse-phase detection is not performed during this
period but it is performed during T2 (approx. 0.1 s). After T2 has
elapsed, reverse-phase detection is not performed. For this reason,
this method cannot be applied to cases where instantaneous
reverse-phase is not permitted. When a reverse-phase is detected,
the relay is held in the latched state even after the motor current
stops (in both manual and automatic release types).
2. Voltage Reverse-phase Detection Models
Reverse-phase Detecting Circuit
Reverse-phase detecting is performed by using the voltage reverse-
phase detection method.
By voltage division within the above RC phase circuit, the output
becomes 0 V in the normal state or 1.5 V
uv in the reverse-phase
state. Using the output from this circuit, the reverse-phase level
detecting circuit detects when the current reaches the reverse-phase
operating level (80% or less of the control power supply).
90.0
95.0
80.0
85.0
75.0
65.0
70.0
60.0
50.0
55.0
40.0
45.0
35.0
30.0
25.0
20.0
15.0
10.0
5.0
Point D
1.6
1.5
1.4
1.3
1.2
1.1
1.0
0.9
T (R, S) 0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.0
1.6
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8 S (T, R)
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Point B
Point C
Point A
R (S, T)
1.0
0.5
0.5
1.0
0
S phase
T phase
Open-phase
switch
Maximum phase of
current: R phase = 1.0
"Low"
"High"
A
35%
60%
25%
Non-operating
area
"High"
operating
area
"Low"
operating
area
T1
Non-detecting area
Detecting area
T2
Motor
Start
U
V
W
Reverse-phase output


Similar Part No. - K2CM-Q4HA

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
K2CM-Q4HA OMRON-K2CM-Q4HA Datasheet
1Mb / 16P
   Solid-state Relay Enables Choice of Three Operating Functions (Overcurrent, Openphase and Reverse-phase)
More results

Similar Description - K2CM-Q4HA

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
K2CMQ1L OMRON-K2CMQ1L Datasheet
1Mb / 16P
   Solid-state Relay Enables Choice of Three Operating Functions (Overcurrent, Openphase and Reverse-phase)
logo
Hongfa Technology
HFS24 HONGFA-HFS24 Datasheet
114Kb / 3P
   THREE-PHASE SOLID STATE RELAY
logo
celduc-relais
SGT968360E CELDUC-SGT968360E Datasheet
352Kb / 4P
   Three Phase Solid State Relay
logo
TE Connectivity Ltd
SSR3 TEC-SSR3 Datasheet
475Kb / 3P
   Three Phase Solid State Relay
02-2021, Rev. 0221
logo
celduc-relais
SGT962360E CELDUC-SGT962360E Datasheet
393Kb / 4P
   Three Phase Solid State Relay
SGT967360E CELDUC-SGT967360E Datasheet
262Kb / 4P
   Three Phase Solid State Relay
SGT7650500 CELDUC-SGT7650500 Datasheet
702Kb / 6P
   Three phase power solid state relay
SGT8670500 CELDUC-SGT8670500 Datasheet
712Kb / 6P
   Three phase power solid state relay
SGT8658502 CELDUC-SGT8658502 Datasheet
1Mb / 6P
   Three phase power solid state relay
SGT9854320 CELDUC-SGT9854320 Datasheet
1Mb / 6P
   Three phase power solid state relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com