Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS5680 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDS5680
Description  60V N-Channel PowerTrench??MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS5680 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDS5680 Datasheet HTML 1Page - Fairchild Semiconductor FDS5680 Datasheet HTML 2Page - Fairchild Semiconductor FDS5680 Datasheet HTML 3Page - Fairchild Semiconductor FDS5680 Datasheet HTML 4Page - Fairchild Semiconductor FDS5680 Datasheet HTML 5Page - Fairchild Semiconductor FDS5680 Datasheet HTML 6Page - Fairchild Semiconductor FDS5680 Datasheet HTML 7Page - Fairchild Semiconductor FDS5680 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
FDS5680 Rev.C
Typical Characteristics
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation
with Drain Current and Gate Voltage.
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage
Variation with Source Current
and Temperature.
Figure 3. On-Resistance Variation
with Temperature.
Figure 4. On-Resistance Variation
with Gate-to-Source Voltage.
0.6
0.9
1.2
1.5
1.8
2.1
2.4
0
1020304050
ID, DRAIN CURRENT (A)
VGS=4.0V
4.5
5.0V
6.0V
7.0V
0
10
20
30
40
50
22.533.544.5
5
VGS, GATE TO SOURCE VOLTAGE (V)
VDS = 5V
TJ = -55
o
C
25
o
C
125
o
C
0.001
0.01
0.1
1
10
100
0.20.4
0.60.8
1
1.2
VSD, BODY DIODE VOLTAGE (V)
VGS =0V
TJ =125
oC
25
oC
-55
oC
0.01
0.02
0.03
0.04
0.05
0.06
24
68
10
VGS, GATE TO SOURCE VOLTAGE (V)
ID = 4.0A
TJ = 125
o
C
25
oC
0
10
20
30
40
50
00.5
11.5
22.5
3
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS =10V
7.0V
6.0V
5.0V
4.5V
4.0
0.6
0.8
1
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (
oC)
ID= 8.0A
VGS= 10V


Similar Part No. - FDS5680

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS5682 FAIRCHILD-FDS5682 Datasheet
388Kb / 12P
   N-Channel PowerTrench MOSFET
FDS5682 FAIRCHILD-FDS5682 Datasheet
603Kb / 12P
   N-Channel PowerTrench MOSFET 60V, 7.5A, 21m ohm
FDS5682 FAIRCHILD-FDS5682_08 Datasheet
603Kb / 12P
   N-Channel PowerTrench MOSFET 60V, 7.5A, 21m ohm
FDS5682_NL FAIRCHILD-FDS5682_NL Datasheet
388Kb / 12P
   N-Channel PowerTrench MOSFET
More results

Similar Description - FDS5680

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS9945 FAIRCHILD-FDS9945 Datasheet
73Kb / 5P
   60V N-Channel PowerTrench MOSFET
FDP5680 FAIRCHILD-FDP5680 Datasheet
440Kb / 16P
   60V N-Channel PowerTrench??MOSFET
FDS5670 FAIRCHILD-FDS5670 Datasheet
250Kb / 8P
   60V N-Channel PowerTrench??MOSFET
FDS5690 FAIRCHILD-FDS5690 Datasheet
236Kb / 8P
   60V N-Channel PowerTrench MOSFET
FDS5170N7 FAIRCHILD-FDS5170N7 Datasheet
201Kb / 6P
   60V N-Channel PowerTrench MOSFET
FDP5645 FAIRCHILD-FDP5645 Datasheet
422Kb / 10P
   60V N-Channel PowerTrench MOSFET
FDD5612 FAIRCHILD-FDD5612 Datasheet
147Kb / 5P
   60V N-Channel PowerTrench??MOSFET
SI4450DY FAIRCHILD-SI4450DY Datasheet
98Kb / 5P
   60V N-Channel PowerTrench MOSFET
FDD5690 FAIRCHILD-FDD5690 Datasheet
206Kb / 7P
   60V N-Channel PowerTrench??MOSFET
FDN5630 FAIRCHILD-FDN5630 Datasheet
254Kb / 8P
   60V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com