Electronic Components Datasheet Search |
|
XB6DV3GB Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers |
|
XB6DV3GB Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers |
10 / 34 page 10 Harmony™ XB6/ZB6 16 mm push buttons Environmental specifications Conforming to standards Marked IEC 60947-1, IEC 60947-5-1, IEC 60947-5-4, EN 60947-5-1, JIS C 4520 and 852, UL 508, CSA C22.2 No. 14, RoHS compliant (Reduction of Hazardous Substances) Product certifications File E164353 File LR 44087 CCN NKCR Class 3211 03 UL, CSA ASE, BV, JIS, RINA, LROS, DNV, GL: pending Protective treatment standard version “TC” Ambient air temperature around the device Storage °C (°F) - 40 to +70 (- 40 to +158) Operation °C (°F) - 25 to +70 (-13 to +158) Vibration resistance Conforming to IEC 60068-2-6 (2 to 500 Hz) 3 mm peak to peak or 5 gn Shock resistance Conforming to IEC 60068-2-27 Half sine wave 18 ms, 30 gn Half sine wave 11 ms, 50 gn Electric shock protection Conforming to IEC 60536 & NF C 20-030 Class II Degree of protection Conforming to IEC 60529 & NF C 20-010 Conforming to UL 50 & CSAC22.2 No. 94 IP 65 Type 1, 4, 4X and 12 (not for key selector switches) Mechanical durability (in operating cycles) Spring return push buttons 2 million Maintained push buttons 300,000 Key operated selector switches 200,000 Handle operated selector switches 500,000 Mounting positions All Electrical specifications of LED pilot lights Voltage limits 6 - 30 Vac/Vdc Current draw mA 15 Surge withstand Conforming to IEC 61000-4-5 kV 2/1 Resistance to fast transients Conforming to IEC 61000-4-4 kV 2 Resistance to electromagnetic fields Conforming to IEC 61000-4-3 V/m 10 Resistance to electrostatic discharges Conforming to IEC 61000-4-2 kV 8/6 Electromagnetic emission Conforming to IEC 55011 Class B Service life At nominal voltage and 25 °C ambient 100,000 hrs Specifications Product range: page 5 Assembled products: page 12 References: page 15 Dimensions: page 25 This document provided by Barr-Thorp Electric Co., Inc. 800-473-9123 www.barr-thorp.com |
Similar Part No. - XB6DV3GB |
|
Similar Description - XB6DV3GB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |