Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF24XA Datasheet(PDF) 1 Page - Texas Instruments

Part # MRF24XA
Description  Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF Transceiver with Extended Proprietary Features
Download  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MRF24XA Datasheet(HTML) 1 Page - Texas Instruments

  MRF24XA Datasheet HTML 1Page - Texas Instruments MRF24XA Datasheet HTML 2Page - Texas Instruments MRF24XA Datasheet HTML 3Page - Texas Instruments MRF24XA Datasheet HTML 4Page - Texas Instruments MRF24XA Datasheet HTML 5Page - Texas Instruments MRF24XA Datasheet HTML 6Page - Texas Instruments MRF24XA Datasheet HTML 7Page - Texas Instruments MRF24XA Datasheet HTML 8Page - Texas Instruments MRF24XA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 250 page
background image
 2011-2013 Microchip Technology Inc.
Advanced
DS70005023B-page 1
MRF24XA
Features
• IEEE 802.15.4™-2003 and IEEE 802.15.4-2006
Standard Compliant RF transceiver
• Multiple air data rates:
- 250 kbps (IEEE 802.15.4)
- 125, 500, 1000, 2000 kbps, co-existence with
standard networks
• Configurable TX output power: -17.5 to 0 dBm
• Frame header duration scales with the selected
data rate
• On-the-fly,
per-frame
air-data-rate
detection
(link-by-link independent air data rates)
• Inferred destination addressing (to further save on
framing overheads; optional)
Full Featured MCU Support
• Hardware frame parser
• Hardware
CSMA-CA
controller,
automatic
acknowledgement (ACK) and Frame Check
Sequence (FCS)
• Supports all Clear Channel Assessment (CCA)
modes
• Reports ED, RSSI, LQI, and CFO
• Channel Agility with acknowledgements
• Two independent 128 byte frame buffers
• Streaming mode to maximize throughput
• Automatic Packet retransmit Capability
• Hardware
Security
Engine
(AES-128)
and
configurable Encryption/Decryption mode
Low-Power
• Extreme minimization of radio ON-time
- Highest channel-admissible data rate used
- 20%-70% overall reduction through framing
• 2 Mbps frames can reduce radio ON-time by a factor
of 4 to 8 with respect to 250 kbps frames
• 25 mA TX current (typical at 0 dBm)
• 13.5 mA RX current in RX Listen Power-Saving mode
• 15.5-16.5 mA RX current in RX Packet Demodulation
mode (data rate and device configuration dependent)
• Deep Sleep, Sleep, Crystal ON, RX Listen
Power-Saving modes
• Memory retention in Deep Sleep (<40 nA typical)
• Automated functions minimize MCU ON-time
General
• Low external component count
• Best-in-class battery life preservation
• Supply range: 1.5V to 3.6V
• Compact 32-pin 5x5 mm2 QFN package
• Temperature range -40oC to +85oC
• Certified turnkey-ready solutions available
Applications
• IEEE 802.15.4/ZigBee® systems (RF4CE, and so
on)
• Industrial monitoring and control
• IEEE 1588 precise timing protocol networks
• Automatic meter reading
• Home building automation
• Low-power wireless sensor networks
• Consumer electronics, voice and audio
Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4™ RF
Transceiver with Extended Proprietary Features


Similar Part No. - MRF24XA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MRF24XA MICROCHIP-MRF24XA Datasheet
2Mb / 258P
   Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF Transceiver with Extended Proprietary Features
01/27/15
MRF24XA-I/MQ MICROCHIP-MRF24XA-I/MQ Datasheet
2Mb / 258P
   Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF
2015
MRF24XA MICROCHIP-MRF24XA_15 Datasheet
2Mb / 258P
   Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF
2015
More results

Similar Description - MRF24XA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MRF24XA MICROCHIP-MRF24XA Datasheet
2Mb / 258P
   Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF Transceiver with Extended Proprietary Features
01/27/15
MRF24XA MICROCHIP-MRF24XA_15 Datasheet
2Mb / 258P
   Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF
2015
MRF24J40 MICROCHIP-MRF24J40_08 Datasheet
2Mb / 152P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2008
MRF24J40MB-I MICROCHIP-MRF24J40MB-I Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
07/15/10
MRF24J40 MICROCHIP-MRF24J40_10 Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2010
MRF24J40 MICROCHIP-MRF24J40 Datasheet
1Mb / 66P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2006
logo
Texas Instruments
CC2520 TI-CC2520_15 Datasheet
2Mb / 134P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
logo
Anaren Microwave
2530E24AZ1 ANAREN-2530E24AZ1 Datasheet
234Kb / 2P
   2.4-GHz IEEE 802.15.4 compliant RF transceiver
logo
Texas Instruments
CC2520 TI-CC2520_11 Datasheet
2Mb / 133P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
logo
Microchip Technology
MRF24J40 MICROCHIP-MRF24J40_V01 Datasheet
2Mb / 151P
   IEEE 802.15.4™ 2.4 GHz RF Transceiver
Revision E March 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com