Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NQ80333M667 Datasheet(PDF) 8 Page - Intel Corporation

Part # NQ80333M667
Description  Intel 80333 I/O Processor Specification Update
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NQ80333M667 Datasheet(HTML) 8 Page - Intel Corporation

Back Button NQ80333M667 Datasheet HTML 4Page - Intel Corporation NQ80333M667 Datasheet HTML 5Page - Intel Corporation NQ80333M667 Datasheet HTML 6Page - Intel Corporation NQ80333M667 Datasheet HTML 7Page - Intel Corporation NQ80333M667 Datasheet HTML 8Page - Intel Corporation NQ80333M667 Datasheet HTML 9Page - Intel Corporation NQ80333M667 Datasheet HTML 10Page - Intel Corporation NQ80333M667 Datasheet HTML 11Page - Intel Corporation NQ80333M667 Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
8
Specification Update
Intel® 80333 I/O Processor
Summary Table of Changes
Non-Core Errata (Sheet 1 of 2)
No.
Stepping
Page
Status
Errata
A-0
A-1
1
XX
14
No Fix
CAS latency of three not supported for DDR-II On-Die Termination (ODT)
2
XX
14
No Fix
Legacy power fail mechanism does not work
3
XX
14
No Fix
A_REQ64# and B_REQ64# initialization pattern timing violation in PCI-33 mode
4
XX
15
No Fix
Secondary Bus Number register (PEBSBBNR) provides incorrect bus number
5
XX
15
No Fix
Boundary scan multi-chip module implementation
6
XX
15
No Fix
PCI Express* traffic class (TC) bit[2] ignored for malformed packet checks
7
XX
16
No Fix
Auto-Refresh command also generates a Precharge All command on DDR bus
8
XX
16
No Fix
Coalesced writes to 32-bit memory can cause data corruption
9
XX
17
No Fix
ATU passing rules operation in PCI mode
10
XX
17
No Fix
Secondary bus PCI RST# pulse prior to the rising edge of PWRGD
11
XX
18
No Fix
VPD Data Register bit[19] is not read/write
12
XX
18
No Fix
PCI Express* Correctable Error Mask Bits
13
XX
18
No Fix
DMA CRC result is byte-reversed
14
XX
18
No Fix
CRC corruption on PCI-to-local DMA transfers
15
XX
19
No Fix
IOAPIC End of Interrupt (EOI) Register is Read-Write, should be Write-Only
16
XX
19
No Fix
Unreliable PCI Express* link operation when L0s active state power management
is enabled
17
XX
19
No Fix
SSE bit set for PERR# assertion when error reporting is masked
18
XX
19
No Fix
Data Parity Error detected on PCI/X interface fails to propagate bad parity
19
XX
20
No Fix
ATU claims PCI commands 8 and 9 when issued as Dual Address Cycle (DAC)
20
XX
20
No Fix
Failure to train down in presence of degraded lane
21
XX
21
No Fix
PCI Express* and PCI-X header logs and first-error pointers do not remain sticky
through reset
22
XX
21
No Fix
Incorrect default value for PCI Express* Flow Control Protocol Error Severity bit
23
XX
21
No Fix
Power State bits in PCI Express* Power Management Status and Control Register
mistakenly accept reserved values
24
XX
22
No Fix
Performance across an upstream ×1 PCI Express* link is less than expected
25
XX
22
No Fix
PCI Express* ESD enhancement requires a change to register setting
26
XX
22
No Fix
SKP ordered set might not be sent within required interval during link recovery
when a packet is pending
27
XX
23
No Fix
SERR fatal/non-fatal error message enabled with incorrect error message
enabled bit
28
XX
23
No Fix
Configuration write to offset 70h of A- and B-bridge (PM_CSR - PCI Express
Power Management Control/Status Register) using non-continous byte enables
does not capture the data value
29
XX
23
No Fix
The 80333 might become unresponsive when transitioning into the D3 power
state
30
XX
24
No Fix
Bus Interface Unit (BIU) claims DAC addresses in the range of the Memory
Mapped Registers (MMR)


Similar Part No. - NQ80333M667

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
NQ80331M500 INTEL-NQ80331M500 Datasheet
804Kb / 67P
   Intel 80331 I/O Processor Specification Update
NQ80331M667 INTEL-NQ80331M667 Datasheet
804Kb / 67P
   Intel 80331 I/O Processor Specification Update
NQ80331M800 INTEL-NQ80331M800 Datasheet
804Kb / 67P
   Intel 80331 I/O Processor Specification Update
More results

Similar Description - NQ80333M667

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
QG80331M500SL9BE INTEL-QG80331M500SL9BE Datasheet
804Kb / 67P
   Intel 80331 I/O Processor Specification Update
273943-004US INTEL-273943-004US Datasheet
1Mb / 68P
   Intel 80331 I/O Processor
N82802AB8 INTEL-N82802AB8 Datasheet
70Kb / 12P
   Specification Update
80333 INTEL-80333 Datasheet
1Mb / 75P
   I/O Processor
FW80321M400 INTEL-FW80321M400 Datasheet
398Kb / 54P
   80321 I/O Processor
logo
List of Unclassifed Man...
SDC-300 ETC2-SDC-300 Datasheet
36Kb / 1P
   Engineering Update w/o Changes
logo
Intel Corporation
UPI-452 INTEL-UPI-452 Datasheet
499Kb / 53P
   CHMOS PROGRAMMABLE I/O PROCESSOR
316972-004 INTEL-316972-004 Datasheet
6Mb / 884P
   Intel I/O Controller Hub 9
307013-003 INTEL-307013-003 Datasheet
6Mb / 848P
   Intel I/O Controller Hub 7
319973-003 INTEL-319973-003 Datasheet
5Mb / 840P
   Intel I/O Controller Hub 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com