Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WG82574LSLBA9 Datasheet(PDF) 10 Page - Intel Corporation

Part # WG82574LSLBA9
Description  64-bit address master support for systems using more than 4 GB of physical memory
Download  472 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

WG82574LSLBA9 Datasheet(HTML) 10 Page - Intel Corporation

Back Button WG82574LSLBA9 Datasheet HTML 6Page - Intel Corporation WG82574LSLBA9 Datasheet HTML 7Page - Intel Corporation WG82574LSLBA9 Datasheet HTML 8Page - Intel Corporation WG82574LSLBA9 Datasheet HTML 9Page - Intel Corporation WG82574LSLBA9 Datasheet HTML 10Page - Intel Corporation WG82574LSLBA9 Datasheet HTML 11Page - Intel Corporation WG82574LSLBA9 Datasheet HTML 12Page - Intel Corporation WG82574LSLBA9 Datasheet HTML 13Page - Intel Corporation WG82574LSLBA9 Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 472 page
background image
82574 GbE Controller—Introduction
10
1.0
Introduction
The 82574 family (82574L and 82574IT) are single, compact, low power components
that offer a fully-integrated Gigabit Ethernet Media Access Control (MAC) and Physical
Layer (PHY) port. The 82574 uses the PCI Express* (PCIe*) architecture and provides a
single-port implementation in a relatively small area so it can be used for server and
client configurations as a LAN on Motherboard (LOM) design. The 82574 family can also
be used in embedded applications such as switch add-on cards and network appliances.
External interfaces provided on the 82574:
• PCIe Rev. 1.1 (2.5 GHz) x1
• MDI (Copper) standard IEEE 802.3 Ethernet interface for 1000BASE-T, 100BASE-
TX, and 10BASE-T applications (802.3, 802.3u, and 802.3ab)
• NC-SI or SMBus connection to a Manageability Controller (MC)
• IEEE 1149.1 JTAG (note that BSDL testing is NOT supported)
Additional product details:
• 9 mm x 9 mm 64-pin QFN package
• Support for PCI 3.0 Vital Product Data (VPD)
• IPMI MC pass through; multi-drop NC-SI
• TimeSync offload compliant with 802.1as specification
1.1
Scope
This document presents the architecture (including device operation, pin descriptions,
register definitions, etc.) for the 82574. This document is intended to be a reference for
software device driver developers, board designers, test engineers, or others who
might need specific technical or programming information about the 82574.
1.2
Number Conventions
Unless otherwise specified, numbers are represented as follows:
• Hexadecimal numbers are identified by an "0x" suffix on the number (0x2A, 0x12).
• Binary numbers are identified by a "b" suffix on the number (0011b). However,
values for SMBus transactions in diagrams are listed in binary without the "b" or in
hexadecimal without the "0x".
Any other numbers without a suffix are intended as decimal numbers.


Similar Part No. - WG82574LSLBA9

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WG8026S ETC1-WG8026S Datasheet
463Kb / 4P
   GATE TURN THYRISTORS
WG8046S ETC1-WG8046S Datasheet
463Kb / 4P
   GATE TURN THYRISTORS
logo
ATGBICS by Approved Tec...
WG8583-C ATGBICS-WG8583-C Datasheet
374Kb / 10P
   WG8583 WatchGuard Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
More results

Similar Description - WG82574LSLBA9

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN29V25611AT-50 RENESAS-HN29V25611AT-50 Datasheet
351Kb / 47P
   256M AND type Flash Memory More than 16,057-sector (271,299,072-bit)
logo
Hitachi Semiconductor
HN29W12811 HITACHI-HN29W12811 Datasheet
315Kb / 42P
   128M AND type Flash Memory More than 8,029-sector (135,657,984-bit)
HN29W25611 HITACHI-HN29W25611 Datasheet
347Kb / 43P
   256M AND type Flash Memory More than 16,057-sector (271,299,072-bit)
logo
Renesas Technology Corp
HN29V25611AT-50H RENESAS-HN29V25611AT-50H Datasheet
349Kb / 47P
   256M AND type Flash Memory More than 16,057-sector (271,299,072-bit)
logo
Hitachi Semiconductor
HN29V51211 HITACHI-HN29V51211 Datasheet
306Kb / 42P
   512M AND type Flash Memory More than 32,113-sector (542,581,248-bit)
HN29W25611T HITACHI-HN29W25611T Datasheet
331Kb / 42P
   256M AND type Flash Memory More than 16,057-sector (271,299,072-bit)
logo
Renesas Technology Corp
HN29V102414 RENESAS-HN29V102414 Datasheet
352Kb / 48P
   1G AND type Flash Memory More than 32,113-sector (542,581,248-bit) x 2
logo
Axiomtek Co., Ltd.
SHB100 AXIOMTEK-SHB100 Datasheet
139Kb / 1P
   2 DDR2 DIMM support up to 4 GB memory
logo
STMicroelectronics
AN4658 STMICROELECTRONICS-AN4658 Datasheet
402Kb / 24P
   For more and more applications using STM32 products
logo
Cypress Semiconductor
S34ML01G2 CYPRESS-S34ML01G2 Datasheet
7Mb / 76P
   1 Gb, 2 Gb, 4 Gb, 3 V, 4-bit ECC, SLC NAND Flash Memory for Embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com