Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG1611BRUZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADG1611BRUZ
Description  1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Quad SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1611BRUZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG1611BRUZ Datasheet HTML 5Page - Analog Devices ADG1611BRUZ Datasheet HTML 6Page - Analog Devices ADG1611BRUZ Datasheet HTML 7Page - Analog Devices ADG1611BRUZ Datasheet HTML 8Page - Analog Devices ADG1611BRUZ Datasheet HTML 9Page - Analog Devices ADG1611BRUZ Datasheet HTML 10Page - Analog Devices ADG1611BRUZ Datasheet HTML 11Page - Analog Devices ADG1611BRUZ Datasheet HTML 12Page - Analog Devices ADG1611BRUZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
ADG1611/ADG1612/ADG1613
Rev. B | Page 9 of 16
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
D1
S1
VSS
D4
S4
GND
IN1
IN4
16
15
14
13
12
11
10
9
D2
S2
VDD
D3
IN3
S3
NC
IN2
TOP VIEW
(Not to Scale)
ADG1611/
ADG1612/
ADG1613
NC = NO CONNECT
Figure 4. 16-Lead TSSOP Pin Configuration
PIN 1
INDICATOR
1
S1
2
VSS
3
GND
4
S4
11 VDD
12 S2
10 NC
9S3
TOP VIEW
(Not to Scale)
ADG1611/
ADG1612/
ADG1613
NOTES
1. NC = NO CONNECT.
2. EXPOSED PAD TIED TO SUBSTRATE, VSS.
Figure 5. 16-Lead LFCSP Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
16-Lead TSSOP
16-Lead LFCSP
Mnemonic
Description
1
15
IN1
Logic Control Input.
2
16
D1
Drain Terminal. This pin can be an input or output.
3
1
S1
Source Terminal. This pin can be an input or output.
4
2
VSS
Most Negative Power Supply Potential.
5
3
GND
Ground (0 V) Reference.
6
4
S4
Source Terminal. This pin can be an input or output.
7
5
D4
Drain Terminal. This pin can be an input or output.
8
6
IN4
Logic Control Input.
9
7
IN3
Logic Control Input.
10
8
D3
Drain Terminal. This pin can be an input or output.
11
9
S3
Source Terminal. This pin can be an input or output.
12
10
NC
No Connection.
13
11
VDD
Most Positive Power Supply Potential.
14
12
S2
Source Terminal. This pin can be an input or output.
15
13
D2
Drain Terminal. This pin can be an input or output.
16
14
IN2
Logic Control Input.
Not applicable
17 (EPAD)
EP (EPAD)
Exposed Pad. Tied to substrate, VSS.
Table 8. ADG1611/ADG1612 Truth Table
ADG1611 INx
ADG1612 INx
Switch Condition
0
1
On
1
0
Off
Table 9. ADG1613 Truth Table
Logic (INx)
Switch 1, Switch 4
Switch 2, Switch 3
0
Off
On
1
On
Off


Similar Part No. - ADG1611BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1604 AD-ADG1604 Datasheet
500Kb / 20P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer
REV. 0
ADG1604BCPZ-REEL AD-ADG1604BCPZ-REEL Datasheet
500Kb / 20P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer
REV. 0
ADG1604BCPZ-REEL7 AD-ADG1604BCPZ-REEL7 Datasheet
500Kb / 20P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer
REV. 0
ADG1604BRUZ AD-ADG1604BRUZ Datasheet
500Kb / 20P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer
REV. 0
ADG1604BRUZ-REEL AD-ADG1604BRUZ-REEL Datasheet
500Kb / 20P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer
REV. 0
More results

Similar Description - ADG1611BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1636 AD-ADG1636 Datasheet
526Kb / 16P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Dual SPDT Switches
REV. A
ADG1604 AD-ADG1604 Datasheet
500Kb / 20P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer
REV. 0
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG4612 AD-ADG4612 Datasheet
393Kb / 24P
   Power-Off Protection 짹5 V, 12 V, Quad SPST Switches with 5 廓 On Resistance
REV. 0
logo
Vishay Siliconix
DG9424E VISHAY-DG9424E Datasheet
262Kb / 13P
   On Resistance, 5 V, 12 V, and 3 V Quad SPST Switches
Rev. A, 29-Feb-16
logo
Analog Devices
ADG1421 AD-ADG1421 Datasheet
476Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS Dual SPST Switches
REV. 0
ADG1633 AD-ADG1633 Datasheet
539Kb / 20P
   4.5 廓 RON, Triple/Quad SPDT 짹5 V, 12 V, 5 V, and 3.3 V Switches
REV. 0
ADGS1612 AD-ADGS1612 Datasheet
380Kb / 29P
   SPI Interface, 1 廓 RON, 짹5 V, 12 V, 5 V, 3.3 V, Mux Configurable, Quad SPST Switch
logo
Vishay Siliconix
DG9426E VISHAY-DG9426E_V01 Datasheet
302Kb / 14P
   1.6 ??On Resistance, 짹 5 V, 12 V, and 3 V Quad SPST Switches
01-Jan-2022
logo
Analog Devices
ADG1411 AD-ADG1411_15 Datasheet
295Kb / 16P
   1.5 On Resistance, 15 V/12 V/5 V, iCMOS, Quad SPST Switches
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com