Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM358A Datasheet(PDF) 10 Page - ON Semiconductor

Part # LM358A
Description  Single Supply Dual Operational Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM358A Datasheet(HTML) 10 Page - ON Semiconductor

Back Button LM358A Datasheet HTML 6Page - ON Semiconductor LM358A Datasheet HTML 7Page - ON Semiconductor LM358A Datasheet HTML 8Page - ON Semiconductor LM358A Datasheet HTML 9Page - ON Semiconductor LM358A Datasheet HTML 10Page - ON Semiconductor LM358A Datasheet HTML 11Page - ON Semiconductor LM358A Datasheet HTML 12Page - ON Semiconductor LM358A Datasheet HTML 13Page - ON Semiconductor LM358A Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
LM258, LM358, LM358A, LM2904, LM2904A, LM2904V, NCV2904, NCV2904V
http://onsemi.com
10
ORDERING INFORMATION
Device
Operating Temperature Range
Package
Shipping
LM358ADR2G
0°C to +70°C
SOIC−8
(Pb−Free)
2500 / Tape & Reel
LM358DG
98 Units / Rail
LM358DR2G
2500 / Tape & Reel
LM358DMR2G
Micro8
(Pb−Free)
4000 / Tape & Reel
LM358NG
PDIP−8
(Pb−Free)
50 Units / Rail
LM258DG
−25°C to +85°C
SOIC−8
(Pb−Free)
98 Units / Rail
LM258DR2G
2500 / Tape & Reel
LM258DMR2G
Micro8
(Pb−Free)
4000 / Tape & Reel
LM258NG
PDIP−8
(Pb−Free)
50 Units / Rail
LM2904DG
−40°C to +105°C
SOIC−8
(Pb−Free)
98 Units / Rail
LM2904DR2G
2500 / Tape & Reel
LM2904DMR2G
Micro8
(Pb−Free)
2500 / Tape & Reel
LM2904NG
PDIP−8
(Pb−Free)
50 Units / Rail
LM2904ADMG
Micro8
(Pb−Free)
4000 / Tape & Reel
LM2904ADMR2G
4000 / Tape & Reel
LM2904ANG
PDIP−8
(Pb−Free)
50 Units / Rail
LM2904VDG
−40°C to +125°C
SOIC−8
(Pb−Free)
98 Units / Rail
LM2904VDR2G
2500 / Tape & Reel
LM2904VDMR2G
Micro8
(Pb−Free)
4000 / Tape & Reel
LM2904VNG
PDIP−8
(Pb−Free)
50 Units / Rail
NCV2904DR2G
SOIC−8
(Pb−Free)
2500 / Tape & Reel
NCV2904DMR2G
Micro8
(Pb−Free)
4000 / Tape & Reel
NCV2904VDR2G
−40°C to +150°C
SOIC−8
(Pb−Free)
2500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - LM358A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM358A PHILIPS-LM358A Datasheet
122Kb / 12P
   Low power dual operational amplifi
2002 Jul 12
logo
ARTSCHIP ELECTRONICS CO...
LM358A ARTSCHIP-LM358A Datasheet
252Kb / 16P
   Frequency - Compensated
logo
Texas Instruments
LM358A TI1-LM358A Datasheet
3Mb / 62P
[Old version datasheet]   Industry-Standard Dual Operational Amplifiers
REVISED MARCH 2022
LM358A TI-LM358A Datasheet
452Kb / 20P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
LM358A TI1-LM358A Datasheet
3Mb / 56P
[Old version datasheet]   Industry-Standard Dual Operational Amplifiers
More results

Similar Description - LM358A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM258 ONSEMI-LM258_06 Datasheet
234Kb / 14P
   Single Supply Dual Operational Amplifiers
June, 2006 ??Rev. 22
logo
Guangdong Kexin Industr...
KM386 KEXIN-KM386 Datasheet
59Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM2904DG ONSEMI-LM2904DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM358DG ONSEMI-LM358DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM258 ONSEMI-LM258_V01 Datasheet
376Kb / 16P
   Single Supply Dual Operational Amplifiers
August, 2021 - Rev. 34
logo
Taiwan Semiconductor Co...
TS358 TSC-TS358_09 Datasheet
763Kb / 8P
   Single Supply Dual Operational Amplifiers
logo
Guangdong Kexin Industr...
KM358 KEXIN-KM358 Datasheet
398Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM358S ONSEMI-LM358S Datasheet
101Kb / 9P
   Single Supply Dual Operational Amplifiers
October, 2014 ??Rev. 0
logo
Guangdong Kexin Industr...
LM358 KEXIN-LM358 Datasheet
882Kb / 3P
   Single Supply Dual Operational Amplifiers
logo
Shenzhen Luguang Electr...
LM358 LUGUANG-LM358 Datasheet
167Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
Guangdong Kexin Industr...
LM258 KEXIN-LM258 Datasheet
73Kb / 2P
   Single Supply Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com