Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXML-PE01-0060 Datasheet(PDF) 6 Page - Lumileds Lighting Company

Part # LXML-PE01-0060
Description  LUXEON Rebel and LUXEON Rebel ES Color Portfolio
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXML-PE01-0060 Datasheet(HTML) 6 Page - Lumileds Lighting Company

Back Button LXML-PE01-0060 Datasheet HTML 2Page - Lumileds Lighting Company LXML-PE01-0060 Datasheet HTML 3Page - Lumileds Lighting Company LXML-PE01-0060 Datasheet HTML 4Page - Lumileds Lighting Company LXML-PE01-0060 Datasheet HTML 5Page - Lumileds Lighting Company LXML-PE01-0060 Datasheet HTML 6Page - Lumileds Lighting Company LXML-PE01-0060 Datasheet HTML 7Page - Lumileds Lighting Company LXML-PE01-0060 Datasheet HTML 8Page - Lumileds Lighting Company LXML-PE01-0060 Datasheet HTML 9Page - Lumileds Lighting Company LXML-PE01-0060 Datasheet HTML 10Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
LUXEON Rebel Color Porfolio Datasheet DS68 20110819
6
LUXEON Rebel Color Portfolio at Test Current [1]
Thermal Pad Temperature = 25°C
Table 2.
Typical
Temperature
Typical
Typical
Coefficient of
Total
Typical
Dominant Wavelength [2] l
D ,
Spectral
Dominant
Included
Viewing
or Peak Wavelength [3] l
P
Half-width[4]
Wavelength
Angle [5]
Angle [6]
(nm)
(nm/°C)
(degrees)
(degrees)
Color
Min.
Typ.
Max.
Dl
1/2
Dl
D/ DTJ
u
0.90V
2u 1/2
Green [7]
520.0 nm
530.0 nm
550.0 nm
30
0.05
160
125
Cyan [7]
490.0 nm
505.0 nm
520.0 nm
30
0.04
160
125
Blue [7]
460.0 nm
470.0 nm
490.0 nm
20
0.05
160
125
Royal-Blue [3] [7]
440.0 nm
447.5 nm
460.0 nm
20
0.04
160
125
Red [8]
620.0 nm
627.0 nm
645.0 nm
20
0.05
160
125
Deep Red [8]
650.0 nm
655.0 nm
670.0 nm
20
0.05
160
125
Red-Orange [8]
610.0 nm
617.0 nm
620.0 nm
20
0.08
160
125
Amber [8]
584.5 nm
590.0 nm
597.0 nm
20
0.10
160
125
PC Amber [7]
588.0 nm
591.0 nm
592.0 nm
80
0.10
160
120
Notes for Table 2:
1. LXML-PR01-XXXX, LXM2-PL01-XXXX and LXM3-PD01-XXXX emitters are tested at 350 mA, LXML-PR02-XXXX emitters are tested
at 700 mA.
2. Dominant wavelength is derived from the CIE 1931 Chromaticity diagram and represents the perceived color.
Philips Lumileds maintains a tolerance of ± 0.5 nm for dominant wavelength measurements.
3. Royal-blue product is binned by radiometric power and peak wavelength rather than photometric lumens.
Philips Lumileds maintains a tolerance of ± 2nm for peak wavelength measurements.
4. Spectral width at ½ of the peak intensity.
5. Total angle at which 90% of total luminous flux is captured.
6. Viewing angle is the off axis angle from lamp centerline where the luminous intensity is ½ of the peak value.
7. PC amber, green, cyan, blue and royal-blue products are built with Indium Gallium Nitride (InGaN).
8. All red, deep red, red-orange, and amber are built with Aluminum Indium Gallium Phosphide (AlInGaP).
Optical Characteristics


Similar Part No. - LXML-PE01-0060

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXML-PE01-0060 LUMILEDS-LXML-PE01-0060 Datasheet
1Mb / 33P
   ultra-compact, surface-mount, high-power LED
LXML-PE01-0060 LUMILEDS-LXML-PE01-0060 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES
LXML-PE01-0060 LUMILEDS-LXML-PE01-0060 Datasheet
2Mb / 31P
   LUXEON Rebel and LUXEON Rebel ES
LXML-PE01-0060 LUMILEDS-LXML-PE01-0060 Datasheet
1Mb / 2P
   High flux and efficacy on industry?셲 most widely used color LED platform
More results

Similar Description - LXML-PE01-0060

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXML-PR02 LUMILEDS-LXML-PR02 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES
LXML-PX02-0000 LUMILEDS-LXML-PX02-0000 Datasheet
2Mb / 31P
   LUXEON Rebel and LUXEON Rebel ES
logo
List of Unclassifed Man...
LXML-PWC1-0090 ETC2-LXML-PWC1-0090_14 Datasheet
2Mb / 26P
   LUXEON Rebel General Purpose White Portfolio
logo
Ledil, Inc.
CA12538 LEDIL-CA12538 Datasheet
5Mb / 11P
   ~30째 wide beam optimized for LUXEON Rebel ES
CA12443 LEDIL-CA12443 Datasheet
6Mb / 9P
   ~15째 smooth spot beam optimized for LUXEON Rebel ES
CA12530 LEDIL-CA12530 Datasheet
5Mb / 11P
   ~10째 diffused spot beam optimized for LUXEON Rebel ES
logo
Dialight Corporation
OPC1-1-SPOT DIALIGHT-OPC1-1-SPOT Datasheet
209Kb / 2P
   LUMILEDS LUXEON REBEL ADHESIVE-BACKED LENS
OPC1-1-COL DIALIGHT-OPC1-1-COL Datasheet
175Kb / 2P
   LUMILEDS LUXEON REBEL 11MM REFLECTIVE OPTIC
logo
Ledil, Inc.
CX11352 LEDIL-CX11352 Datasheet
2Mb / 4P
   ~8째 spot beam optimized for LUXEON Rebel.
CX11354 LEDIL-CX11354 Datasheet
4Mb / 4P
   ~30째 medium beam optimized for LUXEON Rebel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com