Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXML-PB01-0018 Datasheet(PDF) 4 Page - Lumileds Lighting Company

Part # LXML-PB01-0018
Description  LUXEON Rebel and LUXEON Rebel ES Color Portfolio
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXML-PB01-0018 Datasheet(HTML) 4 Page - Lumileds Lighting Company

  LXML-PB01-0018 Datasheet HTML 1Page - Lumileds Lighting Company LXML-PB01-0018 Datasheet HTML 2Page - Lumileds Lighting Company LXML-PB01-0018 Datasheet HTML 3Page - Lumileds Lighting Company LXML-PB01-0018 Datasheet HTML 4Page - Lumileds Lighting Company LXML-PB01-0018 Datasheet HTML 5Page - Lumileds Lighting Company LXML-PB01-0018 Datasheet HTML 6Page - Lumileds Lighting Company LXML-PB01-0018 Datasheet HTML 7Page - Lumileds Lighting Company LXML-PB01-0018 Datasheet HTML 8Page - Lumileds Lighting Company LXML-PB01-0018 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
LUXEON Rebel Color Porfolio Datasheet DS68 20110819
4
Luminous Flux Characteristics for LUXEON Rebel Color Portfolio, Thermal Pad Temperature =25°C
Table 1.
Min Luminous
Typ Efficacy
Min Luminous
Typ Luminous
Typ Efficacy
Flux (lm)
Typ
(lm/W) or
Flux (lm)
Flux (lm) or
(lm/W) or
Part
or Radiometric
Flux
Radiant Efficacy
or Radiometric
Radiometric
Radiant Efficacy
Color
Number
Power (mW)
for Royal-Blue
Power (mW)
Power (mW)
for Royal-Blue
and Deep Red
and Deep Red
Performance @ 350 mA
Performance @ 700 mA
LXML-PM01-0100
100
102
100
161
68
LXML-PM01-0090
90
95
93
150
63
LXML-PM01-0080
80
88
86
139
58
LXML-PM01-0070
70
79
78
125
52
LXML-PE01-0080
80
83
81
133
56
LXML-PE01-0070
70
76
75
122
51
LXML-PE01-0060
60
67
66
110
46
LXML-PB01-0040
40.0
41
38
70
29
LXML-PB01-0030
30.0
35
33
58
24
LXML-PB01-0023
23.5
28
26
48
20
LXML-PB01-0018
18.1
22
21
38
16
LXML-PR01-0500
500 mW
520 mW
48%
910 mW
40%
LXML-PR01-0425
425 mW
480 mW
44%
840 mW
37%
LXML-PR02-1100*
1100 mW
1120 mW
53%
LXML-PR02-1050*
1050 mW
1070 mW
51%
LXML-PR02-1000*
1000 mW
1030 mW
49%
LXML-PR02-0950*
950 mW
970 mW
46%
LXML-PR02-0900*
900 mW
940 mW
44%
LXML-PR02-0800*
800 mW
890 mW
42%
LXM3-PD01-0350
350 mW
360 mW
46%
720 mW
42%
LXM3-PD01-0300
300 mW
320 mW
41%
640 mW
38%
LXM3-PD01-0260
260 mW
290 mW
37%
580 mW
34%
LXM2-PD01-0050
50
53
72
102
63
LXM2-PD01-0040
40
48
65
90
56
LXML-PD01-0050
50
52
53
85
35
LXML-PD01-0040
40
46
47
75
30
LXML-PD01-0030
30
38
37
62
24
LXM2-PH01-0070
70
72
98
134
83
LXM2-PH01-0060
60
67
91
122
76
LXML-PH01-0060
60
62
63
100
40
LXML-PH01-0050
50
56
57
90
35
LXM2-PL01-0090
90
91
85
164
73
LXM2-PL01-0080
80
84
79
151
68
LXM2-PL01-0070
70
78
73
140
63
LXM2-PL01-0060
60
69
65
124
55
LXML-PL01-0060
60
61
60
98
39
LXML-PL01-0050
50
54
51
84
33
LXML-PL01-0040
40
48
46
77
30
LXML-PL01-0030
30
38
37
61
24
* All LUXEON Rebel color emitters except royal-blue emitters are tested and binned for dominant wavelength. Royal-blue emitters are tested and binned using peak wavelength.
LUXEON Rebel ES royal-blue emitters are tested and binned at 700 mA.
Flux and Efficacy Performance Characteristics
Royal-Blue
Blue
Green
Cyan
Red
Red-Orange
PC Amber
Amber
Deep Red


Similar Part No. - LXML-PB01-0018

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXML-PB01-0018 LUMILEDS-LXML-PB01-0018 Datasheet
1Mb / 33P
   ultra-compact, surface-mount, high-power LED
LXML-PB01-0018 LUMILEDS-LXML-PB01-0018 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES
LXML-PB01-0018 LUMILEDS-LXML-PB01-0018 Datasheet
2Mb / 31P
   LUXEON Rebel and LUXEON Rebel ES
LXML-PB01-0018 LUMILEDS-LXML-PB01-0018 Datasheet
1Mb / 2P
   High flux and efficacy on industry?셲 most widely used color LED platform
More results

Similar Description - LXML-PB01-0018

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXML-PR02 LUMILEDS-LXML-PR02 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES
LXML-PX02-0000 LUMILEDS-LXML-PX02-0000 Datasheet
2Mb / 31P
   LUXEON Rebel and LUXEON Rebel ES
logo
List of Unclassifed Man...
LXML-PWC1-0090 ETC2-LXML-PWC1-0090_14 Datasheet
2Mb / 26P
   LUXEON Rebel General Purpose White Portfolio
logo
Ledil, Inc.
CA12538 LEDIL-CA12538 Datasheet
5Mb / 11P
   ~30째 wide beam optimized for LUXEON Rebel ES
CA12443 LEDIL-CA12443 Datasheet
6Mb / 9P
   ~15째 smooth spot beam optimized for LUXEON Rebel ES
CA12530 LEDIL-CA12530 Datasheet
5Mb / 11P
   ~10째 diffused spot beam optimized for LUXEON Rebel ES
logo
Dialight Corporation
OPC1-1-SPOT DIALIGHT-OPC1-1-SPOT Datasheet
209Kb / 2P
   LUMILEDS LUXEON REBEL ADHESIVE-BACKED LENS
OPC1-1-COL DIALIGHT-OPC1-1-COL Datasheet
175Kb / 2P
   LUMILEDS LUXEON REBEL 11MM REFLECTIVE OPTIC
logo
Ledil, Inc.
CX11352 LEDIL-CX11352 Datasheet
2Mb / 4P
   ~8째 spot beam optimized for LUXEON Rebel.
CX11354 LEDIL-CX11354 Datasheet
4Mb / 4P
   ~30째 medium beam optimized for LUXEON Rebel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com