Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS6575 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDS6575
Description  Single P-Channel, Logic Level, PowerTrenchTM MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6575 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDS6575 Datasheet HTML 1Page - Fairchild Semiconductor FDS6575 Datasheet HTML 2Page - Fairchild Semiconductor FDS6575 Datasheet HTML 3Page - Fairchild Semiconductor FDS6575 Datasheet HTML 4Page - Fairchild Semiconductor FDS6575 Datasheet HTML 5Page - Fairchild Semiconductor FDS6575 Datasheet HTML 6Page - Fairchild Semiconductor FDS6575 Datasheet HTML 7Page - Fairchild Semiconductor FDS6575 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
November 1998
FDS6575
Single P-Channel, Logic Level, PowerTrench
TM MOSFET
General Description
Features
Absolute Maximum Ratings
T
A = 25
oC unless otherwise noted
Symbol
Parameter
FDS6575
Units
V
DSS
Drain-Source Voltage
-20
V
V
GSS
Gate-Source Voltage
±8
V
I
D
Drain Current - Continuous
(Note 1a)
-10
A
- Pulsed
-50
P
D
Power Dissipation for Single Operation
(Note 1a)
2.5
W
(Note 1b)
1.2
(Note 1c)
1
T
J,TSTG
Operating and Storage Temperature Range
-55 to 150
°C
THERMAL CHARACTERISTICS
RθJA
Thermal Resistance, Junction-to-Ambient (Note 1a)
50
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
25
°C/W
FDS6575 Rev.C1
-10 A, -20 V. R
DS(ON) = 0.013 @ VGS = -4.5 V,
R
DS(ON) = 0.017 @ VGS = -2.5 V.
Low gate charge (50nC typical).
High performance trench technology for extremely low
R
DS(ON).
High power and current handling capability.
SOT-23
SuperSOT
TM-8
SOIC-16
SO-8
SOT-223
SuperSOT
TM-6
This P-Channel
Logic
Level MOSFET is produced
using Fairchild Semiconductor's advanced PowerTrench
process that has been especially tailored to minimize
the on-state resistance and yet maintain low gate charge
for superior switching performance.
These devices are well suited for notebook computer
applications: load switching and power management,
battery charging circuits, and DC/DC conversion.
5
6
7
3
1
8
4
2
S
D
S
S
SO-8
D
D
D
G
pin 1
FDS
6575
© 1998 Fairchild Semiconductor Corporation


Similar Part No. - FDS6575

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6575 FAIRCHILD-FDS6575 Datasheet
68Kb / 5P
   P-Channel 2.5V Specified PowerTrench짰MOSFET
logo
VBsemi Electronics Co.,...
FDS6575-NL VBSEMI-FDS6575-NL Datasheet
1Mb / 9P
   P-Channel 20-V (D-S) MOSFET
logo
Fairchild Semiconductor
FDS6575 FAIRCHILD-FDS6575_01 Datasheet
68Kb / 5P
   P-Channel 2.5V Specified PowerTrench짰MOSFET
More results

Similar Description - FDS6575

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SI4425DY FAIRCHILD-SI4425DY Datasheet
119Kb / 5P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDR858P FAIRCHILD-FDR858P Datasheet
261Kb / 8P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDC658P FAIRCHILD-FDC658P Datasheet
249Kb / 8P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6675 FAIRCHILD-FDS6675 Datasheet
247Kb / 5P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6675 FAIRCHILD-FDS6675_07 Datasheet
515Kb / 5P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6685 FAIRCHILD-FDS6685 Datasheet
204Kb / 8P
   P-Channel Logic Level PowerTrenchTM MOSFET
FDS4435 FAIRCHILD-FDS4435 Datasheet
637Kb / 8P
   P-Channel Logic Level PowerTrenchTM MOSFET
FDS4953 FAIRCHILD-FDS4953 Datasheet
249Kb / 8P
   Dual P-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6975 FAIRCHILD-FDS6975 Datasheet
249Kb / 8P
   Dual P-Channel, Logic Level, PowerTrenchTM MOSFET
FDR8308P FAIRCHILD-FDR8308P Datasheet
268Kb / 8P
   Dual P-Channel, Logic Level, PowerTrenchTM MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com