Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXM2-PL01-0080 Datasheet(PDF) 3 Page - Lumileds Lighting Company

Part # LXM2-PL01-0080
Description  LUXEON Rebel and LUXEON Rebel ES Color Portfolio
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXM2-PL01-0080 Datasheet(HTML) 3 Page - Lumileds Lighting Company

  LXM2-PL01-0080 Datasheet HTML 1Page - Lumileds Lighting Company LXM2-PL01-0080 Datasheet HTML 2Page - Lumileds Lighting Company LXM2-PL01-0080 Datasheet HTML 3Page - Lumileds Lighting Company LXM2-PL01-0080 Datasheet HTML 4Page - Lumileds Lighting Company LXM2-PL01-0080 Datasheet HTML 5Page - Lumileds Lighting Company LXM2-PL01-0080 Datasheet HTML 6Page - Lumileds Lighting Company LXM2-PL01-0080 Datasheet HTML 7Page - Lumileds Lighting Company LXM2-PL01-0080 Datasheet HTML 8Page - Lumileds Lighting Company LXM2-PL01-0080 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
LUXEON Rebel Color Porfolio Datasheet DS68 20110819
3
Product Nomenclature
LUXEON Rebel color emitters are tested and binned at 350 mA with the exception of LUXEON Rebel ES royal-blue emitters which are tested and
binned at 700 mA.
The part number designation is explained as follows:
L X M L - A B C D - E F G H
L X M 2 - A B C D - E F G H
L X M 3 - A B C D - E F G H
Where:
A — designates radiation pattern (value P for lambertian)
B — designates color (see LUXEON Rebel color binning and labeling section)
C — designates color variant (0 for color variants)
D — designates test current (value 1 for 350 mA; 2 for 700 mA.)
E — reserved for future product offerings
FGH — minimum luminous flux (lm) or radiometric power (mW) performance
Therefore products tested and binned at 350 mA or 700 mA follow the part numbering scheme:
L X M L - P x 0 1 - x x x x
L X M L - P x 0 2 - x x x x
L X M 2 - P x 0 1 - x x x x
L X M 3 - P x 0 1 - x x x x
Average Lumen Maintenance Characteristics
LUXEON Rebel color emitters are tested and binned at 350 mA and LUXEON Rebel ES royal-blue at 700 mA, with current pulse duration of
20 ms. All characteristic charts where the thermal pad is kept at constant temperature (25ºC typically) are measured with current pulse duration
of 20 ms. Under these conditions, junction temperature and thermal pad temperature are the same.
Philips Lumileds projects that green, cyan, blue and all royal-blue LUXEON Rebel color products will deliver, on average, 70% lumen maintenance
(B50, L70) at 50,000 hours of operation at a forward current of 700 mA. This projection is based on constant current operation with junction
temperature maintained at or below 135°C. Red, red-orange and amber LUXEON Rebel color products will also deliver, on average, 70% lumen
maintenance (B50, L70) at 50,000 hours of operation at a forward current of 350 mA and is based on constant current operation with junction
temperature maintained at or below 110°C. LUXEON Rebel PC amber delivers, on average, 70% lumen maintenance (L70) at 50,000 hours of
operation at a forward current of up to 700 mA. This projection is based on constant current operation with junction temperature maintained
at or below 130°C.
This performance is based on independent test data, Philips Lumileds historical data from tests run on similar material systems, and internal
LUXEON Rebel reliability testing. Observation of design limits included in this data sheet is required in order to achieve this projected lumen
maintenance.
Environmental Compliance
Philips Lumileds is committed to providing environmentally friendly products to the solid-state lighting market. LUXEON Rebel and LUXEON
Rebel ES color products are compliant to the European Union directives on the restriction of hazardous substances in electronic equipment,
namely REACH and the RoHS directive. Philips Lumileds will not intentionally add the following restricted materials to the LUXEON Rebel Color
Portfolio: lead, mercury, cadmium, hexavalent chromium, polybrominated biphenyls (PBB) or polybrominated diphenyl ethers (PBDE).
General Product Information


Similar Part No. - LXM2-PL01-0080

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXM2-PL01-0080 LUMILEDS-LXM2-PL01-0080 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES
More results

Similar Description - LXM2-PL01-0080

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXML-PR02 LUMILEDS-LXML-PR02 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES
LXML-PX02-0000 LUMILEDS-LXML-PX02-0000 Datasheet
2Mb / 31P
   LUXEON Rebel and LUXEON Rebel ES
logo
List of Unclassifed Man...
LXML-PWC1-0090 ETC2-LXML-PWC1-0090_14 Datasheet
2Mb / 26P
   LUXEON Rebel General Purpose White Portfolio
logo
Ledil, Inc.
CA12538 LEDIL-CA12538 Datasheet
5Mb / 11P
   ~30째 wide beam optimized for LUXEON Rebel ES
CA12443 LEDIL-CA12443 Datasheet
6Mb / 9P
   ~15째 smooth spot beam optimized for LUXEON Rebel ES
CA12530 LEDIL-CA12530 Datasheet
5Mb / 11P
   ~10째 diffused spot beam optimized for LUXEON Rebel ES
logo
Dialight Corporation
OPC1-1-SPOT DIALIGHT-OPC1-1-SPOT Datasheet
209Kb / 2P
   LUMILEDS LUXEON REBEL ADHESIVE-BACKED LENS
OPC1-1-COL DIALIGHT-OPC1-1-COL Datasheet
175Kb / 2P
   LUMILEDS LUXEON REBEL 11MM REFLECTIVE OPTIC
logo
Ledil, Inc.
CX11352 LEDIL-CX11352 Datasheet
2Mb / 4P
   ~8째 spot beam optimized for LUXEON Rebel.
CX11354 LEDIL-CX11354 Datasheet
4Mb / 4P
   ~30째 medium beam optimized for LUXEON Rebel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com