Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

39D907G003EJ6 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 39D907G003EJ6
Description  Aluminum Capacitors 85 °C, Powerlytic® Electrolytics
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

39D907G003EJ6 Datasheet(HTML) 7 Page - Vishay Siliconix

  39D907G003EJ6 Datasheet HTML 1Page - Vishay Siliconix 39D907G003EJ6 Datasheet HTML 2Page - Vishay Siliconix 39D907G003EJ6 Datasheet HTML 3Page - Vishay Siliconix 39D907G003EJ6 Datasheet HTML 4Page - Vishay Siliconix 39D907G003EJ6 Datasheet HTML 5Page - Vishay Siliconix 39D907G003EJ6 Datasheet HTML 6Page - Vishay Siliconix 39D907G003EJ6 Datasheet HTML 7Page - Vishay Siliconix 39D907G003EJ6 Datasheet HTML 8Page - Vishay Siliconix 39D907G003EJ6 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps4@vishay.com
Document Number: 42036
224
Revision: 17-Nov-06
39D
Vishay Sprague
Aluminum Capacitors
+ 85 °C, Powerlytic® Electrolytics
Notes
*
These values are normally stocked. Case codes subject to change without notice.
1. ‘4’ suffix was clear PVC sleeve. ‘6’ is blue.
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE
(µF)
CASE
CODE
PART NUMBER
300 WVDC at + 85 °C, SURGE = 350 V
100
HP
39D107F300HP6
120
HS
39D127F300HS6
130
JP
39D137F300JP6
170
JS
39D177F300JS6
200
JT
39D207F300JT6
350 WVDC at + 85 °C, SURGE = 400 V
4
EE
39D405F350EE6
8
EJ
39D805F350EJ6
12
EL
39D126F350EL6
15
FJ
39D156F350FJ6
20
FL
39D206F350FL6
25
GJ
39D256F350GJ6
30
FP
39D306F350FP6
40
GL
39D406F350GL6
50
GP
39D506F350GP6
60
HL
39D606F350HL6
80
HP
39D806F350HP6
100
HS
39D107F350HS6
110
JP
39D117F350JP6
130
JS
39D137F350JS6
160
JT
39D167F350JT6
400 WVDC at + 85 °C, SURGE = 475 V
2
EE
39D205F400EE6
5
EJ
39D505F400EJ6
10
FJ
39D106F400FJ6
15
F
39D156F400FL6
20
F
39D206F400FP6
25
GL
39D256F400GL6
35
GP
39D356F400GP6
40
HL
39D406F400HL6
55
HP
39D556F400HP6
65
HS
39D656F400HS6
75
JP
39D756F400JP6
90
JS
39D906F400JS6
110
JT
39D117F400JT6
450 WVDC at + 85 °C, SURGE = 525 V
1
EE
39D105F450EE6
3
EJ
39D305F450EJ6
5
EL
39D505F450EL6
10
FL
39D106F450FL6
15
FP
39D156F450FP6
20
GL
39D206F450GL6
25
GP
39D256F450GP6
35
HP
39D356F450HP6
45
HS
39D456F450HS6
50
JP
39D506F450JP6
65
JS
39D656F450JS6
75
JT
39D756F450JT6


Similar Part No. - 39D907G003EJ6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
39D VISHAY-39D Datasheet
88Kb / 8P
   Aluminum Capacitors 85 °C, Powerlytic® Electrolytics
Revision: 20-Mar-13
More results

Similar Description - 39D907G003EJ6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
39D VISHAY-39D Datasheet
88Kb / 8P
   Aluminum Capacitors 85 °C, Powerlytic® Electrolytics
Revision: 20-Mar-13
36D VISHAY-36D Datasheet
173Kb / 6P
   Aluminum Capacitors Powerlytic®, Large Can
Revision: 27-Aug-08
36DX931F450CC2A VISHAY-36DX931F450CC2A Datasheet
91Kb / 6P
   Aluminum Capacitors Powerlytic®, Large Can
Revision: 18-Mar-13
630D VISHAY-630D Datasheet
87Kb / 1P
   Aluminum Capacitors Electrolytics
Revision 17-Feb-03
TE1207 VISHAY-TE1207 Datasheet
76Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 28-Aug-12
TE1305 VISHAY-TE1305 Datasheet
77Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 06-Dec-13
TE VISHAY-TE_12 Datasheet
76Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 28-Aug-12
TE1160 VISHAY-TE1160 Datasheet
77Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 06-Dec-13
TE VISHAY-TE Datasheet
76Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 28-Aug-12
TE1211 VISHAY-TE1211 Datasheet
77Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 06-Dec-13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com