Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCWF Datasheet(PDF) 4 Page - AVX Corporation

Part # LCWF
Description  Wire Wound Chip Inductor (Ferrite) LCWF Series
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

LCWF Datasheet(HTML) 4 Page - AVX Corporation

  LCWF Datasheet HTML 1Page - AVX Corporation LCWF Datasheet HTML 2Page - AVX Corporation LCWF Datasheet HTML 3Page - AVX Corporation LCWF Datasheet HTML 4Page - AVX Corporation LCWF Datasheet HTML 5Page - AVX Corporation LCWF Datasheet HTML 6Page - AVX Corporation LCWF Datasheet HTML 7Page - AVX Corporation LCWF Datasheet HTML 8Page - AVX Corporation LCWF Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
34
Wire Wound Chip Inductor (Ferrite)
LCWF Series
1008
Codes
Inductance
Tolerance
Test Freq.
Q
SRF
DCR
IDC
Color Code
(μH)
(MHz)
Typ.
(MHz) Typ.
(Ω) Max.
(mA) Max.
R12
0.12
±5, ±10%
25.2
26
800
0.30
1000
Brown
Red
Brown
R18
0.18
±5, ±10%
25.2
30
600
0.30
960
Red
Gray
Brown
R20
0.20
±5, ±10%
25.2
30
735
0.30
960
Red
Black
Brown
R22
0.22
±5, ±10%
25.2
27
600
0.40
880
Red
Red
Brown
R27
0.27
±5, ±10%
25.2
29
425
0.42
900
Red
Violet
Brown
R33
0.33
±5, ±10%
25.2
30
400
0.42
900
Orange
Orange
Brown
R39
0.39
±5, ±10%
25.2
30
375
0.45
700
Orange
White
Brown
R47
0.47
±5, ±10%
25.2
30
350
0.50
900
Yellow
Violet
Brown
R56
0.56
±5, ±10%
25.2
30
325
0.55
850
Green
Blue
Brown
R62
0.62
±5, ±10%
25.2
30
460
0.55
900
Blue
Red
Brown
R68
0.68
±5, ±10%
25.2
30
300
0.55
800
Blue
Gray
Brown
R75
0.75
±5, ±10%
25.2
30
420
0.65
880
Violet
Green
Brown
R82
0.82
±5, ±10%
25.2
30
260
0.65
700
Gray
Red
Brown
R91
0.91
±5, ±10%
25.2
30
400
0.65
840
White
Brown
Brown
1R0
1.0
±5, ±10%
7.96
25
245
0.60
600
Brown
Black
Red
1R2
1.2
±5, ±10%
7.96
25
230
0.74
600
Brown
Red
Red
1R5
1.5
±5, ±10%
7.96
25
182
0.85
550
Brown
Green
Red
1R8
1.8
±5, ±10%
7.96
25
135
0.92
500
Brown
Gray
Red
2R2
2.2
±5, ±10%
7.96
25
105
1.10
500
Red
Red
Red
2R7
2.7
±5, ±10%
7.96
25
70
1.22
350
Red
Violet
Red
3R3
3.3
±5, ±10%
7.96
25
55
1.37
350
Orange
Orange
Red
3R9
3.9
±5, ±10%
7.96
25
48
1.66
310
Orange
White
Red
4R7
4.7
±5, ±10%
7.96
25
43
1.68
300
Yellow
Violet
Red
5R6
5.6
±5, ±10%
7.96
25
42
1.75
300
Green
Blue
Red
6R8
6.8
±5, ±10%
7.96
25
39
1.85
300
Blue
Gray
Red
8R2
8.2
±5, ±10%
7.96
25
36
2.00
250
Gray
Red
Red
100
10
±5, ±10%
2.52
20
33
2.32
250
Brown
Black
Orange
120
12
±5, ±10%
2.52
15
28
2.99
200
Brown
Red
Orange
150
15
±5, ±10%
2.52
15
24
3.42
200
Brown
Green
Orange
180
18
±5, ±10%
2.52
15
20
4.65
180
Brown
Gray
Orange
220
22
±5, ±10%
2.52
15
18
5.12
180
Red
Red
Orange
270
27
±5, ±10%
2.52
15
17
5.76
160
Red
Violet
Orange
330
33
±5, ±10%
2.52
15
16
6.44
120
Orange
Orange
Orange
390
39
±5, ±10%
2.52
15
15
6.85
120
Orange
White
Orange
470
47
±5, ±10%
2.52
14
13
9.94
110
Yellow
Violet
Orange
560
56
±5, ±10%
2.52
14
10
10.7
90
Green
Blue
Orange
680
68
±5, ±10%
2.52
14
8
12.8
90
Blue
Gray
Orange
820
82
±5, ±10%
2.52
14
8
18.3
80
Gray
Red
Orange
101
100
±5, ±10%
1
8
7
19.6
120
Brown
Black
Orange
Test Equipment: L, Q: HP4291
SRF: HP4291
RDC: Agilent 34401A


Similar Part No. - LCWF

ManufacturerPart #DatasheetDescription
logo
C&K Components
LCW CK-COMPONENTS-LCW Datasheet
515Kb / 4P
   Subminiature Sealed Snap-acting Switches
26 Feb 19
logo
OSRAM GmbH
LCW-CP7P OSRAM-LCW-CP7P Datasheet
565Kb / 21P
   SMD ceramic package with silicon resin with lens
LCW-CP7P.PC OSRAM-LCW-CP7P.PC Datasheet
459Kb / 19P
   SMD ceramic package with silicon resin with lens
LCW-CPDP.PC OSRAM-LCW-CPDP.PC Datasheet
475Kb / 19P
   SMD ceramic package with silicon resin with lens
LCW-CQ7P.CC OSRAM-LCW-CQ7P.CC Datasheet
559Kb / 22P
   SMD ceramic package with silicon resin with lens
More results

Similar Description - LCWF

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AISM-2220 ABRACON-AISM-2220 Datasheet
948Kb / 2P
   MOLDED FERRITE WIRE WOUND CHIP INDUCTOR
09.09.10
AISC-0805-F ABRACON-AISC-0805-F Datasheet
1Mb / 3P
   WIRE WOUND INDUCTOR - CERAMIC or FERRITE
09.09.14
AISC-0805(F) ABRACON-AISC-0805(F) Datasheet
1Mb / 3P
   WIRE WOUND INDUCTOR - CERAMIC or FERRITE
04.15.11
logo
List of Unclassifed Man...
MCFT000148 ETC2-MCFT000148 Datasheet
622Kb / 10P
   Wire Wound Chip Inductor
logo
AVX Corporation
LCWC0402K101GTAR AVX-LCWC0402K101GTAR Datasheet
302Kb / 10P
   Wire Wound Chip Inductor
logo
Delta Electronics, Inc.
0805CS DELTA-0805CS Datasheet
488Kb / 5P
   WIRE-WOUND CHIP INDUCTOR
logo
WALSIN TECHNOLOGY CORPO...
WLFW1608 WALSIN-WLFW1608 Datasheet
280Kb / 6P
   Wire Wound Ferrite Chip Inductors
WLFW2012 WALSIN-WLFW2012 Datasheet
246Kb / 6P
   Wire Wound Ferrite Chip Inductors
WLFW2520 WALSIN-WLFW2520 Datasheet
291Kb / 6P
   Wire Wound Ferrite Chip Inductors
logo
Abracon Corporation
AISC-1008(F) ABRACON-AISC-1008(F) Datasheet
6Mb / 4P
   Wire Wound Inductor - Ceramic Or Ferrite Base
09.17.13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com