Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M123 Datasheet(PDF) 1 Page - AVX Corporation

Part # M123
Description  MIL-PRF-123/Chips
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

M123 Datasheet(HTML) 1 Page - AVX Corporation

  M123 Datasheet HTML 1Page - AVX Corporation M123 Datasheet HTML 2Page - AVX Corporation M123 Datasheet HTML 3Page - AVX Corporation M123 Datasheet HTML 4Page - AVX Corporation M123 Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
88
HOW TO ORDER
Military Type Designation: Capacitors, Fixed, Ceramic Dielectric,
(Temperature Stable and General Purpose), High Reliability
M123
Mil-Spec
Number
A
Modification
Spec.
10
Slash
Sheet
Number
B
Voltage
B = 50
C = 100
103
Capacitance
Code
BX
Temperature
Characteristic
Capacitance change with
reference to 25ºC over temperature
range -55ºC to +125ºC
Symbol
Without
With Rated
Voltage
DC Voltage
BP
0 ± 30 ppm/ºC 0 ±30 ppm/ºC
BX
+15, -15%
+15, -25%
K
Capacitance
Tolerance
C = ±0.25pF
D = ±0.5pF
F = ±1%
J = ±5%
K = ±10%
M = ±20%
S
Termination
G = Silver – Nickel - Gold
M = Palladium/Silver
S = Silver – Nickel – Solder Coated
Z = Silver – Nickel – Solder Plated
(tin/lead alloy with a minimum
of 4 percent lead)
AVX Corp.’s M123 Series MIL-qualified ceramic capacitors are designed for
high performance applications in BX and BR voltage levels, and for
temperature stable applications in BP and BG voltage levels. The M123A10-
M123A23 have been tested in accordance with MIL-PRF-123 specifications
and are available in a wide range of values and tolerances.
M123 Series capacitors offer design and component engineers a proven
technology for SMD processing and applications requiring space-level reliability.
They are designed for use in critical frequency applications, timing circuits, and
applications where absolute stability is required (BP and BG), as well as in
applications where a wider capacitance variation in temperature, voltage,
frequency, and life span can be tolerated (BX and BR).
Slash Sheet
Case Size
Dielectric
Cap Range (pF)
10
0805
BP
1.0-680
BX
330-470000
11
1210
BP
300-3,300
BX
5,600-100,000
12
1808
BP
300-1,000
BX
5,600-100,000
13
2225
BP
1,100-10,000
BX
120,000-1,000,000
21
1206
BP
1.0-2,200
BX
4,700-39,000
22
1812
BP
1,200-10,000
BX
27,000-180,000
23
1825
BP
3,900-20,000
BX
56,000-470,000
L
W
S
T
(L) Length
(W) Width
(T) Thickness
(S) Termination
Band
CKS51, /10, 0805 Size Chip
2.03 (0.080)
1.27 (0.050)
0.508 (0.020) Min.
0.508 (0.020)
± 0.381 (0.015)
± 0.381 (0.015)
1.40 (0.055) Max.
± 0.254 (0.010)
CKS52, /11, 1210 Size Chip
3.05 (0.120)
2.54 (0.100)
0.508 (0.020) Min.
0.508 (0.020)
± 0.381 (0.015)
± 0.381 (0.015)
1.65 (0.065) Max.
± 0.254 (0.010)
CKS52, /12, 1808 Size Chip
4.57 (0.180)
2.03 (0.080)
0.508 (0.020) Min.
0.508 (0.020)
± 0.381 (0.015)
± 0.381 (0.015)
1.65 (0.065) Max.
± 0.254 (0.010)
CKS54, /13, 2225 Size Chip
5.59 (0.220)
6.35 (0.250)
0.508 (0.020) Min.
0.508 (0.020)
± 0.381 (0.015)
± 0.381 (0.015)
1.78 (0.070) Max.
± 0.254 (0.010)
CKS55, /21, 1206 Size Chip
3.05 (0.120)
1.52 (0.060)
0.508 (0.020) Min.
0.508 (0.020)
± 0.381 (0.015)
± 0.381 (0.015)
1.65 (0.065) Max.
± 0.254 (0.010)
CKS56, /22, 1812 Size Chip
4.57 (0.180)
3.18 (0.125)
0.508 (0.020) Min.
0.508 (0.020)
± 0.381 (0.015)
± 0.381 (0.015)
2.03 (0.080) Max.
± 0.254 (0.010)
CKS56, /23, 1825 Size Chip
4.57 (0.180)
6.35 (0.250)
0.508 (0.020) Min.
0.508 (0.020)
± 0.381 (0.015)
± 0.381 (0.015)
2.03 (0.080) Max.
± 0.254 (0.010)
DIMENSIONS
mm (inches)
MIL-PRF-123/Chips
Performance of SMPS Capacitors can also be simulated by downloading the newly updated SpiCalci 6.0 software program.
Custom values, ratings and configurations are also available, http://www.avx.com/SpiApps/default.asp#spicalci.
Not RoHS Compliant


Similar Part No. - M123

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
M12310BPB472CS KEMET-M12310BPB472CS Datasheet
270Kb / 3P
   CAPACITOR OUTLINE DRAWINGS
M12310BPB472CZ KEMET-M12310BPB472CZ Datasheet
270Kb / 3P
   CAPACITOR OUTLINE DRAWINGS
M12310BPB472DS KEMET-M12310BPB472DS Datasheet
270Kb / 3P
   CAPACITOR OUTLINE DRAWINGS
M12310BPB472DZ KEMET-M12310BPB472DZ Datasheet
270Kb / 3P
   CAPACITOR OUTLINE DRAWINGS
M12310BPB472FS KEMET-M12310BPB472FS Datasheet
270Kb / 3P
   CAPACITOR OUTLINE DRAWINGS
More results

Similar Description - M123

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
M123A11BXB104KS AVX-M123A11BXB104KS Datasheet
143Kb / 5P
   MIL-PRF-123/Chips
CDR31BX102BKUR AVX-CDR31BX102BKUR Datasheet
51Kb / 4P
   MIL-PRF-55681/Chips
CDR01-06 AVX-CDR01-06 Datasheet
46Kb / 2P
   MIL-PRF-55681/Chips
CDR31-35 AVX-CDR31-35 Datasheet
60Kb / 4P
   MIL-PRF-55681/Chips
logo
Kyocera Kinseki Corpota...
CDR31 KSS-CDR31 Datasheet
281Kb / 4P
   MIL-PRF-55681/Chips
logo
Vishay Siliconix
M55342 VISHAY-M55342 Datasheet
123Kb / 2P
   QPL MIL-PRF-55342 Qualified Thin Film Resistor Chips
Revision 08-Oct-04
M55342E01B1C100MBSV VISHAY-M55342E01B1C100MBSV Datasheet
119Kb / 4P
   QPL MIL-PRF-55342 Qualified Thin Film Resistor Chips
Revision: 04-Nov-14
logo
AVX Corporation
CDR31BP471BFWP AVX-CDR31BP471BFWP Datasheet
51Kb / 4P
   MIL-PRF-55681/Chips Part Number Example CDR31 thru CDR35
CDR06BX474AKUR AVX-CDR06BX474AKUR Datasheet
44Kb / 2P
   MIL-PRF-55681/Chips Part Number Example CDR01 thru CDR06
logo
Glenair, Inc.
660-072 GLENAIR-660-072 Datasheet
319Kb / 2P
   MIL-PRF-28876 Dust Covers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com