Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NBM Datasheet(PDF) 1 Page - AVX Corporation

Part # NBM
Description  NBM Multianodes OxiCap짰 Ultra Low ESR Capacitor COTS-Plus Weibull Grade
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

NBM Datasheet(HTML) 1 Page - AVX Corporation

  NBM Datasheet HTML 1Page - AVX Corporation NBM Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MARCH 2013
57
NBM Multianodes
OxiCap
® Ultra Low ESR Capacitor COTS-Plus Weibull Grade
NBM OxiCap
® capacitors are the COTS-
Plus version of the popular NOM Low
ESR multianode capacitor. Capacitors
are available to Weibull failure rates B and
C along with surge current testing per
MIL-PRF-55365 Rev. G. Niobium oxide
technology offers non-burn characteris-
tics along with excellent reliability and
reduced derating.
L
S
AA
W
1
W
H
Technical Data:
All technical data relate to an ambient temperature of +25°C is not stated
Capacitance Range:
220 μF to 680 μF
Capacitance Tolerance:
±20%
Leakage Current DCL:
0.02CV
Rated Voltage DC (V
R)
+85°C:
1.8
2.5
4
6
Category Voltage (V
C)
+125°C:
0.9
1.3
2
3
Surge Voltage (V
S)
+85°C:
2.3
3.3
5.2
8
+125°C:
1.2
1.7
2.6
4
Temperature Range:
-55°C to +125°C
TECHNICAL SPECIFICATIONS
Code
EIA
L±0.20
W+0.20 (0.008)
H+0.20 (0.008)
W
1±0.20
A+0.30 (0.012)
S Min.
Code
(0.008)
–0.10 (0.004)
–0.10 (0.004)
(0.008)
–0.20 (0.008)
E
7343-43
7.30 (0.287)
4.30 (0.169)
4.10 (0.162)
2.40 (0.094)
1.30 (0.051)
4.40 (0.173)
W1 dimension applies to the termination width for A dimensional area only.
CASE DIMENSIONS: millimeters (inches)
Capacitance
Rated Voltage DC (V
R) to 85°C / 0.66 DC to 105ºC / 0.5 DC to 125ºC
μF
Code
1.8V (x)
2.5V (e)
4.0V (G)
6.0V (J)
150
157
220
227
E(40)
330
337
E(35)
E(23)
470
477
E(30)
E(23)
680
687
E(23)
E(23)
1000
108
CAPACITANCE AND RATED VOLTAGE RANGE
(LETTER DENOTES CASE SIZE)


Similar Part No. - NBM

ManufacturerPart #DatasheetDescription
logo
COSEL CO., LTD.
NBM COSEL-NBM Datasheet
466Kb / 2P
   Single phase input type (2-Stage filter)
July 21, 2022
NBM-06-471 COSEL-NBM-06-471 Datasheet
466Kb / 2P
   Single phase input type (2-Stage filter)
July 21, 2022
NBM-10-471 COSEL-NBM-10-471 Datasheet
466Kb / 2P
   Single phase input type (2-Stage filter)
July 21, 2022
NBM-16-471 COSEL-NBM-16-471 Datasheet
466Kb / 2P
   Single phase input type (2-Stage filter)
July 21, 2022
NBM-20-471 COSEL-NBM-20-471 Datasheet
466Kb / 2P
   Single phase input type (2-Stage filter)
July 21, 2022
More results

Similar Description - NBM

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
NBME687M001CSB07 AVX-NBME687M001CSB07 Datasheet
119Kb / 3P
   OxiCap짰 Ultra Low ESR Capacitor COTS-Plus Weibull Grade
TBMMULTIANODE AVX-TBMMULTIANODE Datasheet
137Kb / 3P
   Tantalum Ultra Low ESR COTS-Plus Weibull Grade & Space Level
NOME337M006R0023 AVX-NOME337M006R0023 Datasheet
137Kb / 3P
   OxiCap짰 NOM Low ESR Multianodes
NBS AVX-NBS Datasheet
125Kb / 3P
   NBS COTS-Plus Niobium Oxide Capacitor Weibull Grade
NOSB107M001-0350 AVX-NOSB107M001-0350 Datasheet
117Kb / 4P
   OxiCap짰 NOS Low ESR Series Niobium Oxide Capacitor
TCB AVX-TCB Datasheet
535Kb / 4P
   COTS-Plus Polymer Capacitor
logo
Kemet Corporation
T541X477M006AH6710 KEMET-T541X477M006AH6710 Datasheet
82Kb / 1P
   Military COTS/Low ESR
T541X156M063AH6510 KEMET-T541X156M063AH6510 Datasheet
82Kb / 1P
   Military COTS/Low ESR
T541X106M063AH6510 KEMET-T541X106M063AH6510 Datasheet
82Kb / 1P
   Military COTS/Low ESR
logo
AVX Corporation
TWAE407K100CBSZ0000 AVX-TWAE407K100CBSZ0000 Datasheet
126Kb / 5P
   COTS-Plus Wet Electrolytic Tantalum Capacitor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com