Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NBS Datasheet(PDF) 2 Page - AVX Corporation

Part # NBS
Description  NBS COTS-Plus Niobium Oxide Capacitor Weibull Grade
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

NBS Datasheet(HTML) 2 Page - AVX Corporation

  NBS Datasheet HTML 1Page - AVX Corporation NBS Datasheet HTML 2Page - AVX Corporation NBS Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MARCH 2013
55
NBS COTS-Plus
Niobium Oxide Capacitor Weibull Grade
*
Capacitance
Tolerance
M = ±20%
Packaging
B = Bulk
R = 7" T&R
S = 13" T&R
W = Waffle
See page 6
for additional
packaging
options.
++
Surge Test
Option
00 = None
23 = 10 Cycles, +25ºC
24 = 10 Cycles,
-55ºC & +85ºC
45 = 10 cycles,
-55ºC & +85ºC
before Weibull
NBS
Type
E
Case
Size
C
Standard or
Low ESR
Range
L = Low ESR
#
Inspection Level
S = Std.
Conformance
L = Group A
D = DSCC DWG
HOW TO ORDER
006
Voltage
Code
001 = 1.8Vdc
002 = 2.5Vdc
004 = 4Vdc
006 = 6.3Vdc
227
Capacitance
Code
pF code:
1st two digits
represent
significant
figures 3rd
digit represents
multiplier
(number of
zeros to follow)
@
Reliability Grade
Weibull:
B = 0.1%/1000 hrs.
90% conf.
C = 0.01%/1000 hrs.
90% conf.
0
Qualification
Level
0 = N/A
^
Termination Finish
H = Solder Plated
0 = Fused Solder
Plated
8 = Hot Solder
Dipped
9 = Gold Plated
7 = Matte Sn
(COTS-Plus only)
Technical Data:
All technical data relate to an ambient temperature of +25°C is not stated
Capacitance Range:
10 μF to 1000 μF
Capacitance Tolerance:
±20%
Leakage Current DCL:
0.02CV
Rated Voltage (V
R)
+85°C:
1.8
2.5
4
6.3
Category Voltage (V
C)
+125°C:
0.9
1.3
2
3
Surge Voltage (V
S)
+85°C:
2.3
3.3
5.2
8
+125°C:
1.2
1.7
2.6
4
Temperature Range:
-55°C to +125°C
TECHNICAL SPECIFICATIONS
Not RoHS Compliant
LEAD-FREE COMPATI-
BLE
COMPONENT
For RoHS compliant products,
please select correct termination style.


Similar Part No. - NBS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NBSC1 ETC2-NBSC1 Datasheet
40Kb / 1P
   2.0mm 4 Pin Ceramic Surface Mount Crystal
NBSC3 ETC2-NBSC3 Datasheet
40Kb / 1P
   2.0mm 4 Pin Ceramic Surface Mount Crystal
NBSE1 ETC2-NBSE1 Datasheet
40Kb / 1P
   2.0mm 4 Pin Ceramic Surface Mount Crystal
NBSE3 ETC2-NBSE3 Datasheet
40Kb / 1P
   2.0mm 4 Pin Ceramic Surface Mount Crystal
NBSF1 ETC2-NBSF1 Datasheet
40Kb / 1P
   2.0mm 4 Pin Ceramic Surface Mount Crystal
More results

Similar Description - NBS

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
NBME687M001CSB07 AVX-NBME687M001CSB07 Datasheet
119Kb / 3P
   OxiCap짰 Ultra Low ESR Capacitor COTS-Plus Weibull Grade
NOJA106M006RWJ AVX-NOJA106M006RWJ Datasheet
120Kb / 4P
   Niobium Oxide Capacitor
NBM AVX-NBM Datasheet
118Kb / 2P
   NBM Multianodes OxiCap짰 Ultra Low ESR Capacitor COTS-Plus Weibull Grade
NOSD107M006R0100V AVX-NOSD107M006R0100V Datasheet
117Kb / 5P
   Niobium Oxide Capacitor
NOM AVX-NOM Datasheet
192Kb / 4P
   Niobium Oxide Capacitor
NOJA156M010RWJ AVX-NOJA156M010RWJ Datasheet
116Kb / 4P
   Niobium Oxide Capacitor
NOJB226M01 AVX-NOJB226M01 Datasheet
115Kb / 4P
   Niobium Oxide Capacitor
NOJD107M006RWJ AVX-NOJD107M006RWJ Datasheet
128Kb / 4P
   Niobium Oxide Capacitor
NOS AVX-NOS Datasheet
208Kb / 7P
   Niobium Oxide Capacitor
TBMMULTIANODE AVX-TBMMULTIANODE Datasheet
137Kb / 3P
   Tantalum Ultra Low ESR COTS-Plus Weibull Grade & Space Level
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com