Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

39D358G010JJ6 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 39D358G010JJ6
Description  Aluminum Capacitors 85 °C, Powerlytic® Electrolytics
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

39D358G010JJ6 Datasheet(HTML) 4 Page - Vishay Siliconix

  39D358G010JJ6 Datasheet HTML 1Page - Vishay Siliconix 39D358G010JJ6 Datasheet HTML 2Page - Vishay Siliconix 39D358G010JJ6 Datasheet HTML 3Page - Vishay Siliconix 39D358G010JJ6 Datasheet HTML 4Page - Vishay Siliconix 39D358G010JJ6 Datasheet HTML 5Page - Vishay Siliconix 39D358G010JJ6 Datasheet HTML 6Page - Vishay Siliconix 39D358G010JJ6 Datasheet HTML 7Page - Vishay Siliconix 39D358G010JJ6 Datasheet HTML 8Page - Vishay Siliconix 39D358G010JJ6 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Document Number: 42036
For technical questions, contact: aluminumcaps4@vishay.com
www.vishay.com
Revision: 17-Nov-06
221
39D
Aluminum Capacitors
+ 85 °C, Powerlytic® Electrolytics
Vishay Sprague
Notes
*
These values are normally stocked. Case codes subject to change without notice.
1.
‘4’ suffix was clear PVC sleeve. ‘6’ is blue.
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE
(µF)
CASE
CODE
PART NUMBER
40 WVDC at + 85 °C, SURGE = 50 V
75
EE
39D756G040EE6
150
EJ
39D157G040EJ6
200
EL
39D207G040EL6
250
GE
39D257G040GE6
300
FJ
39D307G040FJ6
350
HE
39D357G040HE6
450
FL
39D457G040FL6
500.0*
GJ
39D507G040GJ6
600
FP
39D607G040FP6
750
GL
39D757G040GL6
1000.0*
GP
39D108G040GP6
1100
HL
39D118G040HL6
1500
HP
39D158G040HP6
1600
JL
39D168G040JL6
1900
HS
39D198G040HS6
2100
JP
39D218G040JP6
2600
JS
39D268G040JS6
3200
JT
39D328G040JT6
50 WVDC at + 85 °C, SURGE = 65 V
50
EE
39D506G050EE6
100
EJ
39D107G050EJ6
150
EL
39D157G050EL6
200.0*
FJ
39D207G050FJ6
250.0*
HE
39D257G050HE6
350
FL
39D357G050FL6
450
FP
39D457G050FP6
500.0*
GL
39D507G050GL6
700
GP
39D707G050GP6
750
JJ
39D757G050JJ6
800.0*
HL
39D807G050HL6
1100.0*
HP
39D118G050HP6
1300
HS
39D138G050HS6
1500
JP
39D158G050JP6
1900
JS
39D198G050JS6
2300.0*
JT
39D238G050JT6
75 WVDC at + 85 °C, SURGE = 95 V
30
EE
39D306G075EE6
75
EJ
39D756G075EJ6
100
EL
39D107G075EL6
150.0*
FJ
39D157G075FJ6
200
FL
39D207G075FL6
250.0*
JE
39D257G075JE6
300
FP
39D307G075FP6
350
GL
39D357G075GL6
450
GP
39D457G075GP6


Similar Part No. - 39D358G010JJ6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
39D VISHAY-39D Datasheet
88Kb / 8P
   Aluminum Capacitors 85 °C, Powerlytic® Electrolytics
Revision: 20-Mar-13
More results

Similar Description - 39D358G010JJ6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
39D VISHAY-39D Datasheet
88Kb / 8P
   Aluminum Capacitors 85 °C, Powerlytic® Electrolytics
Revision: 20-Mar-13
36D VISHAY-36D Datasheet
173Kb / 6P
   Aluminum Capacitors Powerlytic®, Large Can
Revision: 27-Aug-08
36DX931F450CC2A VISHAY-36DX931F450CC2A Datasheet
91Kb / 6P
   Aluminum Capacitors Powerlytic®, Large Can
Revision: 18-Mar-13
630D VISHAY-630D Datasheet
87Kb / 1P
   Aluminum Capacitors Electrolytics
Revision 17-Feb-03
TE1207 VISHAY-TE1207 Datasheet
76Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 28-Aug-12
TE1305 VISHAY-TE1305 Datasheet
77Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 06-Dec-13
TE VISHAY-TE_12 Datasheet
76Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 28-Aug-12
TE1160 VISHAY-TE1160 Datasheet
77Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 06-Dec-13
TE VISHAY-TE Datasheet
76Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 28-Aug-12
TE1211 VISHAY-TE1211 Datasheet
77Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 06-Dec-13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com