Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3RH11311BB40 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # 3RH11311BB40
Description  3RT10 motor contactors
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

3RH11311BB40 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  3RH11311BB40 Datasheet HTML 1Page - Siemens Semiconductor Group 3RH11311BB40 Datasheet HTML 2Page - Siemens Semiconductor Group 3RH11311BB40 Datasheet HTML 3Page - Siemens Semiconductor Group 3RH11311BB40 Datasheet HTML 4Page - Siemens Semiconductor Group 3RH11311BB40 Datasheet HTML 5Page - Siemens Semiconductor Group 3RH11311BB40 Datasheet HTML 6Page - Siemens Semiconductor Group 3RH11311BB40 Datasheet HTML 7Page - Siemens Semiconductor Group 3RH11311BB40 Datasheet HTML 8Page - Siemens Semiconductor Group 3RH11311BB40 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 76 page
background image
3RT, 3RH, 3TB, 3TC, 3TH, 3TK Contactors for Special Applications
3TC Contactors for Switching DC Voltage
1- and 2-pole, 32 ... 400 A
3/75
Siemens LV 1 · 2006
Overview
3TC4 and 3TC5
EN 60947-4-1 (VDE 0660 Part 102)
The contactors are finger-safe according to EN 50274.
Terminal covers may have to be fitted onto the connecting bars,
depending on the configuration with other devices.
The DC motor ratings given in the tables are applicable to the
DC-3 and DC-5 utilization categories with two-pole switching of
the load or with the two conducting paths of the contactor
connected in series.
One contactor conducting path can switch full power up to
220 V. The ratings for higher voltages are available on request.
3TC7
EN 60947-4-1 (VDE 0660 Part 102).
The contactors are suitable for use in any climate. They are
suitable for switching and controlling DC motors as well as all
other DC loads. The electromagnetic excitation is designed for
a particularly wide coil operating range.
It is between 0.7 or 0.8 to 1.2
™ Us.
3TC74 contactors can be used at up to 750V/400A and 50 Hz in
AC-1 operation.
Application
The contactors are suitable for switching and controlling DC
motors as well as all other DC circuits.
A version with an especially large operating range is available
for use in electrically driven vehicles and in switchgear with
significant fluctuations in the operating voltage (see page 3/74).


Similar Part No. - 3RH11311BB40

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
3RH1122-1AB00 SIEMENS-3RH1122-1AB00 Datasheet
1Mb / 76P
   Contactors with Extended Tolerance 0.7 ... 1.25 x , for Railway Applications
3RH1122-1AF00 SIEMENS-3RH1122-1AF00 Datasheet
1Mb / 76P
   Contactors with Extended Tolerance 0.7 ... 1.25 x , for Railway Applications
3RH1122-1AP00 SIEMENS-3RH1122-1AP00 Datasheet
1Mb / 76P
   Contactors with Extended Tolerance 0.7 ... 1.25 x , for Railway Applications
3RH1122-1BB40 SIEMENS-3RH1122-1BB40 Datasheet
1Mb / 76P
   Contactors with Extended Tolerance 0.7 ... 1.25 x , for Railway Applications
3RH1122-1BM40 SIEMENS-3RH1122-1BM40 Datasheet
1Mb / 76P
   Contactors with Extended Tolerance 0.7 ... 1.25 x , for Railway Applications
More results

Similar Description - 3RH11311BB40

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
3RH11401BB40 SIEMENS-3RH11401BB40 Datasheet
1Mb / 76P
   3RT10 motor contactors
logo
List of Unclassifed Man...
LC1-D40 ETC1-LC1-D40 Datasheet
271Kb / 8P
   CONTACTORS / REVERSING CONTACTORS
logo
Allen-Bradley
100S-D ALLEN-BRADLEY-100S-D Datasheet
86Kb / 8P
   Safety Contactors
logo
Zhejiang DongYa Electro...
BZJ-200A DONGYA-BZJ-200A Datasheet
207Kb / 1P
   NC Contactors
logo
GREEGOO Electric Co.,Lt...
EVC8 GREEGOO-EVC8 Datasheet
543Kb / 6P
   Vacuum Contactors
logo
Zhejiang DongYa Electro...
ZLJM-300C DONGYA-ZLJM-300C Datasheet
301Kb / 1P
   Latch contactors
ZLJM-400C DONGYA-ZLJM-400C Datasheet
319Kb / 1P
   Latch contactors
BZJ-400A DONGYA-BZJ-400A Datasheet
207Kb / 1P
   NC Contactors
logo
Telecommunication Elec...
LAD8N20 TELTRON-LAD8N20 Datasheet
372Kb / 12P
   TeSys contactors
logo
Allen-Bradley
100S-C ALLEN-BRADLEY-100S-C Datasheet
29Kb / 1P
   Safety Contactors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com