Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3RH11311BB40 Datasheet(PDF) 11 Page - Siemens Semiconductor Group

Part # 3RH11311BB40
Description  3RT10 motor contactors
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

3RH11311BB40 Datasheet(HTML) 11 Page - Siemens Semiconductor Group

Back Button 3RH11311BB40 Datasheet HTML 7Page - Siemens Semiconductor Group 3RH11311BB40 Datasheet HTML 8Page - Siemens Semiconductor Group 3RH11311BB40 Datasheet HTML 9Page - Siemens Semiconductor Group 3RH11311BB40 Datasheet HTML 10Page - Siemens Semiconductor Group 3RH11311BB40 Datasheet HTML 11Page - Siemens Semiconductor Group 3RH11311BB40 Datasheet HTML 12Page - Siemens Semiconductor Group 3RH11311BB40 Datasheet HTML 13Page - Siemens Semiconductor Group 3RH11311BB40 Datasheet HTML 14Page - Siemens Semiconductor Group 3RH11311BB40 Datasheet HTML 15Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 76 page
background image
3RH, 3TH Contactor Relays
3RH1 contactor relays, 4- and 8-pole
3/81
Siemens LV 1 · 2006
1) Coil operating range
at 50 Hz: 0.8 to 1.1 x Us
at 60 Hz: 0.85 to 1.1 x Us.
2) Coil operating range
at 50/60 Hz: 0.85 to 1.1 x Us
at 60 Hz: 0.8 to 1.1 x Us.
3) Coil operating range
at 50 Hz: 0.85 to 1.1 x Us
at 60 Hz: 0.8 to 1.1 x Us.
Contactor
Type
3RH11
Rated control supply voltages (the 10th and 11th position of the order number must be changed)
AC operation
DC operation
Coils for AC 50 and 60 Hz
Rated control supply
voltage Us
Control supply voltage at
Rated control supply voltage Us
V AC
50/60 Hz1)
V AC
60 Hz
Option
V DC
Option
24
--
B0
12
A4
42
--
D0
24
B4
48
--
H0
42
D4
110
--
F0
48
W4
220
--
N2
60
E4
230
--
P0
110
F4
400
--
V0
125
G4
220
M4
230
P4
For Japan2)
100
110
G6
200
220
N6
400
440
R6
For USA and Canada3)
V AC
50 Hz
V AC
60 Hz
110
120
K6
220
240
P6


Similar Part No. - 3RH11311BB40

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
3RH1122-1AB00 SIEMENS-3RH1122-1AB00 Datasheet
1Mb / 76P
   Contactors with Extended Tolerance 0.7 ... 1.25 x , for Railway Applications
3RH1122-1AF00 SIEMENS-3RH1122-1AF00 Datasheet
1Mb / 76P
   Contactors with Extended Tolerance 0.7 ... 1.25 x , for Railway Applications
3RH1122-1AP00 SIEMENS-3RH1122-1AP00 Datasheet
1Mb / 76P
   Contactors with Extended Tolerance 0.7 ... 1.25 x , for Railway Applications
3RH1122-1BB40 SIEMENS-3RH1122-1BB40 Datasheet
1Mb / 76P
   Contactors with Extended Tolerance 0.7 ... 1.25 x , for Railway Applications
3RH1122-1BM40 SIEMENS-3RH1122-1BM40 Datasheet
1Mb / 76P
   Contactors with Extended Tolerance 0.7 ... 1.25 x , for Railway Applications
More results

Similar Description - 3RH11311BB40

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
3RH11401BB40 SIEMENS-3RH11401BB40 Datasheet
1Mb / 76P
   3RT10 motor contactors
logo
List of Unclassifed Man...
LC1-D40 ETC1-LC1-D40 Datasheet
271Kb / 8P
   CONTACTORS / REVERSING CONTACTORS
logo
Allen-Bradley
100S-D ALLEN-BRADLEY-100S-D Datasheet
86Kb / 8P
   Safety Contactors
logo
Zhejiang DongYa Electro...
BZJ-200A DONGYA-BZJ-200A Datasheet
207Kb / 1P
   NC Contactors
logo
GREEGOO Electric Co.,Lt...
EVC8 GREEGOO-EVC8 Datasheet
543Kb / 6P
   Vacuum Contactors
logo
Zhejiang DongYa Electro...
ZLJM-300C DONGYA-ZLJM-300C Datasheet
301Kb / 1P
   Latch contactors
ZLJM-400C DONGYA-ZLJM-400C Datasheet
319Kb / 1P
   Latch contactors
BZJ-400A DONGYA-BZJ-400A Datasheet
207Kb / 1P
   NC Contactors
logo
Telecommunication Elec...
LAD8N20 TELTRON-LAD8N20 Datasheet
372Kb / 12P
   TeSys contactors
logo
Allen-Bradley
100S-C ALLEN-BRADLEY-100S-C Datasheet
29Kb / 1P
   Safety Contactors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com