Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCUG120050L1 Datasheet(PDF) 2 Page - AVX Corporation

Part # VCUG120050L1
Description  UltraGuard Series ESD Protection for Low Leakage Requirements
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VCUG120050L1 Datasheet(HTML) 2 Page - AVX Corporation

  VCUG120050L1 Datasheet HTML 1Page - AVX Corporation VCUG120050L1 Datasheet HTML 2Page - AVX Corporation VCUG120050L1 Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
66
AVX Part Number
V
W
VW
V
B (Min)
V
C
I
VC
I
L
ET
IP
Cap
Freq
Case
Elements
MGUG040030L2 _ _
3.0
2.3
6.8
18
1
1
0.05
15
300
M
0405
2
MGUG050030L2 _ _
3.0
2.3
17.2
32
1
1
0.1
30
425
M
0508
2
MGUG060030L4 _ _
3.0
2.3
17.2
32
1
1
0.1
30
425
M
0612
4
VCUG040030L1 _ _
3.0
2.3
6.8
18
1
1
0.05
20
175
M
0402
1
VCUG060030L1 _ _
3.0
2.3
6.8
18
1
1
0.1
30
750
K
0603
1
VCUG080030H1 _ _
3.0
2.3
6.8
18
1
1
0.3
120
3000
K
0805
1
VCUG080030L1 _ _
3.0
2.3
6.8
18
1
1
0.1
40
1100
K
0805
1
VCUG120030H1 _ _
3.0
2.3
6.8
18
1
1
0.4
150
3000
K
1206
1
VCUG120030L1 _ _
3.0
2.3
6.8
18
1
1
0.1
40
1200
K
1206
1
MGUG040050L2 _ _
5.0
3.5
20
50
1
1
0.02
15
40
M
0405
2
MGUG050050L2 _ _
5.0
3.5
17.2
32
1
1
0.1
30
425
M
0508
2
MGUG060050L4 _ _
5.0
3.5
17.2
32
1
1
0.1
30
425
M
0612
4
VCUG040050L1 _ _
5.0
3.5
10.8
22
1
1
0.05
20
175
M
0402
1
VCUG060050L1 _ _
5.0
3.5
10.8
22
1
1
0.1
30
550
K
0603
1
VCUG080050L1 _ _
5.0
3.5
10.8
22
1
1
0.1
40
750
K
0805
1
VCUG120050H1 _ _
5.0
3.5
16.3
32
1
1
0.4
150
1050
K
1206
1
VCUG120050L1 _ _
5.0
3.5
16.3
32
1
1
0.1
40
600
K
1206
1
MGUG040075L2 _ _
7.5
5.3
20
50
1
1
0.02
15
40
M
0405
2
MGUG050075L2 _ _
7.5
5.3
17.2
32
1
1
0.1
30
425
M
0508
2
MGUG060075L4 _ _
7.5
5.3
17.2
32
1
1
0.1
30
425
M
0612
4
VCUG040075L1 _ _
7.5
5.3
16.3
32
1
1
0.05
20
85
M
0402
1
VCUG060075L1 _ _
7.5
5.3
16.3
32
1
1
0.1
30
350
K
0603
1
VCUG080075H1 _ _
7.5
5.3
16.3
32
1
1
0.3
120
900
K
0805
1
VCUG080075L1 _ _
7.5
5.3
16.3
32
1
1
0.1
40
325
K
0805
1
VCUG120075H1 _ _
7.5
5.3
16.3
32
1
1
0.4
150
1050
K
1206
1
VCUG120075L1 _ _
7.5
5.3
16.3
32
1
1
0.1
40
600
K
1206
1
MGUG040100L2 _ _
10
7.1
20
50
1
1
0.02
15
40
M
0405
2
MGUG050100L2 _ _
10
7.1
23
42
1
1
0.1
30
225
M
0508
2
MGUG060100L4 _ _
10
7.1
23
42
1
1
0.1
15
120
M
0612
4
VCUG040100L1 _ _
10
7.1
23
42
1
1
0.05
20
65
M
0402
1
VCUG060100L1 _ _
10
7.1
23
42
1
1
0.1
30
150
K
0603
1
VCUG080100H1 _ _
10
7.1
23
42
1
1
0.3
100
550
K
0805
1
VCUG080100L1 _ _
10
7.1
23
42
1
1
0.1
30
225
K
0805
1
VCUG120100H1 _ _
10
7.1
23
42
1
1
0.4
150
900
K
1206
1
VCUG120100L1 _ _
10
7.1
23
42
1
1
0.1
30
350
K
1206
1
MGUG040150L2 _ _
15
11
20
50
1
1
0.02
15
50
M
0405
2
MGUG050150L2 _ _
15
11
20
50
1
1
0.1
20
50
M
0508
2
MGUG060150L4 _ _
15
11
20
50
1
1
0.05
20
75
M
0612
4
VCUG040150L1 _ _
15
11
25
50
1
1
0.02
15
40
M
0402
1
VCUG060150L1 _ _
15
11
31.1
60
1
1
0.1
30
155
K
0603
1
VCUG080150H1 _ _
15
11
31.1
60
1
1
0.3
100
250
K
0805
1
VCUG080150L1 _ _
15
11
31.1
60
1
1
0.1
30
120
K
0805
1
VCUG120150H1 _ _
15
11
31.1
60
1
1
0.4
120
500
K
1206
1
VCUG040180L1 _ _
18
14
28
55
1
1
0.05
10
30
M
0402
1
VCUG080320L1 _ _
32
22
42.3
77
1
1
0.1
40
50
M
0805
1
UltraGuard Series
ESD Protection for Low Leakage Requirements
Termination Finish Code
Packaging Code
VCIR (DC)
DC Circuit Voltage (V)
VCIR (AC)
AC Circuit Voltage (V)
Cap Req
Standard or Low
I
L
Maximum Leakage Current at the Circuit Voltage (μA)
Cap
Typical Capacitance (pF) @ frequency specified and 0.5 Vrms
Freq
Frequency at which capacitance is measured (K = 1kHz, M = 1MHz)


Similar Part No. - VCUG120050L1

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VCUG040030H1DP AVX-VCUG040030H1DP Datasheet
85Kb / 3P
   ESD Protection for Low Leakage Requirements
VCUG040030H1RP AVX-VCUG040030H1RP Datasheet
85Kb / 3P
   ESD Protection for Low Leakage Requirements
VCUG040030H1TP AVX-VCUG040030H1TP Datasheet
85Kb / 3P
   ESD Protection for Low Leakage Requirements
VCUG040030H1WP AVX-VCUG040030H1WP Datasheet
85Kb / 3P
   ESD Protection for Low Leakage Requirements
VCUG040030L1DP AVX-VCUG040030L1DP Datasheet
85Kb / 3P
   ESD Protection for Low Leakage Requirements
More results

Similar Description - VCUG120050L1

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VCUG040180L1WP AVX-VCUG040180L1WP Datasheet
85Kb / 3P
   ESD Protection for Low Leakage Requirements
logo
Texas Instruments
TPD4E1B06 TI1-TPD4E1B06_14 Datasheet
1Mb / 20P
[Old version datasheet]   4-Channel Ultra Low Leakage ESD Protection Device
logo
STMicroelectronics
ESDALCL6-2SC6 STMICROELECTRONICS-ESDALCL6-2SC6 Datasheet
231Kb / 7P
   Very low capacitance and low leakage current ESD protection
October 2012 Rev 1
ESDALCL6-4P6A STMICROELECTRONICS-ESDALCL6-4P6A Datasheet
212Kb / 7P
   Multi-line low capacitance and low leakage current ESD protection
October 2012 Rev 1
ESDALCL5-1BM2 STMICROELECTRONICS-ESDALCL5-1BM2 Datasheet
262Kb / 12P
   Single-line low capacitance and low leakage current ESD protection
October 2012 Rev 1
logo
Jiangsu Changjiang Elec...
CESDLC5V0AT7 JIANGSU-CESDLC5V0AT7 Datasheet
1Mb / 2P
   Low Capacitance for ESD Protection
logo
Weitron Technology
ESD3305B6E WEITRON-ESD3305B6E Datasheet
370Kb / 3P
   Low Voltage TVS for ESD Protection
logo
Semtech Corporation
UCLAMP3306P SEMTECH-UCLAMP3306P Datasheet
201Kb / 8P
   Low Voltage TVS for ESD Protection
UCLAMP3305P SEMTECH-UCLAMP3305P Datasheet
200Kb / 8P
   Low Voltage TVS for ESD Protection
UCLAMP0524P SEMTECH-UCLAMP0524P Datasheet
195Kb / 8P
   Low Voltage TVS for ESD Protection
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com