Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F570 Datasheet(PDF) 5 Page - Microchip Technology

Part # PIC16F570
Description  28-Pin, 8-Bit Flash Microcontroller
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F570 Datasheet(HTML) 5 Page - Microchip Technology

  PIC16F570 Datasheet HTML 1Page - Microchip Technology PIC16F570 Datasheet HTML 2Page - Microchip Technology PIC16F570 Datasheet HTML 3Page - Microchip Technology PIC16F570 Datasheet HTML 4Page - Microchip Technology PIC16F570 Datasheet HTML 5Page - Microchip Technology PIC16F570 Datasheet HTML 6Page - Microchip Technology PIC16F570 Datasheet HTML 7Page - Microchip Technology PIC16F570 Datasheet HTML 8Page - Microchip Technology PIC16F570 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 134 page
background image
 2013 Microchip Technology Inc.
Preliminary
DS40001684B-page 5
PIC16F570
1.0
GENERAL DESCRIPTION
The PIC16F570 device from Microchip Technology is a
low-cost, high-performance, 8-bit, fully-static, Flash-
based CMOS microcontroller. It employs a RISC
architecture with only 36 single-word/single-cycle
instructions. All instructions are single cycle except for
program branches, which take two cycles. The
PIC16F570 device delivers performance an order of
magnitude higher than its competitors in the same price
category. The 12-bit wide instructions are highly
symmetrical,
resulting
in
a
typical
2:1
code
compression over other 8-bit microcontrollers in its
class. The easy-to-use and easy to remember
instruction set reduces development time significantly.
The PIC16F570 product is equipped with special
features that reduce system cost and power
requirements. The Power-on Reset (POR) and Device
Reset Timer (DRT) eliminate the need for external
Reset
circuitry.
There
are
several
oscillator
configurations to choose from, including INTRC
Internal Oscillator mode and the power-saving LP
(Low-Power) Oscillator mode. Power-Saving Sleep
mode, Watchdog Timer and code protection features
improve system cost, power and reliability.
The PIC16F570 device is available in the cost-effective
Flash programmable version, which is suitable for
production in any volume. The customer can take full
advantage of Microchip’s price leadership in Flash
programmable microcontrollers, while benefiting from
the Flash programmable flexibility.
The PIC16F570 product is supported by a full-featured
macro assembler, a software simulator, an in-circuit
emulator, a ‘C’ compiler, a low-cost development
programmer and a full-featured programmer. All the
tools are supported on IBM® PC and compatible
machines.
1.1
Applications
The PIC16F570 device fits in applications ranging from
personal care appliances and security systems to low-
power remote transmitters/receivers. The Flash
technology makes customizing application programs
(transmitter codes,
appliance settings,
receiver
frequencies, etc.) extremely fast and convenient. The
small footprint packages, for through hole or surface
mounting, make these microcontrollers perfect for
applications with space limitations. Low cost, low
power, high performance, ease of use and I/O flexibility
make the PIC16F570 device very versatile, even in
areas where no microcontroller use has been
considered before (e.g., timer functions, logic and
PLDs
in
larger
systems
and
co-processor
applications).
TABLE 1-1:
FEATURES AND MEMORY OF PIC16F570
PIC16F570
Clock
Maximum Frequency of Operation (MHz)
20
Memory
Flash Program Memory
2048
SRAM Data Memory (bytes)
132
Flash Data Memory (bytes)
64
Peripherals
Timer Module(s)
TMR0
Wake-up from Sleep on Pin Change
Yes
Features
I/O Pins
24
Input Pins
1
Internal Pull-ups
Yes
In-Circuit Serial ProgrammingTM
Yes
Number of Instructions
36
Packages
28-pin SPDIP, SOIC, SSOP, QFN, UQFN


Similar Part No. - PIC16F570

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F570 MICROCHIP-PIC16F570 Datasheet
5Mb / 12P
   8-bit PIC짰 Microcontrollers
03/12/14
More results

Similar Description - PIC16F570

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F872 MICROCHIP-PIC16F872 Datasheet
2Mb / 160P
   28-Pin, 8-Bit CMOS FLASH Microcontroller
1999
PIC16F1777 MICROCHIP-PIC16F1777 Datasheet
7Mb / 630P
   28/40/44-Pin, 8-Bit Flash Microcontroller
06/23/16
PIC16F1782 MICROCHIP-PIC16F1782_12 Datasheet
7Mb / 450P
   28-Pin 8-Bit Advanced Analog Flash Microcontroller
10/26/12
PIC12F519 MICROCHIP-PIC12F519 Datasheet
1Mb / 88P
   8-Pin, 8-Bit Flash Microcontroller
2007
PIC16F872 MICROCHIP-PIC16F872_06 Datasheet
2Mb / 168P
   28-Pin, 8-Bit CMOS Flash Microcontroller with 10-Bit A/D
2006
PIC12F510 MICROCHIP-PIC12F510 Datasheet
1Mb / 114P
   8/14-Pin, 8-Bit Flash Microcontroller
2006
PIC12F510 MICROCHIP-PIC12F510_07 Datasheet
1Mb / 116P
   8/14-Pin, 8-Bit Flash Microcontroller
2007
PIC16F526 MICROCHIP-PIC16F526 Datasheet
1Mb / 122P
   14-Pin, 8-Bit Flash Microcontroller
2010
PIC16F527 MICROCHIP-PIC16F527_12 Datasheet
2Mb / 120P
   20-Pin, 8-Bit Flash Microcontroller
11/29/11
PIC12F529T39A MICROCHIP-PIC12F529T39A Datasheet
1Mb / 106P
   14-Pin, 8-Bit Flash Microcontroller
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com