Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F45K80 Datasheet(PDF) 8 Page - Microchip Technology

Part # PIC18F45K80
Description  Flash Microcontroller Programming Specification
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F45K80 Datasheet(HTML) 8 Page - Microchip Technology

Back Button PIC18F45K80 Datasheet HTML 4Page - Microchip Technology PIC18F45K80 Datasheet HTML 5Page - Microchip Technology PIC18F45K80 Datasheet HTML 6Page - Microchip Technology PIC18F45K80 Datasheet HTML 7Page - Microchip Technology PIC18F45K80 Datasheet HTML 8Page - Microchip Technology PIC18F45K80 Datasheet HTML 9Page - Microchip Technology PIC18F45K80 Datasheet HTML 10Page - Microchip Technology PIC18F45K80 Datasheet HTML 11Page - Microchip Technology PIC18F45K80 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
PIC18FXXK80 FAMILY
DS39972B-page 8
 2011 Microchip Technology Inc.
2.4
Memory Maps
For PIC18FX6K80 devices, the code memory space
extends from 000000h to 00FFFFh (64 Kbytes) in four
16-Kbyte blocks. For PIC18FX5K80 devices, the code
memory space extends from 000000h to 007FFFh
(32 Kbytes) in four 8-Kbyte blocks. Addresses, 0000h
through 07FFh or 0FFFh, however, define a “Boot
Block” region that is treated separately from Block 0. All
of these blocks define code protection boundaries
within the code memory space.
The size of the Boot Block in PIC18FXXK80 devices
can be configured as 1 or 2K words (see Table 5-3).
This is done through the BBSIZ bit in the Configuration
register, CONFIG4L (see Table 5-1). It is important to
note that increasing the size of the Boot Block
decreases the size of Block 0.
TABLE 2-2:
IMPLEMENTATION OF CODE
MEMORY
FIGURE 2-7:
MEMORY MAP AND THE CODE MEMORY SPACE FOR PIC18FXXK80 DEVICES(1)
Device
Code Memory Size (Bytes)
PIC18F65K80
000000h-007FFFh (32K)
PIC18F45K80
PIC18F25K80
PIC18LF65K80
PIC18LF45K80
PIC18LF25K80
PIC18F66K80
000000h-00FFFFh (64K)
PIC18F46K80
PIC18F26K80
PIC18LF66K80
PIC18LF46K80
PIC18LF26K80
000000h
200000h
3FFFFFh
01FFFFh
Note 1:
Sizes of memory areas are not to scale.
2:
Boot block size is determined by the BBSIZ bit (CONFIG4L<4>).
Code Memory
Unimplemented
Read as ‘0
Configuration
and ID
Space
Device/Memory Size
PIC18FX6K80
PIC18FX5K80
BBSIZ = 1 BBSIZ = 0
BBSIZ = 1 BBSIZ = 0
Address
Boot
Block(2)
2KW
Boot
Block(2)
Boot
Block(2)
2KW
Boot
Block(2)
0000h
Block 0
7KW
Block 0
3KW
0800h
Block 0
6KW
Block 0
2KW
1000h
1FFFh
Block 1
4KW
Block 1
4KW
2000h
3FFFh
Block 1
8KW
Block 1
8KW
Block 2
4KW
Block 2
4KW
4000h
5FFFh
Block 3
4KW
Block 3
4KW
6000h
7FFFh
Block 2
8KW
Block 2
8KW
8000h
BFFFh
Block 3
8KW
Block 3
8KW
C000h
FFFFh


Similar Part No. - PIC18F45K80

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F45K80 MICROCHIP-PIC18F45K80 Datasheet
5Mb / 628P
   28/40/44/64-Pin, Enhanced Flash Microcontrollers, with ECAN??and nanoWatt XLP Technology
2011
PIC18F45K80 MICROCHIP-PIC18F45K80 Datasheet
5Mb / 622P
   28/40/44/64-Pin, Enhanced Flash Microcontrollers with ECAN??and nanoWatt XLP Technology
11/29/11 2010-2012
PIC18F45K80 MICROCHIP-PIC18F45K80 Datasheet
5Mb / 622P
   28/40/44/64-Pin, Enhanced Flash Microcontrollers with ECAN and nanoWatt XLP Technology
11/29/11
PIC18F45K80 MICROCHIP-PIC18F45K80 Datasheet
5Mb / 622P
   28/40/44/64-Pin, Enhanced Flash Microcontrollers with ECAN??and nanoWatt XLP Technology
11/29/11
PIC18F45K80 MICROCHIP-PIC18F45K80 Datasheet
5Mb / 622P
   28/40/44/64-Pin, Enhanced Flash Microcontrollers
11/29/11
More results

Similar Description - PIC18F45K80

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F26J50-ISO MICROCHIP-PIC18F26J50-ISO Datasheet
619Kb / 32P
   Flash Microcontroller Programming Specification
03/26/09
DSPIC33F MICROCHIP-DSPIC33F Datasheet
988Kb / 80P
   Flash Programming Specification
2007
PIC18LF2XK22 MICROCHIP-PIC18LF2XK22 Datasheet
545Kb / 42P
   Flash Memory Programming Specification
01/05/10 2010
PIC24FJ16GA004-EPT MICROCHIP-PIC24FJ16GA004-EPT Datasheet
681Kb / 52P
   PIC24FJXXXGA0XX Flash Programming Specification
01/02/08
PIC24FJ16GA002-ISS MICROCHIP-PIC24FJ16GA002-ISS Datasheet
681Kb / 52P
   PIC24FJXXXGA0XX Flash Programming Specification
01/02/08
PIC16F72 MICROCHIP-PIC16F72_1 Datasheet
151Kb / 14P
   FLASH Memory Programming Specification
2002
PIC32MX795F512L-80IPT MICROCHIP-PIC32MX795F512L-80IPT Datasheet
1Mb / 68P
   PIC32 Flash Programming Specification
2007-2013
PIC16F87 MICROCHIP-PIC16F87_1 Datasheet
402Kb / 24P
   Flash Memory Programming Specification
2002 - 2003
PIC18LF2X MICROCHIP-PIC18LF2X Datasheet
593Kb / 44P
   Flash Memory Programming Specification
11/29/11 2012
PIC24FJ64GA004-IPT MICROCHIP-PIC24FJ64GA004-IPT Datasheet
681Kb / 52P
   PIC24FJXXXGA0XX Flash Programming Specification
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com