Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F871T Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC16F871T
Description  28/40-Pin, 8-Bit CMOS FLASH Microcontrollers
Download  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F871T Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC16F871T Datasheet HTML 7Page - Microchip Technology PIC16F871T Datasheet HTML 8Page - Microchip Technology PIC16F871T Datasheet HTML 9Page - Microchip Technology PIC16F871T Datasheet HTML 10Page - Microchip Technology PIC16F871T Datasheet HTML 11Page - Microchip Technology PIC16F871T Datasheet HTML 12Page - Microchip Technology PIC16F871T Datasheet HTML 13Page - Microchip Technology PIC16F871T Datasheet HTML 14Page - Microchip Technology PIC16F871T Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 172 page
background image
 2000-2013 Microchip Technology Inc.
DS30569C-page 11
PIC16F870/871
2.0
MEMORY ORGANIZATION
The PIC16F870/871 devices have three memory
blocks. The Program Memory and Data Memory have
separate buses, so that concurrent access can occur,
and is detailed in this section. The EEPROM data
memory block is detailed in Section 3.0.
Additional information on device memory may be found
in the PICmicroTM Mid-Range MCU Family Reference
Manual (DS33023).
2.1
Program Memory Organization
The PIC16F870/871 devices have a 13-bit program
counter capable of addressing an 8K x 14 program
memory space. The PIC16F870/871 devices have
2K x 14 words of FLASH program memory. Accessing
a location above the physically implemented address
will cause a wraparound.
The RESET vector is at 0000h and the interrupt vector
is at 0004h.
FIGURE 2-1:
PIC16F870/871 PROGRAM
MEMORY MAP AND STACK
2.2
Data Memory Organization
The data memory is partitioned into multiple banks
which contain the General Purpose Registers and the
Special Function Registers. Bits RP1 (STATUS<6>)
and RP0 (STATUS<5>) are the bank select bits.
Each bank extends up to 7Fh (128 bytes). The lower
locations of each bank are reserved for the Special
Function Registers. Above the Special Function Regis-
ters are General Purpose Registers, implemented as
static RAM. All implemented banks contain Special
Function Registers. Some “high use” Special Function
Registers from one bank may be mirrored in another
bank for code reduction and quicker access.
2.2.1
GENERAL PURPOSE REGISTER
FILE
The register file can be accessed either directly, or
indirectly through the File Select Register FSR.
PC<12:0>
13
0000h
0004h
0005h
Stack Level 1
Stack Level 8
RESET Vector
Interrupt Vector
On-Chip
CALL, RETURN
RETFIE, RETLW
1FFFh
Stack Level 2
Program
Memory
Page 0
07FFh
0800h
RP<1:0>
Bank
00
0
01
1
10
2
11
3
Note:
EEPROM Data Memory description can
be found in Section 3.0 of this Data Sheet.


Similar Part No. - PIC16F871T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F871T MICROCHIP-PIC16F871T Datasheet
2Mb / 156P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
11/23/99
PIC16F871T-I/L MICROCHIP-PIC16F871T-I/L Datasheet
2Mb / 156P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
11/23/99
PIC16F871T-I/P MICROCHIP-PIC16F871T-I/P Datasheet
2Mb / 156P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
11/23/99
PIC16F871T-I/PQ MICROCHIP-PIC16F871T-I/PQ Datasheet
2Mb / 156P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
11/23/99
PIC16F871T-I/PT MICROCHIP-PIC16F871T-I/PT Datasheet
2Mb / 156P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
11/23/99
More results

Similar Description - PIC16F871T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F87X MICROCHIP-PIC16F87X_13 Datasheet
2Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
11/29/12 1998-2013
PIC16LF877-04PT MICROCHIP-PIC16LF877-04PT Datasheet
2Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
11/29/12
PIC16F7X MICROCHIP-PIC16F7X Datasheet
3Mb / 174P
   28/40-pin, 8-bit CMOS FLASH Microcontrollers
2002
P16F877 MICROCHIP-P16F877 Datasheet
3Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
2001
PIC16F7X MICROCHIP-PIC16F7X Datasheet
3Mb / 170P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
2002
PIC16F87X MICROCHIP-PIC16F87X_01 Datasheet
3Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
2001
PIC16F87X MICROCHIP-PIC16F87X_98 Datasheet
1Mb / 200P
   28/40-pin 8-Bit CMOS FLASH Microcontrollers
1998
PIC16LF73-I MICROCHIP-PIC16LF73-I Datasheet
4Mb / 174P
   28/40-pin, 8-bit CMOS FLASH Microcontrollers
01/18/02
PIC16F877-20IPT MICROCHIP-PIC16F877-20IPT Datasheet
2Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
11/29/12
PIC16F876-04I MICROCHIP-PIC16F876-04I Datasheet
3Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
01/30/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com